Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4M28323PH-F Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K4M28323PH-F
Description  1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4M28323PH-F Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K4M28323PH-F Datasheet HTML 4Page - Samsung semiconductor K4M28323PH-F Datasheet HTML 5Page - Samsung semiconductor K4M28323PH-F Datasheet HTML 6Page - Samsung semiconductor K4M28323PH-F Datasheet HTML 7Page - Samsung semiconductor K4M28323PH-F Datasheet HTML 8Page - Samsung semiconductor K4M28323PH-F Datasheet HTML 9Page - Samsung semiconductor K4M28323PH-F Datasheet HTML 10Page - Samsung semiconductor K4M28323PH-F Datasheet HTML 11Page - Samsung semiconductor K4M28323PH-F Datasheet HTML 12Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
K4M28323PH - F(H)E/G/C/F
October 2005
11
Mobile SDRAM
1. In order to save power consumption, Mobile SDRAM has PASR option.
2. Mobile SDRAM supports 3 kinds of PASR in self refresh mode : full array, 1/2 of full array, 1/4 of full array.
BA1=0
Partial Self Refresh Area
1. Apply power and attempt to maintain CKE at a high state and all other inputs may be undefined.
- Apply VDD before or at the same time as VDDQ.
2. Maintain stable power, stable clock and NOP input condition for a minimum of 200us.
3. Issue precharge commands for all banks of the devices.
4. Issue 2 or more auto-refresh commands.
5. Issue a mode register set command to initialize the mode register.
6. Issue a extended mode register set command to define DS or PASR operating type of the device after normal MRS.
For operating with DS or PASR , set DS or PASR mode in EMRS setting stage.
In order to adjust another mode in the state of DS or PASR mode, additional EMRS set is required but power up sequence is not
needed again at this time. In that case, all banks have to be in idle state prior to adjusting EMRS set.
BA0=0
BA1=0
BA0=0
BA1=0
BA0=1
BA1=1
BA0=1
BA1=1
BA0=0
BA1=1
BA0=1
BA1=1
BA0=0
BA1=0
BA0=1
BA1=0
BA0=0
BA1=0
BA0=1
BA1=1
BA0=1
BA1=1
BA0=0
Partial Array Self Refresh
B. POWER UP SEQUENCE
Internal Temperature Compensated Self Refresh (TCSR)
- Full Array
- 1/2 Array
- 1/4 Array
Note :
1. In order to save power consumption, Mobile-SDRAM includes the internal temperature sensor and control units to control the
self refresh cycle automatically according to the two temperature range ; 45
°C and 85 °C(for Extended) / 70 °C(for Commercial).
2. If the EMRS for external TCSR is issued by the controller, this EMRS code for TCSR is ignored.
3. It has +/- 5
°C tolerance.
Temperature Range
Self Refresh Current (IDD6)
Unit
- E / C
- G / F
Full Array
1/2 Array
1/4 Array
Full Array
1/2 Array
1/4 Array
45
°C*3
150
140
135
100
90
85
uA
85/70
°C
250
210
190
200
160
140


Similar Part No. - K4M28323PH-F

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4M283233H SAMSUNG-K4M283233H Datasheet
151Kb / 12P
   1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M283233H-FG60 SAMSUNG-K4M283233H-FG60 Datasheet
151Kb / 12P
   1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M283233H-FG75 SAMSUNG-K4M283233H-FG75 Datasheet
151Kb / 12P
   1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M283233H-FG7L SAMSUNG-K4M283233H-FG7L Datasheet
151Kb / 12P
   1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M283233H-FL60 SAMSUNG-K4M283233H-FL60 Datasheet
151Kb / 12P
   1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
More results

Similar Description - K4M28323PH-F

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4M283233H SAMSUNG-K4M283233H Datasheet
151Kb / 12P
   1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S28323LF-F SAMSUNG-K4S28323LF-F Datasheet
141Kb / 12P
   1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S283233F SAMSUNG-K4S283233F Datasheet
140Kb / 12P
   1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M28323LH SAMSUNG-K4M28323LH Datasheet
143Kb / 12P
   1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S56323LF SAMSUNG-K4S56323LF Datasheet
140Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S563233F SAMSUNG-K4S563233F Datasheet
140Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M563233E-M SAMSUNG-K4M563233E-M Datasheet
141Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S64323LH SAMSUNG-K4S64323LH Datasheet
141Kb / 12P
   512K x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M56323LE SAMSUNG-K4M56323LE Datasheet
141Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M563233G SAMSUNG-K4M563233G Datasheet
143Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com