Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3709 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3709
Description  Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3709 Datasheet(HTML) 1 Page - Linear Technology

  LTC3709 Datasheet HTML 1Page - Linear Technology LTC3709 Datasheet HTML 2Page - Linear Technology LTC3709 Datasheet HTML 3Page - Linear Technology LTC3709 Datasheet HTML 4Page - Linear Technology LTC3709 Datasheet HTML 5Page - Linear Technology LTC3709 Datasheet HTML 6Page - Linear Technology LTC3709 Datasheet HTML 7Page - Linear Technology LTC3709 Datasheet HTML 8Page - Linear Technology LTC3709 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
LTC3709
3709f
Fast 2-Phase, No RSENSE
TM,
Synchronous DC/DC Controller
with Tracking/Sequencing
PolyPhase
TM Valley Current Mode Controller
Synchronizable to an External Clock with PLL
Coincident or Ratiometric Tracking
Sense Resistor Optional
2% to 90% Duty Cycle at 200kHz
tON(MIN) < 100ns
True Remote Sensing Differential Amplifier
High Efficiency at Both Light and Heavy Loads
Power Good Output Voltage Monitor
0.6V ±1% Reference
Adjustable Current Limit
Programmable Soft-Start and Operating Frequency
Output Overvoltage Protection
Optional Short-Circuit Shutdown Timer
32-Lead (5mm × 5mm) QFN Package
Notebook Computers
Power Supply for DSP, ASIC, Graphic Processors
Protected by U.S. Patents, including 5481178, 6476589, 6144194, 5847554, 6177678,
6304066, 6580258, 6674274, 6462525, 6593724.
High Efficiency Dual Phase 1.5V/30A Step-Down Converter
The LTC
®3709 is a single output, dual phase, synchronous
step-down switching regulator. The controller uses a
constant on-time, valley current control architecture to
deliver very low duty cycles without requiring a sense
resistor. Operating frequency is selected by an external
resistor and is compensated for variations in input supply
voltage. An internal phase-locked loop allows the LTC3709
to be synchronized to an external clock.
A TRACK pin is provided for tracking or sequencing the
output voltage among several LTC3709 chips or an
LTC3709 and other DC/DC regulators. Soft-start is ac-
complished using an external timing capacitor.
Fault protection is provided by an output overvoltage com-
parator and an optional short-circuit shutdown timer. The
current limit level is user programmable. A wide supply
range allows voltages as high as 31V to step down to 0.6V.
FEATURES
DESCRIPTIO
APPLICATIO S
VIN
4.5V TO 28V
+
TRACK
TG1
BOOST1
SW1
BG1
BG2
PGND1
BOOST2
TG2
SW2
SENSE1
SENSE2
PGND2
3709 TA01a
SENSE1+
SENSE2+
5V
324k
10Ω
4.7µF
1µF
47.5k
HAT2168H
HAT2165H
HAT2165H
PGND1
PGND2
0.22µF
0.22µF
HAT2168H
1.22µH
1.22µH
10µF
35V
×3
330µF
2.5V
×4
VOUT
1.5V
30A
VIN
VCC DRVCC ION
VRNG
FCB
PGOOD
LTC3709
RUN/SS
EXTLPF
INTLPF
10k
100nF
ITH
SGND
VFB
DIFFOUT
VOS
VOS
+
1µF
1µF
15k
10k
100k
0.1µF
3.32k
680pF
20k
TYPICAL APPLICATIO
LOAD CURRENT (A)
65
95
100
60
55
90
75
85
80
70
0.01
1
10
100
3709 TA01b
50
3
9
10
2
1
8
5
7
6
4
0
0.1
VIN = 12V
EFFICIENCY
POWER LOSS
Efficiency and Power Loss
, LTC and LT are registered trademarks of Linear Technology Corporation.
No RSENSE and PolyPhase are trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC3709

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3709 LINER-LTC3709_15 Datasheet
326Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
More results

Similar Description - LTC3709

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3709 LINER-LTC3709_15 Datasheet
326Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
LTC3737 LINER-LTC3737_15 Datasheet
280Kb / 24P
   Dual 2-Phase, No RSENSE, DC/DC Controller with Output Tracking
LTC3737 LINER-LTC3737 Datasheet
303Kb / 24P
   Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking
LTC3808 LINER-LTC3808_15 Datasheet
382Kb / 28P
   No RSENSE, Low EMI, Synchronous DC/DC Controller with Output Tracking
LTC3736 LINER-LTC3736 Datasheet
348Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736 LINER-LTC3736_15 Datasheet
441Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2 Datasheet
417Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2_15 Datasheet
354Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
LTC3708 LINER-LTC3708_15 Datasheet
417Kb / 32P
   Fast 2-Phase, No RSENSE Buck Controller with Output Tracking
LTC3809-1 LINER-LTC3809-1_15 Datasheet
266Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com