Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT2UOAAAUPNTABBLK Datasheet(PDF) 3 Page - E-SWITCH

Part # LT2UOAAAUPNTABBLK
Description  PUSHBUTTON SWITCHES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

LT2UOAAAUPNTABBLK Datasheet(HTML) 3 Page - E-SWITCH

  LT2UOAAAUPNTABBLK Datasheet HTML 1Page - E-SWITCH LT2UOAAAUPNTABBLK Datasheet HTML 2Page - E-SWITCH LT2UOAAAUPNTABBLK Datasheet HTML 3Page - E-SWITCH LT2UOAAAUPNTABBLK Datasheet HTML 4Page - E-SWITCH LT2UOAAAUPNTABBLK Datasheet HTML 5Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SERIES TA/LT
Phone: 612-504-3525
Fax: 612-531-8235
7153 Northland Dr., Brooklyn Park, MN 55428
120
PIGGYBACK
PUSHBUTTON SWITCHES
A020901
A020903
The light touch piggyback is often used
where space is a premium or where 2
vertical push buttons are required.
The top switch mechanism controls the
front terminals. The bottom switch
mechanism controls the back terminals.
HOW TO ORDER
LIGHT TOUCH PIGGYBACK MODULES
LIGHT TOUCH PIGGYBACK
To order, simply give model number:
MODEL NUMBER:
A020901
A020903


Similar Part No. - LT2UOAAAUPNTABBLK

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
LT20 ALLIED-LT20 Datasheet
441Kb / 1P
   Ferrite Core Chip Inductors Low Profile
LT20-100K-RC ALLIED-LT20-100K-RC Datasheet
440Kb / 1P
   Ferrite Core Chip Inductors Low Profile
LT20-100K-RC ALLIED-LT20-100K-RC Datasheet
441Kb / 1P
   Ferrite Core Chip Inductors Low Profile
LT20-120K-RC ALLIED-LT20-120K-RC Datasheet
440Kb / 1P
   Ferrite Core Chip Inductors Low Profile
LT20-120K-RC ALLIED-LT20-120K-RC Datasheet
441Kb / 1P
   Ferrite Core Chip Inductors Low Profile
More results

Similar Description - LT2UOAAAUPNTABBLK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
   Pushbutton Switches
logo
Copal Electronics
MSP COPAL-MSP Datasheet
607Kb / 1P
   Pushbutton Switches
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
   PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
   PUSHBUTTON SWITCHES
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
   Pushbutton Switches
logo
C&K Components
F CK-COMPONENTS-F Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
   Pushbutton Switches
28 Nov 22
logo
E-SWITCH
5500 E-SWITCH-5500_1 Datasheet
323Kb / 3P
   PUSHBUTTON SWITCHES
700A E-SWITCH-700A Datasheet
570Kb / 3P
   PUSHBUTTON SWITCHES
logo
C&K Components
SF4UEE CK-COMPONENTS-SF4UEE Datasheet
440Kb / 10P
   Pushbutton Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com