Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100AWDP1T2B2M6QE Datasheet(PDF) 1 Page - E-SWITCH

Part # 100AWDP1T2B2M6QE
Description  PROCESS SEALED MINIATURE TOGGLE SWITCHES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

100AWDP1T2B2M6QE Datasheet(HTML) 1 Page - E-SWITCH

  100AWDP1T2B2M6QE Datasheet HTML 1Page - E-SWITCH 100AWDP1T2B2M6QE Datasheet HTML 2Page - E-SWITCH 100AWDP1T2B2M6QE Datasheet HTML 3Page - E-SWITCH 100AWDP1T2B2M6QE Datasheet HTML 4Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPDT
SERIES 100A SWITCHES
11
SPECIFICATIONS
Contact Rating:
Dependent upon contact material
Electrical Life:
40,000 make-and-break cycles at full load
Contact Resistance:
10 m
Ω max. typical initial @ 2-4 VDC 100 mA
for both silver and gold plated contacts
Insulation Resistance:
1,000 M
Ω min.
Dielectric Strength:
1,000 V RMS @ sea level
Operating Temperature:
-30° C to 85° C
MATERIALS
Case & Bushing:
PBT
Pedestal of Case:
LPC
Actuator:
Brass, chrome plated with internal O-ring seal
Switch Support:
Brass or steel tin plated
Contacts / Terminals:
Silver or gold plated copper alloy
6.11 [.241]
12.80 [.504]
6.90 [.272]
5.30 [.209]
FLAT
Schematic
13
2 Comm.
( ) = Momentary
Model
No.
POS 2
POS 1
POS 3
100A
Actuator
Termination
Series
Bushing
Contact Material
Model No.
100A
WSP1
WSP2
WSP3
WSP4
WSP5
WDP1
WDP2
WDP3
WDP4
WDP5
T1
T2
B1
B4
M1
M2
M5
M6
M7
VS2
VS3
M61
M64
M71
VS21
VS31
Q=Silver
R=Gold
100A
WDP4
T1
B4
M1
R
E
EXAMPLE
HOW TO ORDER
PROCESS SEALED MINIATURE TOGGLE SWITCHES
WSP-1
ON
NONE
ON
WSP-2
ON
NONE
(ON)
WSP-3
ON
OFF
ON
WSP-4
(ON)
OFF
(ON)
WSP-5
ON
OFF
(ON)
Term.
2-3
OPEN
2-1
Comm.
Phone: 763-504-3525
Fax: 763-531-8235
www.e-switch.com info@e-switch.com
Seal
200
EE
200
PP 01-24 Toggle.qxd
5/6/02
1:51 PM
Page 11


Similar Part No. - 100AWDP1T2B2M6QE

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
100AWDP1T2B2M6QEH E-SWITCH-100AWDP1T2B2M6QEH Datasheet
612Kb / 5P
   TOGGLE SWITCHES - MINIATURE
More results

Similar Description - 100AWDP1T2B2M6QE

ManufacturerPart #DatasheetDescription
logo
C&K Components
E101MD1ABE CK-COMPONENTS-E101MD1ABE Datasheet
539Kb / 8P
   Sealed Miniature Toggle Switches
logo
ITT Industries
E101MD1ABE ITT-E101MD1ABE Datasheet
1Mb / 8P
   Sealed Miniature Toggle Switches
logo
Grayhill, Inc
34BWSP12B4M2RT GRAYHILL-34BWSP12B4M2RT Datasheet
185Kb / 4P
   Sealed Miniature Toggle Switches
logo
C&K Components
E107MD1AV2BE CK-COMPONENTS-E107MD1AV2BE Datasheet
621Kb / 8P
   Sealed Miniature Toggle Switches
E105SD1CBE CK-COMPONENTS-E105SD1CBE Datasheet
610Kb / 8P
   Sealed Miniature Toggle Switches
logo
GREATECS
TK21 GREATECS-TK21 Datasheet
231Kb / 4P
   Sealed Miniature SPDT Toggle Switches
logo
Grayhill, Inc
34DWMSP12B4M2RT GRAYHILL-34DWMSP12B4M2RT Datasheet
134Kb / 3P
   Sealed Sub-Miniature Toggle Switches
logo
DB Lectro Inc
ES40-T DBLECTRO-ES40-T Datasheet
466Kb / 5P
   Sealed Sub-Miniature Toggle Switches
logo
GREATECS
STS1A2B1MTAGER GREATECS-STS1A2B1MTAGER Datasheet
175Kb / 1P
   Sub-Miniature Sealed SMT Toggle Switches
TK41 GREATECS-TK41 Datasheet
176Kb / 3P
   Sealed Sub-Miniature SPDT Toggle Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com