Electronic Components Datasheet Search |
|
7004C-02-YS-23 Datasheet(PDF) 1 Page - Bourns Electronic Solutions |
|
7004C-02-YS-23 Datasheet(HTML) 1 Page - Bourns Electronic Solutions |
1 / 2 page Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. Features ■ Accepts POTS lines & Coaxial Protector ■ Manufactured from high-impact resistant, ultraviolet-desensitized, flame retardant, UL Recognized plastic ■ Optional sealed switching jacks with Insulation Displacement Connectors (IDCs) 7004C Series – Network Interface Device How To Order Bourns® Model 7004C NID provides a secure and weather resistant enclosure for Telco service for residential or commercial installations. The 7004C supplies station protection and test access points and can be configured for a maximum of two POTS lines and one 1740-xx coax protector. The 7004C features convenient cable knockouts and generous working space for wire management. ■ Subscriber lockable with Telco override ■ Convenient ground attachment ■ Listed per UL 497 (File: E53117) Model Number Designator Number of Twisted Pairs 0 = None 1 = One 2 = Two Station Protector Options D1 = 455HS-MSP (2377-45-HS) Voice/Data/DSL (UL,cUL) Z1 = 455HS-BC* (2377-45-BC) Balance-Sensitive DSL (UL, cUL) E2 = 155HS-MSP (2378-35-HS) Voice/DSL/Data (UL, cUL) Y2 = 155HS-BC* (2378-35-BC) Balance-Sensitive DSL (UL, cUL) B = 125EW (2374-01) Dual Gas Tube (UL, cUL, Telcordia) C = 125EW-R (2375-01) Dual Gas Tube (UL, cUL, RUS) L = 356M (2377-01) Balanced Gas Tube (UL, cUL, RUS) M = J130S (2380-27-01) Solid State Protector (UL, cUL) T = Tii355M O = No Station Protectors *For DSL systems requiring capacitive balance within 1 pF. Note 1 = Digi.Guard - 356 size, RUS Maximum Duty. Note 2 = Digi.Guard II - 125 size, RUS Heavy Duty. Special Options H = Security Screw in security plate B = Expansion Bridge w/Binding Posts (85122-B) S = Sealed Switching Jack w/IDC (85122-T-IDC) I = Expansion Bridge w/IDC (85122-IDC) F = Sealed Switching Jack 4-Post (85122-T4) O = No options (standard 85122 jack) Coax Protector Options 15 = 1740-15 (150 V±20 % DC Breakdown @ 100 V/Sec) 23 = 1740-23 (230 V±20 % DC Breakdown @ 100 V/Sec) 35 = 1740-35 (350 V±20 % DC Breakdown @ 100 V/Sec) To add lines, use station protector + 85122 Standard Jack 85122-T4 Sealed Switching Jack, 4-post 85122-T-IDC Sealed Switching Jack w/IDC 7004C - 0X - X X - XX REV. A 07/06 UL ® |
Similar Part No. - 7004C-02-YS-23 |
|
Similar Description - 7004C-02-YS-23 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |