Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA12J12B2ADQF6 Datasheet(PDF) 2 Page - ITT Industries

Part # DA12J12B2ADQF6
Description  Miniature Single Pole Rocker Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DA12J12B2ADQF6 Datasheet(HTML) 2 Page - ITT Industries

  DA12J12B2ADQF6 Datasheet HTML 1Page - ITT Industries DA12J12B2ADQF6 Datasheet HTML 2Page - ITT Industries DA12J12B2ADQF6 Datasheet HTML 3Page - ITT Industries DA12J12B2ADQF6 Datasheet HTML 4Page - ITT Industries DA12J12B2ADQF6 Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Dimensions are shown: Inch (mm)
Dimensions subject to change
www.ittcannon.com
4
SWITCH FUNCTION
C&K DA Series
Miniature Single Pole Rocker Switches
SWITCH FUNCTION
CONNECTED TERMINALS
C&K marking on opposite side
C&K marking on opposite side
NO.
POLES
MODEL NO.
SCHEMATIC
SP
ON
ON
ON
OFF
DA101
DA102
2-3
2-1
OR
For 7 & 8
Illuminated Versions
Only
NONE
NONE
N/A
For 6 Illuminated
Versions Only
+
ACTUATOR
J1 ROCKER
NOTE: J3 actuator available with DAX02 switch functions only.
J2 TWO-TONE ROCKER
NOTE: Available with DA102 switch function and P actuator marking only.
J3 ILLUMINATED ROCKER
.389
(9,88)
.142
(3,6)
ON
ON
DA103
OFF
ON
OFF
DA12 *
NONE
*
DA12 - for switches with both marking and illumination


Similar Part No. - DA12J12B2ADQF6

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DA12-050AU-M EMERSON-NETWORKPOWER-DA12-050AU-M Datasheet
603Kb / 4P
   Medical and ITE Safeties
logo
Artesyn Technologies
DA12-050AU-M ARTESYN-DA12-050AU-M Datasheet
2Mb / 6P
   Total Power: 12 Watts
DA12-050AU-M ARTESYN-DA12-050AU-M Datasheet
2Mb / 6P
   Medical and ITE Safeties
logo
Emerson Network Power
DA12-050EU-M EMERSON-NETWORKPOWER-DA12-050EU-M Datasheet
603Kb / 4P
   Medical and ITE Safeties
logo
Artesyn Technologies
DA12-050EU-M ARTESYN-DA12-050EU-M Datasheet
2Mb / 6P
   Total Power: 12 Watts
More results

Similar Description - DA12J12B2ADQF6

ManufacturerPart #DatasheetDescription
logo
C&K Components
DA101J11S215DQF6 CK-COMPONENTS-DA101J11S215DQF6 Datasheet
286Kb / 4P
   Miniature Single Pole Rocker Switches
DA CK-COMPONENTS-DA Datasheet
505Kb / 4P
   Miniature Single Pole Rocker Switches
15 May 20
logo
ITT Industries
DT12J12S215QA ITT-DT12J12S215QA Datasheet
306Kb / 4P
   Miniature Double Pole Rocker Switches
logo
C&K Components
DM62J12S205PQ CK-COMPONENTS-DM62J12S205PQ Datasheet
253Kb / 4P
   Miniature 2 Pole Power Rocker Switches
DM21J12S205DQ CK-COMPONENTS-DM21J12S205DQ Datasheet
1Mb / 4P
   Miniature 2 Pole Power Rocker Switches
logo
ITT Industries
DM21J12S205Q ITT-DM21J12S205Q Datasheet
349Kb / 4P
   Miniature 2 Pole Power Rocker Switches
logo
C&K Components
DM CK-COMPONENTS-DM Datasheet
851Kb / 8P
   Miniature 2 Pole Power Rocker Switches
15 May 20
logo
List of Unclassifed Man...
H8500VBBB-551W-B ETC2-H8500VBBB-551W-B Datasheet
190Kb / 2P
   8500 Rocker Switches - Miniature 10A 250Vac Single & Double Pole
logo
ITT Industries
CG101J12S205QF ITT-CG101J12S205QF Datasheet
154Kb / 4P
   Single Pole Power Rocker Switches
CM101J12S205QA ITT-CM101J12S205QA Datasheet
151Kb / 4P
   Single Pole Power Rocker Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com