Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA103J1GB2ADQF6 Datasheet(PDF) 4 Page - ITT Industries

Part # DA103J1GB2ADQF6
Description  Miniature Single Pole Rocker Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DA103J1GB2ADQF6 Datasheet(HTML) 4 Page - ITT Industries

  DA103J1GB2ADQF6 Datasheet HTML 1Page - ITT Industries DA103J1GB2ADQF6 Datasheet HTML 2Page - ITT Industries DA103J1GB2ADQF6 Datasheet HTML 3Page - ITT Industries DA103J1GB2ADQF6 Datasheet HTML 4Page - ITT Industries DA103J1GB2ADQF6 Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
.031
(0,8)
.669
(17,0)
.268
(6,8)
.024
(0,6)
.059
(1,5)
.110
(2,8)
.098 DIA.
(ø2,5)
12
.031
(0,8)
.280
(7,1)
.543
(13,8)
.051
(1,3)
.630
(16,0)
.138
(3,5)
Dimensions are shown: Inch (mm)
Dimensions subject to change
www.ittcannon.com
6
TERMINATION
15 (STD.) .187” QUICK CONNECT
17 SOLDER LUG
ACTUATOR MARKING
CONTACT MATERIAL
OPTION
CODE
CONTACT AND TERMINAL MATERIAL
RATINGS
QF (STD.)
SILVER
POWER
16 AMPS @ 125 VAC; 1/3 HP; 10 AMPS @ 250 VAC; 1/2 HP,
(UL/CSA). 10 AMPS @ 125 VAC, 6 AMPS @ 250 VAC (VDE)
NONE (STD.) NO MARKING D ON-OFF
H O l
N LARGE DOT
P O -
NOTE: Orientation of actuator marking and terminals.
C&K DA Series
Miniature Single Pole Rocker Switches
02 THRU-HOLE
A RIGHT ANGLE
LAMP RATING
(NONE) (STD.) NO LAMP
6 LED RATING @ 10 mA V
f=1.85V
7 125 VAC 33kΩ NEON
8 250 VAC 150kΩ NEON
123
.512
(13,0)
.031
(0,8)
.280
(7,1)
.543
(13,8)
.051
(1,3)
1.075
(27,3)


Similar Part No. - DA103J1GB2ADQF6

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DA103JC MURATA-PS-DA103JC Datasheet
121Kb / 3P
   SM Transformers for Digital Audio Data Transmission
DA103JC MURATA-PS-DA103JC Datasheet
329Kb / 4P
   SM Transformers for Digital Audio Data Transmission
2023
More results

Similar Description - DA103J1GB2ADQF6

ManufacturerPart #DatasheetDescription
logo
C&K Components
DA101J11S215DQF6 CK-COMPONENTS-DA101J11S215DQF6 Datasheet
286Kb / 4P
   Miniature Single Pole Rocker Switches
DA CK-COMPONENTS-DA Datasheet
505Kb / 4P
   Miniature Single Pole Rocker Switches
15 May 20
logo
ITT Industries
DT12J12S215QA ITT-DT12J12S215QA Datasheet
306Kb / 4P
   Miniature Double Pole Rocker Switches
logo
C&K Components
DM62J12S205PQ CK-COMPONENTS-DM62J12S205PQ Datasheet
253Kb / 4P
   Miniature 2 Pole Power Rocker Switches
DM21J12S205DQ CK-COMPONENTS-DM21J12S205DQ Datasheet
1Mb / 4P
   Miniature 2 Pole Power Rocker Switches
logo
ITT Industries
DM21J12S205Q ITT-DM21J12S205Q Datasheet
349Kb / 4P
   Miniature 2 Pole Power Rocker Switches
logo
C&K Components
DM CK-COMPONENTS-DM Datasheet
851Kb / 8P
   Miniature 2 Pole Power Rocker Switches
15 May 20
logo
List of Unclassifed Man...
H8500VBBB-551W-B ETC2-H8500VBBB-551W-B Datasheet
190Kb / 2P
   8500 Rocker Switches - Miniature 10A 250Vac Single & Double Pole
logo
ITT Industries
CG101J12S205QF ITT-CG101J12S205QF Datasheet
154Kb / 4P
   Single Pole Power Rocker Switches
CM101J12S205QA ITT-CM101J12S205QA Datasheet
151Kb / 4P
   Single Pole Power Rocker Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com