Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP275AIDGKRG4 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # TMP275AIDGKRG4
Description  0.5째C Digital Out Temperature Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TMP275AIDGKRG4 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  TMP275AIDGKRG4 Datasheet HTML 1Page - Burr-Brown (TI) TMP275AIDGKRG4 Datasheet HTML 2Page - Burr-Brown (TI) TMP275AIDGKRG4 Datasheet HTML 3Page - Burr-Brown (TI) TMP275AIDGKRG4 Datasheet HTML 4Page - Burr-Brown (TI) TMP275AIDGKRG4 Datasheet HTML 5Page - Burr-Brown (TI) TMP275AIDGKRG4 Datasheet HTML 6Page - Burr-Brown (TI) TMP275AIDGKRG4 Datasheet HTML 7Page - Burr-Brown (TI) TMP275AIDGKRG4 Datasheet HTML 8Page - Burr-Brown (TI) TMP275AIDGKRG4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
FEATURES
D 8 ADDRESSES
D DIGITAL OUTPUT: Two-Wire Serial Interface
D RESOLUTION: 9- to 12-Bits, User-Selectable
D ACCURACY:
±0.5°C (max) from +10°C to +85°C
±0.75°C (max) from +0°C to +100°C
D LOW QUIESCENT CURRENT:
50
µA, 0.1µA Standby
D WIDE SUPPLY RANGE: 2.7V to 5.5V
D SMALL MSOP-8 PACKAGE
APPLICATIONS
D POWER-SUPPLY TEMPERATURE
MONITORING
D COMPUTER PERIPHERAL THERMAL
PROTECTION
D NOTEBOOK COMPUTERS
D CELL PHONES
D BATTERY MANAGEMENT
D OFFICE MACHINES
D THERMOSTAT CONTROLS
D ENVIRONMENTAL MONITORING AND HVAC
D ELECTROMECHANICAL DEVICE
TEMPERATURE
Temperature Error (
_C)
TEMPERATURE ERROR AT 25
_C
DESCRIPTION
The TMP275 is a 0.5
°C accurate, two-wire, serial output
temperature sensor available in the MSOP-8 package. The
TMP275 is capable of reading temperatures with a resolution
of 0.0625
°C.
The TMP275 is SMBus-compatible and allows up to eight
devices on one bus. It is ideal for extended temperature
measurement in a variety of communication, computer,
consumer, environmental, industrial, and instrumentation
applications.
The TMP275 is specified for operation over a temperature
range of −40
°C to +125°C.
Diode
Temp.
Sensor
∆Σ
A/D
Converter
OSC
Control
Logic
Serial
Interface
Config.
and Temp.
Register
TMP275
Temperature
ALERT
SDA
1
3
4
8
6
5
GND
V+
A1
SCL
27
A0
A2
TEMPERATURE ERROR vs TEMPERATURE
36 Units Shown
Temperature (
_C)
−55 −35 −15
5
25456585
105
125 130
0.500
0.375
0.250
0.125
0
−0.125
−0.250
−0.375
−0.500
TMP275
SBOS363A − JUNE 2006 − REVISED JUNE 2006
0.5
°C Digital Out Temperature Sensor
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2006, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - TMP275AIDGKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP275AIDGKRG4 TI-TMP275AIDGKRG4 Datasheet
832Kb / 19P
[Old version datasheet]   0.5 C Digital Out Temperature Sensor
More results

Similar Description - TMP275AIDGKRG4

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP9808-E-MS MICROCHIP-MCP9808-E-MS Datasheet
1Mb / 52P
   0.5째C Maximum Accuracy Digital Temperature Sensor
08/02/11
logo
Texas Instruments
TMP275AIDR TI-TMP275AIDR Datasheet
832Kb / 19P
[Old version datasheet]   0.5 C Digital Out Temperature Sensor
LMT01 TI-LMT01 Datasheet
974Kb / 27P
[Old version datasheet]   0.5째C Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
logo
Burr-Brown (TI)
TMP401 BURR-BROWN-TMP401 Datasheet
297Kb / 24P
   1C Programmable, Remote/Local, Digital Out TEMPERATURE SENSOR
logo
Texas Instruments
TMP141AIDGKRG4 TI-TMP141AIDGKRG4 Datasheet
651Kb / 24P
[Old version datasheet]   Digital Out Temperature Sensor with Single-Wire SensorPath Bus
TMP141 TI-TMP141 Datasheet
295Kb / 19P
[Old version datasheet]   Digital Out Temperature Sensor with Single-Wire SensorPath Bus
TMP401 TI1-TMP401_15 Datasheet
992Kb / 41P
[Old version datasheet]   TMP401 짹1째C Programmable, Remote and Local, Digital Out Temperature Sensor
logo
TE Connectivity Ltd
TSYS02D TEC-TSYS02D_17 Datasheet
156Kb / 3P
   Digital Temperature Sensor
TSYS01 TEC-TSYS01 Datasheet
443Kb / 10P
   Digital Temperature Sensor
TSYS02D TEC-TSYS02D Datasheet
182Kb / 4P
   Digital Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com