Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7327PHPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # THS7327PHPR
Description  3-Channel RGBHV Video Buffer with I2C Control, Selectable Filters, Monitor Pass-Thru,2:1 Input MUX, and Selectable Input Bias Modes
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7327PHPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS7327PHPR Datasheet HTML 6Page - Texas Instruments THS7327PHPR Datasheet HTML 7Page - Texas Instruments THS7327PHPR Datasheet HTML 8Page - Texas Instruments THS7327PHPR Datasheet HTML 9Page - Texas Instruments THS7327PHPR Datasheet HTML 10Page - Texas Instruments THS7327PHPR Datasheet HTML 11Page - Texas Instruments THS7327PHPR Datasheet HTML 12Page - Texas Instruments THS7327PHPR Datasheet HTML 13Page - Texas Instruments THS7327PHPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
www.ti.com
FUNCTIONAL DIAGRAM
V-Sync
InputB
9/16/35/
75MHz
9/16/35/
75MHz
LPF
AC
Sync
TIP
Clamp
DC
DC
+Offset
Bypass
AC-
BIAS
LPF
Bypass
LPF
Bypass
+
-
+
-
+
-
1kW
1kW
1kW
878 W
878 W
878 W
675 W
675 W
675 W
150 W
150 W
150 W
+
-
+
-
+
-
2:1
2:1
2:1
SCHMITT
TRIGGER
ADJUST
+1.4V
10kW
+
-
+
-
SDA
I2C-
A0
SCL
+VA
Channel3Buffer
Output(To ADC)
Channel3Monitor
Output
Channel3SAG
Vertical Sync
MonitorOUTPUT
AGND
+VDD DGND
PUC
MUX
MODE
MUX
SELECT
Disable
=OPEN
Disable
=OPEN
Channel1Buffer
Output(To ADC)
Channel1Monitor
Output
Channel1SAG
Disable
=OPEN
2:1
2:1
AC
Sync
TIP
Clamp
DC
X1
DC
+Offset
AC-
BIAS
AC
Sync
TIP
Clamp
DC
X1
DC
+Offset
AC-
BIAS
X1
Channel1
InputB
Channel2
InputB
Channel3
InputB
H-Sync
InputB
V-Sync
Input A
Channel1
Input A
Channel2
Input A
Channel3
Input A
H-Sync
Input A
Channel2Buffer
Output(To ADC)
Channel2Monitor
Output
Channel2SAG
I2C-
A1
HorizontalSync
BufferOUTPUT
HorizontalSync
MonitorOUTPUT
Vertical Sync
BufferOUTPUT
9/16/35/
75MHz
THS7327
SLOS502 – SEPTEMBER 2006
NOTE: The I2C Address of the THS7327 is 01011(A1)(A0)(R/W)
10
Submit Documentation Feedback


Similar Part No. - THS7327PHPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7320 TI-THS7320 Datasheet
1Mb / 35P
[Old version datasheet]   3-Channel ED Filter Video Amplifier with 4-V/V Gain
THS7320IYHCR TI-THS7320IYHCR Datasheet
1Mb / 35P
[Old version datasheet]   3-Channel ED Filter Video Amplifier with 4-V/V Gain
THS7320IYHCT TI-THS7320IYHCT Datasheet
1Mb / 35P
[Old version datasheet]   3-Channel ED Filter Video Amplifier with 4-V/V Gain
More results

Similar Description - THS7327PHPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7347 TI1-THS7347_15 Datasheet
1Mb / 33P
[Old version datasheet]   3-Channel RGBHV Video Buffer with I2C Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
THS7347 TI-THS7347 Datasheet
481Kb / 28P
[Old version datasheet]   3-Channel RGBHV Video Buffer with I2C??Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
THS7353 TI1-THS7353_15 Datasheet
1Mb / 57P
[Old version datasheet]   3-Channel Low Power Video Buffer with I2C Control, Selectable Filters, External Gain Control, 2:1 Input MUX, and Selectable Input Modes
THS7353 TI-THS7353 Datasheet
6Mb / 51P
[Old version datasheet]   3-Channel Low Power Video Buffer with I2C Control, Selectable Filters, External Gain Control, 2:1 Input MUX, and Selectable Input Modes
THS7303 TI-THS7303 Datasheet
5Mb / 43P
[Old version datasheet]   3-Channel Low Power Video Amplifier with I2C Control, Selectable Filters, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
THS7313 TI-THS7313 Datasheet
5Mb / 48P
[Old version datasheet]   3-Channel Low Power SDTV Video Amplifier with I2C Control, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
logo
Cypress Semiconductor
CY2DP1504 CYPRESS-CY2DP1504 Datasheet
301Kb / 14P
   1:4 LVPECL Fanout Buffer with Selectable Clock Input
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
   1:10 LVPECL Fanout Buffer with Selectable Clock Input
CY2DL1504 CYPRESS-CY2DL1504 Datasheet
309Kb / 15P
   1:4 Differential LVDS Fanout Buffer with Selectable Clock Input
CY2DL15110 CYPRESS-CY2DL15110 Datasheet
430Kb / 13P
   1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com