Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3793RHBRG4 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM3793RHBRG4
Description  16-Bit, Low-Power Stereo Audio CODEC With Microphone Bias, Headphone, and Digital Speaker Amplifier
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3793RHBRG4 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  PCM3793RHBRG4 Datasheet HTML 1Page - Burr-Brown (TI) PCM3793RHBRG4 Datasheet HTML 2Page - Burr-Brown (TI) PCM3793RHBRG4 Datasheet HTML 3Page - Burr-Brown (TI) PCM3793RHBRG4 Datasheet HTML 4Page - Burr-Brown (TI) PCM3793RHBRG4 Datasheet HTML 5Page - Burr-Brown (TI) PCM3793RHBRG4 Datasheet HTML 6Page - Burr-Brown (TI) PCM3793RHBRG4 Datasheet HTML 7Page - Burr-Brown (TI) PCM3793RHBRG4 Datasheet HTML 8Page - Burr-Brown (TI) PCM3793RHBRG4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
www.ti.com
PCM3793
PCM3794
SLES193A – AUGUST 2006 – REVISED SEPTEMBER 2006
ELECTRICAL CHARACTERISTICS (continued)
All specifications at T
A = 25°C, VDD = VIO = VCC = VPA = 3.3 V, fS = 48 kHz, system clock = 256 fS, and 16-bit data (unless
otherwise noted).
PCM3793RHB, PCM3794RHB
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
Line Input to Digital Output Through ADC (AIN1L/R, AIN2L/R, AIN3L, and AIN3L/R)
ALC = OFF, microphone boost = 0 dB, PGA = 0 dB, speaker and headphone = powered down, analog mixing = disabled
DYNAMIC PERFORMANCE
2.828
Vp-p
Full-scale input voltage
0 dB
1
Vrms
Dynamic range
EIAJ, A-weighted
90
dB
SNR
Signal-to-noise ratio
EIAJ, A-weighted
83
90
dB
Channel separation
87
dB
THD+N
Total harmonic distortion + noise
–1 dB
0.009%
ANALOG INPUT
Center voltage
0.5 VCC
V
Input impedance
10
20
k
Microphone Bias
ALC = OFF, microphone boost = 0 dB, PGA = 0 dB, speaker and headphone = powered down, analog mixing = disabled
Bias voltage
0.75 VCC
V
Bias source current
2
mA
Output noise
14
µV
Filter Characteristics
INTERPOLATION FILTER FOR DAC
Pass band
0.454 fS
Stop band
0.546 fS
Pass-band ripple
±0.04
dB
Stop-band attenuation
–50
dB
Group delay
19/fs
s
De-emphasis error
±0.1
dB
ANALOG FILTER FOR DAC
Frequency response
f = 20 kHz
±0.2
dB
DECIMATION FILTER FOR ADC
Pass band
0.408 fS
Stop band
0.591 fS
Pass-band ripple
±0.02
dB
Stop-band attenuation
f < 3.268 fS
–60
dB
Group delay
17/fS
s
HIGH-PASS FILTER FOR ADC
–3 dB, fc = 4 Hz
3.74
–0.5 dB, fc = 4 Hz
10.66
–0.1 dB, fc = 4 Hz
24.2
Frequency response
Hz
–3 dB, fc = 240 Hz
235.68
–0.5 dB, fc = 240 Hz
609.95
–0.1 dB, fc = 240 Hz
2601.2
5
Submit Documentation Feedback


Similar Part No. - PCM3793RHBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3793RHBR TI1-PCM3793RHBR Datasheet
1Mb / 68P
[Old version datasheet]   Low-Power Stereo Audio CODEC
More results

Similar Description - PCM3793RHBRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM3793A BURR-BROWN-PCM3793A Datasheet
1Mb / 68P
   16-Bit, Low-Power Stereo Audio CODEC With Microphone Bias, Headphone, and Digital Speaker Amplifier
logo
Protek Devices
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
   Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
Texas Instruments
PCM1870A TI-PCM1870A Datasheet
675Kb / 46P
[Old version datasheet]   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Burr-Brown (TI)
PCM1870 BURR-BROWN-PCM1870 Datasheet
759Kb / 49P
   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
PA5331 PROTEC-PA5331 Datasheet
744Kb / 27P
   Low Power 24-Bit, Stereo Audio CODEC With Headphone Amplifier
logo
Suzhou Everest Semicond...
ES8328 EVEREST-ES8328 Datasheet
527Kb / 37P
   Low Power Stereo Audio CODEC With Headphone Amplifier
Revision 1.0
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
   Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Texas Instruments
TLV320AIC26 TI-TLV320AIC26_07 Datasheet
968Kb / 74P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC WITH HEADPHONE/SPEAKER AMPLIFIER AND 12-BIT BATTERY / TEMPERATURE / AUXILIARY ADC
TLV320AIC26 TI-TLV320AIC26 Datasheet
628Kb / 63P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC WITH HEADPHONE/SPEAKER AMPLIFIER AND 12-BIT BATTERY / TEMPERATURE / AUXILIARY ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com