Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3793RHBRG4 Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM3793RHBRG4
Description  16-Bit, Low-Power Stereo Audio CODEC With Microphone Bias, Headphone, and Digital Speaker Amplifier
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3793RHBRG4 Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button PCM3793RHBRG4 Datasheet HTML 4Page - Burr-Brown (TI) PCM3793RHBRG4 Datasheet HTML 5Page - Burr-Brown (TI) PCM3793RHBRG4 Datasheet HTML 6Page - Burr-Brown (TI) PCM3793RHBRG4 Datasheet HTML 7Page - Burr-Brown (TI) PCM3793RHBRG4 Datasheet HTML 8Page - Burr-Brown (TI) PCM3793RHBRG4 Datasheet HTML 9Page - Burr-Brown (TI) PCM3793RHBRG4 Datasheet HTML 10Page - Burr-Brown (TI) PCM3793RHBRG4 Datasheet HTML 11Page - Burr-Brown (TI) PCM3793RHBRG4 Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
www.ti.com
PCM3793
PCM3794
SLES193A – AUGUST 2006 – REVISED SEPTEMBER 2006
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
PCM3793RHB
PCM3794RHB
AGND
19
19
Ground for analog
AIN1L
27
27
I
Analog input 1 for L-channel
AIN1R
26
26
I
Analog input 1 for R-channel
AIN2L
25
25
I
Analog input 2 for L-channel
AIN2R
24
24
I
Analog input 2 for R-channel
AIN3L
23
23
I
Analog input 3 for L-channel
AIN3R
22
22
I
Analog input 3 for R-channel
BCK
1
1
I/O
Serial bit clock
DGND
6
6
Digital ground
DIN
2
2
I
Serial audio data input
DOUT
3
3
O
Serial audio data output
HDTI
8
8
I
Headphone plug insertion detection
HPCOM/MONO
9
9
O
Headphone common/mono line output
HPOL/LOL
17
17
O
Headphone/lineout for R-channel
HPOR/LOR
16
16
O
Headphone/lineout for L-channel
LRCK
32
32
I/O
Left and right channel clock
MC/SCL
31
31
I
Mode control clock for three-wire/two-wire interface
MD/SDA
30
30
I/O
Mode control data for three-wire/two-wire interface
MICB
21
21
O
Microphone bias source output
MODE
28
28
I
Two- or three-wire interface selection (LOW: SPI, HIGH: I2C)
MS/ADR
29
29
I
Mode control select for three-wire/two-wire interface
PGND
13
13
Ground for speaker power amplifier
SCKI
7
7
I
System clock
SPOLN
14
O
Speaker output L-channel for negative (PCM3793)
SPOLP
15
O
Speaker output L-channel for positive (PCM3793)
SPORN
10
O
Speaker output R-channel for negative (PCM3793)
SPORP
11
O
Speaker output R-channel for positive (PCM3793)
VCC
20
20
Analog power supply
VCOM
18
18
Analog common voltage
VDD
5
5
Power supply for digital core
VIO
4
4
Power supply for digital I/O
VPA
12
12
Power supply for power amplifier
8
Submit Documentation Feedback


Similar Part No. - PCM3793RHBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3793RHBR TI1-PCM3793RHBR Datasheet
1Mb / 68P
[Old version datasheet]   Low-Power Stereo Audio CODEC
More results

Similar Description - PCM3793RHBRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM3793A BURR-BROWN-PCM3793A Datasheet
1Mb / 68P
   16-Bit, Low-Power Stereo Audio CODEC With Microphone Bias, Headphone, and Digital Speaker Amplifier
logo
Protek Devices
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
   Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
Texas Instruments
PCM1870A TI-PCM1870A Datasheet
675Kb / 46P
[Old version datasheet]   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Burr-Brown (TI)
PCM1870 BURR-BROWN-PCM1870 Datasheet
759Kb / 49P
   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
PA5331 PROTEC-PA5331 Datasheet
744Kb / 27P
   Low Power 24-Bit, Stereo Audio CODEC With Headphone Amplifier
logo
Suzhou Everest Semicond...
ES8328 EVEREST-ES8328 Datasheet
527Kb / 37P
   Low Power Stereo Audio CODEC With Headphone Amplifier
Revision 1.0
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
   Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Texas Instruments
TLV320AIC26 TI-TLV320AIC26_07 Datasheet
968Kb / 74P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC WITH HEADPHONE/SPEAKER AMPLIFIER AND 12-BIT BATTERY / TEMPERATURE / AUXILIARY ADC
TLV320AIC26 TI-TLV320AIC26 Datasheet
628Kb / 63P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC WITH HEADPHONE/SPEAKER AMPLIFIER AND 12-BIT BATTERY / TEMPERATURE / AUXILIARY ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com