Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

86093328613H45E1LF Datasheet(PDF) 1 Page - FCI connector

Part # 86093328613H45E1LF
Description  DIN REVERSE RECEPTACLE(ANGLED SPILL DIN41612 STYLE-R/2)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

86093328613H45E1LF Datasheet(HTML) 1 Page - FCI connector

  86093328613H45E1LF Datasheet HTML 1Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LINEAR ±0.1
A3
K Somasundaram
Mini K Vandanath
Rakhee George
19/05/2005
19/05/2005
23/09/2004
23/09/2004
SEE TECH. SPEC.
ANGULAR ±1°
8609
b
D\ENGG\EURO\8609
(ANGLED SPILL DIN41612 STYLE-R/2)
DIN REVERSE RECEPTACLE
C-8609-2027
Rakhee George
DRAWING NO. WAS C-8609-0095 REV. b AND HARPOON MOUNTING ADDED.
23/09/2004
a
a
I04-0100
MINI 09/11/2004
8609---86137-5XXXXX, 8609---8613H-5XXXXX
WITH HARPOONS
NO OPTION
b
19/05/2005
TECHNICAL SPECIFICATION MODIFIED AND LEAD FREE NOTE ADDED.
b
I05-0042
MINI 19/05/2005
8609 XXX XX XX XXX XXXXX YY XX
NOTES:-
1. THE ''LF'' PRODUCTS MEET EUROPEAN UNION DIRECTIVES AND OTHER COUNTRY REGULATIONS AS DESCRIBED IN GS-22-008
2. THE HOUSING WILL WITHSTAND EXPOSURE TO 260°C PEAK TEMPERATURE FOR 3.5 SECONDS IN A WAVE SOLDER APPLICATION
WITH A 1.6 MM MINIMUM THICK CIRCUIT BOARD
3. LEAD FREE OR RoHS DIRECTIVE LABELING TO BE PROVIDED AS PER GS-14-920 FOR LEAD FREE VERSION.
PDM: Rev:B
Released
.
STATUS:
Printed: Dec 13, 2005


Similar Part No. - 86093328613H45E1LF

ManufacturerPart #DatasheetDescription
logo
FCI connector
86093328314745000E1 FCI-CONNECTOR-86093328314745000E1 Datasheet
121Kb / 1P
   DIN STANDARD RECEPTACLE(STRAIGHT SPILL DIN 41612 STYLE-C/2)
86093328314745E1LF FCI-CONNECTOR-86093328314745E1LF Datasheet
121Kb / 1P
   DIN STANDARD RECEPTACLE(STRAIGHT SPILL DIN 41612 STYLE-C/2)
86093328314755000E1 FCI-CONNECTOR-86093328314755000E1 Datasheet
121Kb / 1P
   DIN STANDARD RECEPTACLE(STRAIGHT SPILL DIN 41612 STYLE-C/2)
86093328314755E1LF FCI-CONNECTOR-86093328314755E1LF Datasheet
121Kb / 1P
   DIN STANDARD RECEPTACLE(STRAIGHT SPILL DIN 41612 STYLE-C/2)
86093328314765000E1 FCI-CONNECTOR-86093328314765000E1 Datasheet
121Kb / 1P
   DIN STANDARD RECEPTACLE(STRAIGHT SPILL DIN 41612 STYLE-C/2)
More results

Similar Description - 86093328613H45E1LF

ManufacturerPart #DatasheetDescription
logo
FCI connector
8609XXX7313XX5 FCI-CONNECTOR-8609XXX7313XX5 Datasheet
214Kb / 1P
   DIN STANDARD HEADER(ANGLED SPILL DIN41612 STYLE-C/2)
8609XXX51137X5 FCI-CONNECTOR-8609XXX51137X5 Datasheet
201Kb / 1P
   DIN STANDARD HEADER(ANGLED SPILL DIN 41612 STYLE-B)
8609XXX7113XX5 FCI-CONNECTOR-8609XXX7113XX5 Datasheet
213Kb / 1P
   DIN STANDARD HEADER(ANGLED SPILL DIN 41612 STYLE-C)
8609XXX83X4XX5 FCI-CONNECTOR-8609XXX83X4XX5 Datasheet
121Kb / 1P
   DIN STANDARD RECEPTACLE(STRAIGHT SPILL DIN 41612 STYLE-C/2)
logo
Amphenol Communications...
C-8609-2364 AMPHENOLCS-C-8609-2364 Datasheet
165Kb / 1P
   DIN STANDARD HEADER ANGLED SPILL DIN 41612 STYLE-C/2 (HIGH TEMPERATURE VERSION)
Rev C
logo
FCI connector
8609XXX81X4XX5 FCI-CONNECTOR-8609XXX81X4XX5 Datasheet
228Kb / 1P
   DIN STANDARD RECEPTACLE(STRAIGHT SPILL DIN 41612 STYLE-C)
86093968114755V1LF FCI-CONNECTOR-86093968114755V1LF Datasheet
192Kb / 1P
   DIN STANDARD RECEPTACLE STRAIGHT SPILL DIN 41612 STYLE-C
logo
Molex Electronics Ltd.
0850520830 MOLEX9-0850520830 Datasheet
195Kb / 4P
   2.54mm (.100") Pitch DIN 41612 Receptacle, Style R/2 Reverse, 48 Circuits
0850520593 MOLEX9-0850520593 Datasheet
194Kb / 4P
   2.54mm (.100") Pitch DIN 41612 Receptacle, Style R/2 Reverse, 48 Circuits
0850520842 MOLEX9-0850520842 Datasheet
193Kb / 4P
   2.54mm (.100") Pitch DIN 41612 Receptacle, Style R/2 Reverse, 32 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com