Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3087M Datasheet(PDF) 8 Page - International Rectifier

Part # IR3087M
Description  XPHASE PHASE IC WITH OPTI-PHASE, OVP, AND OVERTEMP DETECT
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3087M Datasheet(HTML) 8 Page - International Rectifier

Back Button IR3087M Datasheet HTML 4Page - International Rectifier IR3087M Datasheet HTML 5Page - International Rectifier IR3087M Datasheet HTML 6Page - International Rectifier IR3087M Datasheet HTML 7Page - International Rectifier IR3087M Datasheet HTML 8Page - International Rectifier IR3087M Datasheet HTML 9Page - International Rectifier IR3087M Datasheet HTML 10Page - International Rectifier IR3087M Datasheet HTML 11Page - International Rectifier IR3087M Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
IR3087
PWM Control Method
The PWM block diagram of the XPhase
TM architecture is shown in Figure 2. Feed-forward voltage mode control with
trailing edge modulation is used. A high-gain wide-bandwidth voltage type error amplifier in the Control IC is used
for the voltage control loop. An external RC circuit connected to the input voltage and ground is used to program the
slope of the PWM ramp and to provide the feed-forward control at each phase. The PWM ramp slope will change
with the input voltage and automatically compensate for changes in the input voltage. The input voltage can change
due to variations in the silver box output voltage or due to the wire and PCB-trace voltage drop related to changes
in load current.
+
-
10K
SHARE
ADJUST
ERROR
AMPLIFIER
CURRENT
SENSE
AMPLIFIER
X34
X
0.91
20mV
+
-
10K
SHARE
ADJUST
ERROR
AMPLIFIER
CURRENT
SENSE
AMPLIFIER
X34
20mV
X
0.91
+
-
DACIN
PWMRMP
BIASIN
RAMPIN-
RAMPIN+
GATEH
SCOMP
ISHARE
CSIN+
GATEL
EAIN
CSIN-
SYSTEM
REFERENCE
VOLTAGE
ENABLE
CLOCK
PULSE
GENERATOR
BODY
BRAKING
COMPARATOR
RAMP
DISCHARGE
CLAMP
PWM
LATCH
S
RESET
DOMINANT
PHASE IC
R
PWM
COMPARATOR
RDRP
RPWMRMP
RPHS2
CSCOMP
RPHS1
RCS
RVFB
CPWMRMP
CSCOMP
CCS
RPWMRMP
RCS
+
-
CPWMRMP
CCS
RPHS2
RPHS1
+
-
GND
VOUT
BIASIN
VDAC
VBIAS
DACIN
PWMRMP
RAMPIN+
VOSNS-
VOSNS+
VOSNS-
ISHARE
RAMPIN-
IIN
VDRP
EAIN
GATEH
SCOMP
CSIN-
CSIN+
GATEL
EAOUT
RMPOUT
VIN
FB
IROSC
SYSTEM
REFERENCE
VOLTAGE
VDAC
BODY
BRAKING
COMPARATOR
RAMP
DISCHARGE
CLAMP
ENABLE
CLOCK
PULSE
GENERATOR
VBIAS
REGULATOR
IFB
VDRP
AMP
50%
DUTY
CYCLE
RAMP GENERATOR
VVALLEY
VPEAK
ERROR
AMP
R
S
RESET
DOMINANT
PWM
LATCH
PHASE IC
COUT
CONTROL IC
PWM
COMPARATOR
Figure 2. PWM Block Diagram
Frequency and Phase Timing Control
An oscillator with programmable frequency is located in the Control IC. The output of the oscillator is a 50% duty
cycle triangle waveform with peak and valley voltages of approximately 4.6V and 0.9V respectively. This signal is
used to program both the switching frequency and phase timing of the Phase ICs. The Phase IC is programmed by
resistor divider RPHS1 and RPHS2 connected between the VBIAS reference voltage and the Phase IC LGND pin. A
comparator in the Phase ICs detects the crossing of the oscillator waveform over the voltage generated by the
resistor divider and triggers a clock pulse that starts the PWM cycle. The peak and valley voltages track the VBIAS
voltage reducing potential Phase IC timing errors. Figure 3 shows the Phase timing for an 8 phase converter. Note
that both slopes of the triangle waveform can be used for phase timing by swapping the RMPIN+ and RMPIN– pins,
as shown in Figure 2.
Page 8 of 35
1/31/05


Similar Part No. - IR3087M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3087MPBF IRF-IR3087MPBF Datasheet
1Mb / 35P
   XPHASETM PHASE IC WITH OPTI-PHASETM, OVP, AND OVERTEMP DETECT
IR3087MTRPBF IRF-IR3087MTRPBF Datasheet
1Mb / 35P
   XPHASETM PHASE IC WITH OPTI-PHASETM, OVP, AND OVERTEMP DETECT
More results

Similar Description - IR3087M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3086APBF IRF-IR3086APBF Datasheet
541Kb / 33P
   XPHASE PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
IR3087PBF IRF-IR3087PBF Datasheet
1Mb / 35P
   XPHASETM PHASE IC WITH OPTI-PHASETM, OVP, AND OVERTEMP DETECT
IR3088 IRF-IR3088 Datasheet
1Mb / 34P
   XPHASE PHASE IC WITH FAULT AND OVERTEMP DETECT
IR3086 IRF-IR3086 Datasheet
417Kb / 15P
   PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
IR3086A IRF-IR3086A Datasheet
1Mb / 33P
   XPHASETM PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
IR3088A IRF-IR3088A_05 Datasheet
1Mb / 33P
   XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
IR3088A IRF-IR3088A Datasheet
1Mb / 34P
   XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
IR3088APBF IRF-IR3088APBF Datasheet
558Kb / 34P
   XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
IR3080 IRF-IR3080 Datasheet
395Kb / 21P
   XPHASE VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
IR3080PBF IRF-IR3080PBF Datasheet
1Mb / 41P
   XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com