Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LVX139DR2 Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC74LVX139DR2
Description  Dual 2-to-4 Decoder/ Demultiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX139DR2 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC74LVX139DR2 Datasheet HTML 3Page - ON Semiconductor MC74LVX139DR2 Datasheet HTML 4Page - ON Semiconductor MC74LVX139DR2 Datasheet HTML 5Page - ON Semiconductor MC74LVX139DR2 Datasheet HTML 6Page - ON Semiconductor MC74LVX139DR2 Datasheet HTML 7Page - ON Semiconductor MC74LVX139DR2 Datasheet HTML 8Page - ON Semiconductor MC74LVX139DR2 Datasheet HTML 9Page - ON Semiconductor MC74LVX139DR2 Datasheet HTML 10Page - ON Semiconductor MC74LVX139DR2 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MC74LVX139
http://onsemi.com
7
EMBOSSED CARRIER DIMENSIONS (See Notes 8. and 9.)
Tape
Size
B1
Max
D
D1
E
F
K
P
P0
P2
R
T
W
8 mm
4.35 mm
(0.179”)
1.5 mm
+ 0.1
–0.0
(0.059”
0 004
1.0 mm
Min
(0.179”)
1.75 mm
±0.1
(0.069
±0.004”)
3.5 mm
±0.5
(1.38
±0.002”)
2.4 mm
Max
(0.094”)
4.0 mm
±0.10
(0.157
±0.004”)
4.0 mm
±0.1
(0.157
±0.004”)
2.0 mm
±0.1
(0.079
±0.004”)
25 mm
(0.98”)
0.6 mm
(0.024)
8.3 mm
(0.327)
12 mm
8.2 mm
(0.323”)
(
+0.004
–0.0)
1.5 mm
Min
(0.060)
)
5.5 mm
±0.5
(0.217
±0.002”)
6.4 mm
Max
(0.252”)
4.0 mm
±0.10
(0.157
±0.004”)
8.0 mm
±0.10
(0.315
±0.004”)
)
)
30 mm
(1.18”)
12.0 mm
±0.3
(0.470
±0.012”)
16 mm
12.1 mm
(0.476”)
7.5 mm
±0.10
(0.295
±0.004”)
7.9 mm
Max
(0.311”)
4.0 mm
±0.10
(0.157
±0.004”)
8.0 mm
±0.10
(0.315
±0.004”)
12.0 mm
±0.10
(0.472
±0.004”)
16.3 mm
(0.642)
24 mm
20.1 mm
(0.791”)
11.5 mm
±0.10
(0.453
±0.004”)
11.9 mm
Max
(0.468”)
16.0 mm
±0.10
(0.63
±0.004”)
24.3 mm
(0.957)
8. Metric Dimensions Govern–English are in parentheses for reference only.
9. A0, B0, and K0 are determined by component size. The clearance between the components and the cavity must be within 0.05 mm min to
0.50 mm max. The component cannot rotate more than 10
° within the determined cavity
13.0 mm
±0.2 mm
(0.512”
±0.008”)
1.5 mm MIN
(0.06”)
50 mm MIN
(1.969”)
20.2 mm MIN
(0.795”)
FULL RADIUS
t MAX
G
A
Figure 10. Reel Dimensions


Similar Part No. - MC74LVX139DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX139DR2 ONSEMI-MC74LVX139DR2 Datasheet
162Kb / 12P
   Dual 2-to-4 Decoder/ Demultiplexer
April, 2001 ??Rev. 1
MC74LVX139DR2 ONSEMI-MC74LVX139DR2 Datasheet
93Kb / 8P
   Dual 2-to-4 Decoder/Demultiplexer
March, 2005 ??Rev. 2
MC74LVX139DR2G ONSEMI-MC74LVX139DR2G Datasheet
93Kb / 8P
   Dual 2-to-4 Decoder/Demultiplexer
March, 2005 ??Rev. 2
MC74LVX139DR2G ONSEMI-MC74LVX139DR2G Datasheet
121Kb / 7P
   Dual 2-to-4 Decoder/ Demultiplexer
August, 2014 ??Rev. 4
More results

Similar Description - MC74LVX139DR2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT139A STMICROELECTRONICS-74VHCT139A_04 Datasheet
277Kb / 12P
   DUAL 2 TO 4 DECODER/DEMULTIPLEXER
logo
Fairchild Semiconductor
74VHC139 FAIRCHILD-74VHC139 Datasheet
73Kb / 6P
   Dual 2-to-4 Decoder/Demultiplexer
logo
ON Semiconductor
MC74VHC139 ONSEMI-MC74VHC139_11 Datasheet
135Kb / 8P
   Dual 2-to-4 Decoder/ Demultiplexer
May, 2011 ??Rev. 4
MC74VHCT139A ONSEMI-MC74VHCT139A_14 Datasheet
99Kb / 7P
   Dual 2-to-4 Decoder/ Demultiplexer
October, 2014 ??Rev. 6
logo
Motorola, Inc
MC74VHC139 MOTOROLA-MC74VHC139 Datasheet
153Kb / 6P
   Dual 2-to-4 Decoder/Demultiplexer
logo
STMicroelectronics
74VHC139 STMICROELECTRONICS-74VHC139 Datasheet
63Kb / 8P
   DUAL 2 TO 4 DECODER/DEMULTIPLEXER
June 1999
logo
ON Semiconductor
74VHC139 ONSEMI-74VHC139 Datasheet
177Kb / 8P
   Dual 2-to-4 Decoder/Demultiplexer
Revised April 1999
logo
STMicroelectronics
74VHC139 STMICROELECTRONICS-74VHC139_04 Datasheet
293Kb / 12P
   DUAL 2 TO 4 DECODER/DEMULTIPLEXER
74VHCT139A STMICROELECTRONICS-74VHCT139A Datasheet
62Kb / 8P
   DUAL 2 TO 4 DECODER/DEMULTIPLEXER
logo
ON Semiconductor
MC74LVX139 ONSEMI-MC74LVX139_05 Datasheet
93Kb / 8P
   Dual 2-to-4 Decoder/Demultiplexer
March, 2005 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com