Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2DAF79PBRF172 Datasheet(PDF) 3 Page - ITT Industries

Part # 2DAF79PBRF172
Description  The Centi Line - .075 Contact Spacing
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

2DAF79PBRF172 Datasheet(HTML) 3 Page - ITT Industries

  2DAF79PBRF172 Datasheet HTML 1Page - ITT Industries 2DAF79PBRF172 Datasheet HTML 2Page - ITT Industries 2DAF79PBRF172 Datasheet HTML 3Page - ITT Industries 2DAF79PBRF172 Datasheet HTML 4Page - ITT Industries 2DAF79PBRF172 Datasheet HTML 5Page - ITT Industries 2DAF79PBRF172 Datasheet HTML 6Page - ITT Industries 2DAF79PBRF172 Datasheet HTML 7Page - ITT Industries 2DAF79PBRF172 Datasheet HTML 8Page - ITT Industries 2DAF79PBRF172 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
61
www.ittcannon.com
Double Density D - .075" Contact Spacing
2D
Standard Shell
+
+
++
Part Number
by Shell Size
2DE19P
2DE19S
2DA31P
2DA31S
2DB52P
.250 (6.35)
.250 (6.35)
.250 (6.35)
.250 (6.35)
.236 (5.99)
2DB52S
2DC79P
2DC79S
2DD100P
2DD100S
.236 (5.99)
.236 (5.99)
.236 (5.99)
.236 (5.99)
.236 (5.99)
T
+ .020 (0.51)
- .000 (0.00)
Part Number
by Shell Size
T
+ .020 (0.51)
- .000 (0.00)
A
B
C
T
.856(21.74)MAX.
D
M
K
L
J
V
G
H
TWO MTG. HOLES
.123 ± .005
(3.12 ± 0.13)
E
10˚ (TYP)
Float Mount
+
+
+
+
TWO MTG. HOLES
.0885 ± .0025
(2.248 ± 0.064)
G
H
A
B
10˚ (TYP)
C
D
E
K
J
N
M
.032 (.812)
TOTAL
DIAMETRAL
FLOAT
V
Part Number
by Shell Size
A
± .015 (0.38)
E
±.015 (0.38)
B
± .010 (0.25)
C
± .010 (0.25)
D
± .010 (0.25)
G
± .010 (0.25)
H
± .010 (0.25)
J
± .010 (0.25)
K
± .010 (0.25)
L
± .010 (0.25)
M
± .010 (0.25)
N
± .010 (0.25)
V
Max.
2DE19P
2DE19S
2DA31P
2DA31S
2DB52P
2DB52S
2DC79P
2DC79S
2DD100P
2DD100S
1.213 (30.81)
1.213 (30.81)
1.541 (39.14)
1.541 (39.14)
2.088 (53.03)
2.088 (53.03)
2.729 (69.31)
2.729 (69.31)
2.635 (66.92)
2.635 (66.92)
.697 (17.70)
.640 (16.26)
1.025 (26.03)
.968 (24.58)
1.583 (40.21)
1.508 (38.30)
2.231 (56.67)
2.156 (54.76)
2.127 (54.02)
2.062 (52.37)
.984 (24.99)
.984 (24.99)
1.312 (33.32)
1.312 (33.32)
1.852 (47.04)
1.852 (47.04)
2.500 (63.50)
2.500 (63.50)
2.406 (61.11)
2.406 (61.11)
.360 (9.14)
.308 (7.82)
.360 (9.14)
.308 (7.82)
.378 (9.60)
.308 (7.82)
.378 (9.60)
.308 (7.82)
.484 (12.29)
.420 (10.67)
.494 (12.55)
.494 (12.55)
.494 (12.55)
.494 (12.55)
.494 (12.55)
.494 (12.55)
.494 (12.55)
.494 (12.55)
.605 (15.37)
.605 (15.37)
.759 (19.28)
.759 (19.28)
1.083 (27.51)
1.083 (27.51)
1.625 (41.27)
1.625 (41.27)
2.272 (57.71)
2.272 (57.71)
2.178 (55.32)
2.178 (55.32)
.422 (10.72)
.422 (10.72)
.422 (10.72)
.422 (10.72)
.422 (10.72)
.422 (10.72)
.422 (10.72)
.422 (10.72)
.534 (13.56)
.534 (13.56)
.036 (.914)
.032 (213)
.036 (.914)
.032 (213)
.036 (.914)
.032 (213)
.036 (.914)
.032 (213)
.036 (.914)
.032 (213)
.236 (5.99)
.243 (6.17)
.236 (5.99)
.243 (6.17)
.231 (5.87)
.243 (6.17)
.231 (5.87)
.243 (6.17)
.231 (5.87)
.243 (6.17)
.055 (1.40)
.047 (1.19)
.055 (1.40)
.047 (1.19)
.055 (1.40)
.047 (1.19)
.055 (1.40)
.047 (1.19)
.055 (1.40)
.047 (1.19)
.422 (10.72)
.429 (10.90)
.422 (10.72)
.429 (10.90)
.426 (10.82)
.429 (10.90)
.426 (10.82)
.429 (10.90)
.426 (10.82)
.429 (10.90)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.129 (3.28)
.120 (3.05)
.129 (3.28)
.120 (3.05)
.129 (3.28)
.120 (3.05)
.555 (14.10)
.555 (14.10)
.555 (14.10)
.555 (14.10)
.555 (14.10)
.555 (14.10)
.555 (14.10)
.555 (14.10)
.555 (14.10)
.555 (14.10)
For shell with float mounts, add letter F after shell size, e.g., 2DEF19P.
Jackscrew/Jackpost Assembly
#4-40 UNC-2A THREAD
#4-40 UNC-2A THREAD
#4-40 UNC-2A THREAD
#4-40 UNC-2B
THREAD
.233 (5.92)
.223 (5.66)
.325 ± .015
(8.26 ± 0.38)
.025 (0.64)
MAX.
.025 (0.64)
MAX.
.180 ± .025 Grip
(4.57 ± 0.64) Length
.180 ± .025 Grip
(4.57 ± 0.64) Length
.230 (5.84) MAX.
.620 ± .010
(15.75 ± 0.25)
Standard (F172) Jackscrew
(factory installed)
Low Profile (F173) Jackscrew
(factory installed)
Jackpost (F171)
Front Panel Connector Mounting Only
Dimensions shown in inch (mm)
Specifications and dimensions subject to change


Similar Part No. - 2DAF79PBRF172

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2DA1201Y DIODES-2DA1201Y Datasheet
289Kb / 7P
   120V PNP SILICON TRANSISTOR IN SOT89
2DA1201Y-7 DIODES-2DA1201Y-7 Datasheet
289Kb / 7P
   120V PNP SILICON TRANSISTOR IN SOT89
2DA1201Y-7 DIODES-2DA1201Y-7 Datasheet
393Kb / 7P
   120V PNP SILICON TRANSISTOR IN SOT89
2DA1201YQTC DIODES-2DA1201YQTC Datasheet
289Kb / 7P
   120V PNP SILICON TRANSISTOR IN SOT89
2DA1201YQTC DIODES-2DA1201YQTC Datasheet
393Kb / 7P
   120V PNP SILICON TRANSISTOR IN SOT89
More results

Similar Description - 2DAF79PBRF172

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MDM-25PSB ITT-MDM-25PSB Datasheet
825Kb / 17P
   The Micro Line - .050 Contact Spacing
logo
List of Unclassifed Man...
MDM-21PCBRP ETC2-MDM-21PCBRP Datasheet
825Kb / 17P
   The Micro Line - .050" Contact Spacing
MDM-51PCBRP ETC2-MDM-51PCBRP Datasheet
825Kb / 17P
   The Micro Line - .050" Contact Spacing
FD235HFC829 ETC2-FD235HFC829 Datasheet
26Kb / 1P
   Please contact the vendor
PH-131 ETC2-PH-131 Datasheet
23Kb / 1P
   Please contact the vendor
logo
New Jersey Semi-Conduct...
MRF486 NJSEMI-MRF486 Datasheet
101Kb / 2P
   The RF Line
MRF497 NJSEMI-MRF497 Datasheet
92Kb / 2P
   The RF Line
logo
Motorola, Inc
MRF331 MOTOROLA-MRF331 Datasheet
149Kb / 4P
   The RF Line
logo
New Jersey Semi-Conduct...
MRF207 NJSEMI-MRF207 Datasheet
85Kb / 2P
   The RF Line
MRF230 NJSEMI-MRF230 Datasheet
86Kb / 2P
   The RF Line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com