Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2584-XYTS Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2584-XYTS
Description  Dual-Channel Hot Swap Controller/Sequencer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2584-XYTS Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2584-XYTS Datasheet HTML 5Page - Micrel Semiconductor MIC2584-XYTS Datasheet HTML 6Page - Micrel Semiconductor MIC2584-XYTS Datasheet HTML 7Page - Micrel Semiconductor MIC2584-XYTS Datasheet HTML 8Page - Micrel Semiconductor MIC2584-XYTS Datasheet HTML 9Page - Micrel Semiconductor MIC2584-XYTS Datasheet HTML 10Page - Micrel Semiconductor MIC2584-XYTS Datasheet HTML 11Page - Micrel Semiconductor MIC2584-XYTS Datasheet HTML 12Page - Micrel Semiconductor MIC2584-XYTS Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
March 2005
9
MIC2584/2585
MIC2584/2585
Micrel
Typical Characteristics
42
44
46
48
50
52
54
56
58
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
V
TRIPSLOW1+
vs. Temperature
V
CC1 = 5.0V
V
CC1 = 13.2V
V
CC1 = 2.3V
42
44
46
48
50
52
54
56
58
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
V
TRIPSLOW1–
vs. Temperature
V
CC1 = 5.0V
V
CC1 = 13.2V
V
CC1 = 2.3V
42
44
46
48
50
52
54
56
58
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
V
TRIPSLOW2+
vs. Temperature
V
CC2 = 5.0V
V
CC2 = 13.2V
V
CC2 = 2.3V
V
CC2 = 1.0V
42
44
46
48
50
52
54
56
58
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
V
TRIPSLOW2–
vs. Temperature
V
CC2 = 5.0V
V
CC2 = 13.2V
V
CC2 = 2.3V
V
CC2 = 1.0V
90
92
94
96
98
100
102
104
106
108
110
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
V
TRIPFAST1
vs. Temperature
V
CC1 = 5.0V
V
CC1 = 13.2V
V
CC1 = 2.3V
90
92
94
96
98
100
102
104
106
108
110
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
V
TRIPFAST2
vs. Temperature
V
CC2 = 5.0V
V
CC2 = 13.2V
V
CC2 = 2.3V
5
7.5
10
12.5
15
17.5
20
22.5
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
V
GATE1
vs. Temperature
V
CC1 = 5.0V
V
CC1 = 13.2V
V
CC1 = 2.3V
5
7.5
10
12.5
15
17.5
20
22.5
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
V
GATE2
vs. Temperature
V
CC2 = 5.0V
V
CC2 = 13.2V
V
CC2 = 2.3V
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
UVLO1 and UVLO2
vs. Temperature
UVLO1+
UVLO1–
UVLO2+
UVLO2–
1.2
1.21
1.22
1.23
1.24
1.25
1.26
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Overcurrent Timer Threshold
vs. Temperature
V
CC = 13.2V
V
CC = 5.0V
V
CC = 2.3V
0.27
0.28
0.29
0.3
0.31
0.32
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
CPOR Threshold1 (Start-Up)
vs. Temperature
V
CC1 = 13.2V
V
CC1 = 5.0V
V
CC1 = 2.3V
1.2
1.22
1.24
1.26
1.28
1.3
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
CPOR Threshold2
vs. Temperature
V
CC2 = 13.2V
V
CC2 = 5.0V
V
CC2 = 2.3V


Similar Part No. - MIC2584-XYTS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2584-1JBTS MICREL-MIC2584-1JBTS Datasheet
274Kb / 28P
   Dual-Channel Hot Swap Controller/Sequencer
MIC2584-1JYTS MICREL-MIC2584-1JYTS Datasheet
274Kb / 28P
   Dual-Channel Hot Swap Controller/Sequencer
MIC2584-1KBTS MICREL-MIC2584-1KBTS Datasheet
274Kb / 28P
   Dual-Channel Hot Swap Controller/Sequencer
MIC2584-1KYTS MICREL-MIC2584-1KYTS Datasheet
274Kb / 28P
   Dual-Channel Hot Swap Controller/Sequencer
MIC2584-1LBTS MICREL-MIC2584-1LBTS Datasheet
274Kb / 28P
   Dual-Channel Hot Swap Controller/Sequencer
More results

Similar Description - MIC2584-XYTS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2584 MICREL-MIC2584_05 Datasheet
274Kb / 28P
   Dual-Channel Hot Swap Controller/Sequencer
logo
Linear Technology
LTC1645 LINER-LTC1645_15 Datasheet
334Kb / 24P
   Dual-Channel Hot Swap Controller/Power Sequencer
LTC1645 LINER-LTC1645 Datasheet
312Kb / 24P
   Dual-Channel Hot Swap Controller/Power Sequencer
LTC4253 LINER-LTC4253 Datasheet
337Kb / 32P
   -48V Hot Swap Controller with Sequencer
LTC4253A-ADJ LINER-LTC4253A-ADJ_15 Datasheet
699Kb / 32P
   48V Hot Swap Controller with Sequencer
LTC4253A-ADJ LINER-LTC4253A-ADJ Datasheet
399Kb / 32P
   -48V Hot Swap Controller with Sequencer
LTC4253B LINER-LTC4253B_15 Datasheet
373Kb / 32P
   48V Hot Swap Controller with Sequencer
logo
Micrel Semiconductor
MIC2586 MICREL-MIC2586 Datasheet
601Kb / 17P
   Single-Channel, Positive High-Voltage Hot Swap Controller/Sequencer
MIC2589 MICREL-MIC2589_11 Datasheet
4Mb / 29P
   Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
MIC2589 MICREL-MIC2589_05 Datasheet
4Mb / 29P
   Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com