Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIL5102B02CADF2X1K3025 Datasheet(PDF) 2 Page - ITT Industries

Part # MIL5102B02CADF2X1K3025
Description  1-4 Pole Miniature Right
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MIL5102B02CADF2X1K3025 Datasheet(HTML) 2 Page - ITT Industries

  MIL5102B02CADF2X1K3025 Datasheet HTML 1Page - ITT Industries MIL5102B02CADF2X1K3025 Datasheet HTML 2Page - ITT Industries MIL5102B02CADF2X1K3025 Datasheet HTML 3Page - ITT Industries MIL5102B02CADF2X1K3025 Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
K-23
Dimensions are shown: IN (mm)
Dimensions subject to change
www.ittcannon.com
C&K MIL Series
1-4 Pole Miniature Right
DESIGNATION
NUMBER OF BANKS
SWITCH FUNCTION
Third Angle
Projection
K
3P MODELS SCHEMATIC
Pos. 11 21 31 12 22 32
13 23 33
A1
A2
A3
4P MODELS SCHEMATIC
Pos. 11 21
12 22
13 23
14 24
A1
A2
A3
A4
DP MODELS SCHEMATIC
Pos. 11 21 31 41 51 61 12 22 32 42 52 62
A1
A2
SP MODELS SCHEMATIC
A
Pos.
MIL
12 Positions
112B12
11 Positions
111B11
10 Positions
110B10
9 Positions
109B09
8 Positions
108B08
7 Positions
107B07
6 Positions
106B06
5 Positions
105B05
4 Positions
104B04
3 Positions
103B03
2 Positions
102B02
12 Position
No Stops
112S
SP
SWITCH
FUNCTION
MODEL
NO.
NO.
POLES
30º INDEXING
2 Positions
402B02
2 Positions
No Stop
402S
4P
3 Positions
303B03
2 Positions
302B02
3 Positions
No Stop
303S
3P
6 Positions
206B06
5 Positions
205B05
4 Positions
204B04
3 Positions
203B03
2 Positions
202B02
4 Position
No Stops
206S
DP
SWITCH
FUNCTION
MODEL
NO.
NO.
POLES
30º INDEXING
3.697 (93,90)
3.500 (88,90)
5
3.00 (76,12)
2.800 (71,12)
4
2.297 (58,34)
2.100 (53,34)
3
1.597 (40,56)
1.400 (35,56)
2
.897 (22,78)
.770 (17,78)
1
WITH BUSHING
DIM. ‘L’
DIM. ‘L’
OPTION
CODE


Similar Part No. - MIL5102B02CADF2X1K3025

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MIL-C-10544 ETC-MIL-C-10544 Datasheet
32Kb / 1P
   Military Audio Connectors
MIL-C-106-614 ETC-MIL-C-106-614 Datasheet
733Kb / 6P
   Mil-Spec Connectors & Accessories
2001
MIL-C-106-615 ETC-MIL-C-106-615 Datasheet
733Kb / 6P
   Mil-Spec Connectors & Accessories
2001
MIL-C-106-616 ETC-MIL-C-106-616 Datasheet
733Kb / 6P
   Mil-Spec Connectors & Accessories
2001
MIL-C-106-617 ETC-MIL-C-106-617 Datasheet
733Kb / 6P
   Mil-Spec Connectors & Accessories
2001
More results

Similar Description - MIL5102B02CADF2X1K3025

ManufacturerPart #DatasheetDescription
logo
ITT Industries
RBP-12112SNFS ITT-RBP-12112SNFS Datasheet
407Kb / 4P
   1-6 Pole Miniature Rotary Switches
logo
Neutrik AG
NP2RX-TIMBRE NEUTRIK-NP2RX-TIMBRE Datasheet
75Kb / 3P
   Right angle 1/4' 2 pole timbre plug
logo
Tyco Electronics
OMI-SH-205D MACOM-OMI-SH-205D Datasheet
113Kb / 2P
   2 Pole Miniature 2 Pole Miniature
logo
ZETTLER Electronics
AZ830-4C ZETTLER-AZ830-4C Datasheet
99Kb / 2P
   4 POLE POLARIZED MINIATURE DIP RELAY
AZ830-4C-5DEA ZETTLER-AZ830-4C-5DEA Datasheet
156Kb / 2P
   4 POLE POLARIZED MINIATURE DIP RELAY
logo
American Zettler, Inc.
AZ8304P AZETTLER-AZ8304P Datasheet
69Kb / 2P
   4 POLE POLARIZED MINIATURE DIP RELAY
logo
Tyco Electronics
OSZ-SS-112DM8 MACOM-OSZ-SS-112DM8 Datasheet
49Kb / 2P
   1 Pole Miniature Power PC Board Relay
logo
Fujitsu Component Limit...
SY-12W-K FUJITSU-SY-12W-K Datasheet
337Kb / 7P
   MINIATURE RELAY 1 POLE-1 to 2A (FOR SIGNAL SWITCHING)
logo
ITT Industries
A10015RNZQ ITT-A10015RNZQ Datasheet
341Kb / 5P
   1-4 Pole Rotary Switches
logo
C&K Components
A10415RNCQ CK-COMPONENTS-A10415RNCQ Datasheet
310Kb / 5P
   1-4 Pole Rotary Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com