Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8632ZQD3 Datasheet(PDF) 2 Page - ITT Industries

Part # 8632ZQD3
Description  Microminiature Pushbutton Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

8632ZQD3 Datasheet(HTML) 2 Page - ITT Industries

  8632ZQD3 Datasheet HTML 1Page - ITT Industries 8632ZQD3 Datasheet HTML 2Page - ITT Industries 8632ZQD3 Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
C&K 8600 Series
Microminiature Pushbutton Switches
SWITCH FUNCTION
TERMINATIONS
PC MOUNTING
PANEL MOUNTING
N.C.
5 oz (140g) TYP.
.048 (1,22) TYP.
MOM.
ON
8633
SP
PANEL MOUNTING
N.O. with overtravel
6.25 oz (177g) TYP.
with overtravel
.024 (0,61) TYP.
.106 (2,69) TYP.
MOM.
OFF
8632
SP
PANEL MOUNTING
N.O.
5 oz (140g) TYP.
.040 (1,02) TYP.
MOM.
OFF
8631
SP
SCHEMATIC
ACTUATION
FORCE
TOTAL TRAVEL
SWITCH FUNCTION
POS. 1
POS. 2
MODEL
NO.
NO.
POLES
SPST
SPST
SPST
Part number shown: 8631ZQD2
Terminals Insert Molded
Part number shown: 8632ZQD2
Terminals Insert Molded
Part number shown: 8633ZQE2
8631, 8632 models only.
8633 models only.
8631, 8632 models only.
MOM. = Momentary
NOTE: Caps available for plunger options, see page A-75.
Z SOLDER LUG
C PC THRU-HOLE
A–70
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
A


Similar Part No. - 8632ZQD3

ManufacturerPart #DatasheetDescription
logo
C&K Components
8632ZQ-D-2 CK-COMPONENTS-8632ZQ-D-2 Datasheet
305Kb / 3P
   Microminiature Pushbutton Switches
2018
8632ZQ-D3 CK-COMPONENTS-8632ZQ-D3 Datasheet
305Kb / 3P
   Microminiature Pushbutton Switches
2018
8632ZQE-2 CK-COMPONENTS-8632ZQE-2 Datasheet
305Kb / 3P
   Microminiature Pushbutton Switches
2018
8632ZQE3 CK-COMPONENTS-8632ZQE3 Datasheet
305Kb / 3P
   Microminiature Pushbutton Switches
2018
More results

Similar Description - 8632ZQD3

ManufacturerPart #DatasheetDescription
logo
C&K Components
8600 CK-COMPONENTS-8600_V01 Datasheet
305Kb / 3P
   Microminiature Pushbutton Switches
2018
8600 CK-COMPONENTS-8600 Datasheet
183Kb / 3P
   Microminiature Pushbutton Switches
logo
List of Unclassifed Man...
MHSS1104 ETC2-MHSS1104 Datasheet
65Kb / 1P
   Microminiature Slide Switches
MMS22R ETC2-MMS22R Datasheet
149Kb / 2P
   Microminiature Slide Switches
MJS12 ETC2-MJS12 Datasheet
130Kb / 2P
   Microminiature Slide Switches
MHSS1104 ETC2-MHSS1104 Datasheet
65Kb / 1P
   Microminiature Slide Switches
logo
C&K Components
SRKLBKEE CK-COMPONENTS-SRKLBKEE Datasheet
203Kb / 3P
   Microminiature SPDT, Key Switches
DIGITAST CK-COMPONENTS-DIGITAST Datasheet
311Kb / 3P
   Microminiature SPDT, Key Switches
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
   Pushbutton Switches
logo
Copal Electronics
MSP COPAL-MSP Datasheet
607Kb / 1P
   Pushbutton Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com