Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8632ZQD3 Datasheet(PDF) 3 Page - ITT Industries

Part # 8632ZQD3
Description  Microminiature Pushbutton Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

8632ZQD3 Datasheet(HTML) 3 Page - ITT Industries

  8632ZQD3 Datasheet HTML 1Page - ITT Industries 8632ZQD3 Datasheet HTML 2Page - ITT Industries 8632ZQD3 Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
A–71
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
C&K 8600 Series
Microminiature Pushbutton Switches
CONTACT MATERIAL
SEAL
PLUNGER COLOR
AVAILABLE HARDWARE
.187
(4,75)
.081
(2,03)
.245 DIA.
(6,22 )
NOTE: Other cap colors available, consult Customer Service Center.
E
EPOXY SEAL
D
NO EPOXY SEAL
Not available on 8631, 8632 models.
Standard on 8633 model only.
Not available on 8633 model.
Standard on 8631, 8632 models.
Cap
PART NO.
785101000
WHITE
785102000
BLACK
785103000
RED
Material: Nylon
Finish: Gloss
2
BLACK
3
RED
COLOR
OPTION
CODE
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
1 CONTACTS & TERMINALS: Copper alloy, with gold plate over nickel plate.
2 CONTACTS: Coin silver, with gold plate over nickel plate.
3 TERMINALS: Copper alloy, with gold plate over nickel plate.
8633 model only: Coin silver, with gold plate over nickel plate.
4 CONTACTS: Coin silver, silver plated.
5 TERMINALS: Copper alloy, silver plated. 8633 model only: coin silver.
NOTE: Any models supplied with Q, B or G contact material are RoHS compliant. For the
latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
8631, 8632 models
with all options when ordered with G or Q contact material.
Q contact material standard with C, Z terminations.
A
OPTION
CODE
B
Q
G
CONTACT
MATERIAL
GOLD 1
SILVER 4
GOLD OVER
SILVER 4
GOLD 1
SILVER 5
GOLD 3
LOW LEVEL/
DRY CIRCUIT
POWER
YES
YES
YES
YES
YES
YES
LOW LEVEL/DRY
CIRCUIT OR POWER
0.4 VA MAX. @ 20 V AC OR DC MAX.
8631, 8632 MODELS: 500 mA @ 120 V AC OR 28 V DC;
250 mA @ 250 V AC. 8633 MODELS: 250 mA @ 120 V AC OR
28 V DC; 125 mA @ 250 V AC.
0.4 VA MAX @ 20 V AC OR DC MAX. OR 8631, 8632 MODELS:
500 mA @ 120 V AC OR 28 V DC; 250 mA @ 250 V AC. 8633
MODELS: 250 mA @ 120 V AC OR 28 V DC; 125 mA @ 250 V AC.
TERMINAL
PLATING
RATINGS
RoHS
COMPLIANT *
RoHS
COMPATIBLE *


Similar Part No. - 8632ZQD3

ManufacturerPart #DatasheetDescription
logo
C&K Components
8632ZQ-D-2 CK-COMPONENTS-8632ZQ-D-2 Datasheet
305Kb / 3P
   Microminiature Pushbutton Switches
2018
8632ZQ-D3 CK-COMPONENTS-8632ZQ-D3 Datasheet
305Kb / 3P
   Microminiature Pushbutton Switches
2018
8632ZQE-2 CK-COMPONENTS-8632ZQE-2 Datasheet
305Kb / 3P
   Microminiature Pushbutton Switches
2018
8632ZQE3 CK-COMPONENTS-8632ZQE3 Datasheet
305Kb / 3P
   Microminiature Pushbutton Switches
2018
More results

Similar Description - 8632ZQD3

ManufacturerPart #DatasheetDescription
logo
C&K Components
8600 CK-COMPONENTS-8600_V01 Datasheet
305Kb / 3P
   Microminiature Pushbutton Switches
2018
8600 CK-COMPONENTS-8600 Datasheet
183Kb / 3P
   Microminiature Pushbutton Switches
logo
List of Unclassifed Man...
MHSS1104 ETC2-MHSS1104 Datasheet
65Kb / 1P
   Microminiature Slide Switches
MMS22R ETC2-MMS22R Datasheet
149Kb / 2P
   Microminiature Slide Switches
MJS12 ETC2-MJS12 Datasheet
130Kb / 2P
   Microminiature Slide Switches
MHSS1104 ETC2-MHSS1104 Datasheet
65Kb / 1P
   Microminiature Slide Switches
logo
C&K Components
SRKLBKEE CK-COMPONENTS-SRKLBKEE Datasheet
203Kb / 3P
   Microminiature SPDT, Key Switches
DIGITAST CK-COMPONENTS-DIGITAST Datasheet
311Kb / 3P
   Microminiature SPDT, Key Switches
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
   Pushbutton Switches
logo
Copal Electronics
MSP COPAL-MSP Datasheet
607Kb / 1P
   Pushbutton Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com