Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY58016LXC Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY58016LXC
Description  3.3V 10Gbps DIFFERENTIAL CML LINE DRIVER/RECEIVER WITH INTERNAL TERMINATION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58016LXC Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY58016LXC Datasheet HTML 1Page - Micrel Semiconductor SY58016LXC Datasheet HTML 2Page - Micrel Semiconductor SY58016LXC Datasheet HTML 3Page - Micrel Semiconductor SY58016LXC Datasheet HTML 4Page - Micrel Semiconductor SY58016LXC Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
SY58016L
Micrel
MICREL, INC.
1849 FORTUNE DRIVE
SAN JOSE, CA 95131
USA
TEL
+ 1 (408) 944-0800 FAX + 1 (408) 944-0970 WEB http://www.micrel.com
This information is believed to be accurate and reliable, however no responsibility is assumed by Micrel for its use nor for any infringement of patents or
other rights of third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent right of Micrel, Inc.
© 2002 Micrel, Incorporated.
16 LEAD
MicroLeadFrame™ (MLF-16)
3.00BSC
2.75BSC
0.50 DIA
3.00BSC
12
° max
SEATING
PLANE
2.75BSC
16
1
1
2
3
4
N
2
3
4
0.85
+0.15
–0.65
0.65
+0.15
–0.65
0.01
+0.04
–0.01
0.23
+0.07
–0.05
0.01
+0.04
–0.01
0.42
+0.18
–0.18
0.42
+0.18
–0.18
0.23
+0.07
–0.05
1.60
+0.10
–0.10
PIN 1 ID
0.5 BSC
1.5 REF
0.42
+0.18
–0.18
1.60
+0.10
–0.10
0.40
+0.05
–0.05
0.20 REF.
0.5BSC
SECTION "C-C"
SCALE: NONE
TOP VIEW
BOTTOM VIEW
1. DIMENSIONS ARE IN mm.
2. DIE THICKNESS ALLOWABLE IS 0.305mm MAX.
3. PACKAGE WARPAGE MAX 0.05mm.
4. THIS DIMENSION APPLIES TO PLATED TERMINAL AND IS MEASURED
BETWEEN 0.20mm AND 0.25mm FROM TIP.
5. APPLIES ONLY FOR TERMINALS
CC
CL
4
Rev. 02
Package Notes:
1.
Package meets Level 2 Moisture Sensitivity Classification and is shipped in Dry-pack form.
2.
Expose pad must be soldered to a ground for proper thermal management.


Similar Part No. - SY58016LXC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58016LXC MICREL-SY58016LXC Datasheet
387Kb / 5P
   3.3V, 10Gbps Differential CML Line Driver/Receiver with Internal Termination
More results

Similar Description - SY58016LXC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58016L MICREL-SY58016L_11 Datasheet
387Kb / 5P
   3.3V, 10Gbps Differential CML Line Driver/Receiver with Internal Termination
SY58600U MICREL-SY58600U Datasheet
192Kb / 10P
   ULTRA-PRECISION DIFFERENTIAL CML LINE DRIVER/RECEIVER WITH INTERNAL TERMINATION
SY58600U MICREL-SY58600U_07 Datasheet
134Kb / 10P
   ULTRA-PRECISION DIFFERENTIAL CML LINE DRIVER/RECEIVER WITH INTERNAL TERMINATION
logo
ON Semiconductor
MC10EP16T ONSEMI-MC10EP16T_06 Datasheet
164Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination
December, 2006 ??Rev. 5
MC10EP16T ONSEMI-MC10EP16T Datasheet
75Kb / 8P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination
September, 2002 ??Rev. 3
logo
Micrel Semiconductor
SY58602U MICREL-SY58602U_07 Datasheet
1Mb / 10P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL LINE DRIVER/RECEIVER WITH INTERNAL TERMINATION
logo
ON Semiconductor
MC100EP16VT ONSEMI-MC100EP16VT Datasheet
171Kb / 12P
   3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing and Internal Input Termination
December, 2006 ??Rev. 3
NB7VQ1006M ONSEMI-NB7VQ1006M Datasheet
177Kb / 10P
   1.8V / 2.5V 10Gbps Equalizer Receiver with 1:6 Differential CML Outputs
June, 2010 ??Rev. 2
logo
Micrel Semiconductor
SY89850U MICREL-SY89850U Datasheet
561Kb / 10P
   Precision Low-Power LVPECL Line Driver/Receiver with Internal Termination
logo
ON Semiconductor
MC100EP52 ONSEMI-MC100EP52 Datasheet
83Kb / 10P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination Data and Clock D Flip-Flop
June, 2004 ??Rev. 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com