Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC-614 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SC-614
Description  Speech And Music Processor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SC-614 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  SC-614 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC-614 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC-614 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC-614 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC-614 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC-614 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC-614 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC-614 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC-614 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Data Sheet
SC-614
© 2003 Sensory Inc.
P/N 80-0210-C
7
Die Bond-out Coordinates
Die Size = 145 x 161 Mil or 3680 x 4094 Microns
Pad Size = 256 x 256 Mil
Units = Metric
Pad
Pin
X-Axis Min
Y-Axis Min
X-Axis Max
Y-Axis Max
1
83
3402.53
1022.32
3488.53
1108.32
2
84
3402.53
1176.32
3488.53
1262.32
3
85
3402.53
1330.32
3488.53
1416.32
4
86
3402.53
1484.32
3488.53
1570.32
5
87
3402.53
1638.32
3488.53
1724.32
6
88
3402.53
1792.32
3488.53
1878.32
7
89
3402.53
1946.32
3488.53
2032.32
8
90
3402.53
2100.32
3488.53
2186.32
9
91
3381.68
2251.59
3467.68
2337.59
10
92
3380.92
2357.47
3466.92
2443.47
11
93
3402.53
2509.62
3488.53
2595.62
12
94
3402.53
2663.62
3488.53
2749.62
13
95
3402.54
2817.62
3488.54
2903.62
14
96
3402.54
2971.62
3488.54
3057.62
15
97
3402.53
3125.62
3488.53
3211.62
16
98
3402.53
3279.62
3488.53
3365.62
17
99
3402.53
3433.62
3488.53
3519.62
18
100
3402.53
3587.62
3488.53
3673.62
19
1
3370.73
3724.61
3456.73
3810.61
20
5
3174.50
3795.01
3260.50
3881.01
21
6
3066.70
3795.12
3152.70
3881.12
22
7
2958.55
3795.01
3044.55
3881.01
23
8
2825.20
3795.11
2911.20
3881.11
24
9
2696.92
3826.25
2782.92
3912.25
25
10
2591.16
3826.25
2677.16
3912.25
26
11
2486.92
3826.25
2572.92
3912.25
27
12
2381.16
3826.25
2467.16
3912.25
28
13
2276.92
3826.25
2362.92
3912.25
29
14
2171.16
3826.25
2257.16
3912.25
30
15
2066.92
3826.25
2152.92
3912.25
31
16
1961.16
3826.25
2047.16
3912.25
32
18
1632.14
3816.74
1718.14
3902.74
33
19
1478.56
3816.74
1564.56
3902.74
34
20
1324.98
3816.74
1410.98
3902.74
35
21
1171.40
3816.74
1257.40
3902.74
36
22
1017.82
3816.74
1103.82
3902.74
37
23
864.24
3816.74
950.24
3902.74
38
24
710.66
3816.74
796.66
3902.74
39
25
557.08
3816.74
643.08
3902.74
40
26
430.53
3795.88
516.53
3881.88
41
27
307.37
3795.12
393.37
3881.12
42
30
111.44
3646.03
197.44
3732.03
43
31
111.44
3541.18
197.44
3627.18
44
32
111.44
3434.42
197.44
3520.42
45
33
111.44
3329.57
197.44
3415.57
46
34
111.44
3222.81
197.44
3308.81
47
35
111.44
3117.96
197.44
3203.96
48
36
111.44
3011.20
197.44
3097.20


Similar Part No. - SC-614

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
SC-6 SYSTEMSENSOR-SC-6 Datasheet
496Kb / 2P
   Multiple Input and Output Modules
logo
Cooper Bussmann, Inc.
SC-6 COOPER-SC-6 Datasheet
401Kb / 3P
   SC Class G, 600Vac/480Vac, 1??-60A
logo
Eaton All Rights Reserv...
SC-6 EATON-SC-6 Datasheet
401Kb / 3P
   SC Class G, 600Vac/480Vac, 1??-60A size-rejecting fuses
logo
Cooper Bussmann, Inc.
SC-60 COOPER-SC-60 Datasheet
401Kb / 3P
   SC Class G, 600Vac/480Vac, 1??-60A
logo
Eaton All Rights Reserv...
SC-60 EATON-SC-60 Datasheet
401Kb / 3P
   SC Class G, 600Vac/480Vac, 1??-60A size-rejecting fuses
More results

Similar Description - SC-614

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
80-0211-C ETC1-80-0211-C Datasheet
349Kb / 12P
   Speech And Music Processor
80-0207-A ETC1-80-0207-A Datasheet
259Kb / 8P
   Speech And Music Processor
80-0208-B ETC1-80-0208-B Datasheet
283Kb / 13P
   Speech And Music Processor
80-0209-A ETC1-80-0209-A Datasheet
268Kb / 8P
   Speech And Music Processor
SC-6X ETC2-SC-6X Datasheet
169Kb / 2P
   SPEECH AND MUSIC PROCESSORS
80-0213-B ETC1-80-0213-B Datasheet
502Kb / 2P
   SPEECH AND MUSIC PROCESSORS
RSC-164 ETC1-RSC-164 Datasheet
129Kb / 10P
   General Purpose Microcontroller Featuring Speech Recognition, Speech & Music Synthesis, Speaker Verification and Audio Record/Playback
SAM5704B ETC1-SAM5704B Datasheet
1Mb / 89P
   AUDIO & MUSIC MULTI-DSP PROCESSOR
logo
OKI electronic componet...
MSM7630 OKI-MSM7630 Datasheet
650Kb / 95P
   Universal Speech Processor
logo
List of Unclassifed Man...
ISD-T267SP ETC-ISD-T267SP Datasheet
4Mb / 100P
   DIGITAL SPEECH PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com