Electronic Components Datasheet Search |
|
8534MAVQD22 Datasheet(PDF) 1 Page - ITT Industries |
|
8534MAVQD22 Datasheet(HTML) 1 Page - ITT Industries |
1 / 5 page A–60 Dimensions are shown: Inches (mm) Specifications and dimensions subject to change www.ittcannon.com C&K 8500 Series Subminiature Pushbutton Switches Features/Benefits • Pre-travel or over-travel models available • Ratings up to 3 AMPS • Reliable contact design • RoHS compliant Typical Applications • Detection • Telecommunications and networking equipment • Computers and peripherals Specifications CONTACT RATING: Q contact material (853X Models): 1 AMP @ 120 V AC or 28 V DC; (855X Models): 3 AMPS @ 120 V AC or 28 V DC. See page A-63 for additional ratings. ELECTRICAL LIFE: 853X MODELS: 250,000 actuations at full load. 855X MODELS: 10,000 actuations at full load. CONTACT RESISTANCE: Below 30 m Ω typ. initial @ 2-4 V DC, 100 mA, for both silver and gold plated contacts. INSULATION RESISTANCE: 109 Ω min. DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level. OPERATING TEMPERATURE: –30ºC to 65ºC. NOTE: Any models supplied with Q, B or G contact material are RoHS compliant. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center. Materials CASE: Glass filled phenolic or diallyl phthalate (DAP) (UL 94V-0). PLUNGER: Phenolic or glass filled polyester, black standard(UL94V-0). CAP & FRAME: Nylon, black, standard. BUSHING: Brass, nickel plated. CONTACTS: Q contact material: Coin silver, silver plated. See page A-63 for additional contact materials. TERMINALS: Q contact material: Copper alloy, silver plated. See page A-63 for additional contact materials. TERMINAL SEAL: Epoxy. HARDWARE: Nut: Brass, nickel plated; Lockwasher: Steel, bright nickel plated. Build-A-Switch To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages A-61 thru A-64. For additional options not shown in catalog, consult Customer Service Center. All models have epoxy terminal seal and are compatible with all “bottom-wash” PCB cleaning methods. Switch Function 8531 SPST Off-Mom. 1 Amp 8532 SPST Off-Mom. 1 Amp 8533 SPST On-Mom. 1 Amp 8534 SPST On-Mom. 1 Amp 8551 SPST Off-Mom. 3 Amps 8552 SPST Off-Mom. 3 Amps Actuator or Plunger M .150" high J81 Snap-in with frame J82 Snap-in with frame for LED S .210" high T 15/32 bushing T1 15/32 bushing with frame (8532 and 8534 only) Contact Material Q Silver B Gold G Gold over silver Seal E Epoxy D No epoxy seal Cap or Plunger Color 2 Black 1 White 3 Red 9 Gray Frame Color 2 Black NONE Models without frame Models Available Terminations Z Solder lug AV Right angle, PC thru-hole C PC Thru-hole A |
Similar Part No. - 8534MAVQD22 |
|
Similar Description - 8534MAVQD22 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |