Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB3853 Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB3853
Description  1A Motor Drive IC for Motor Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3853 Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB3853 Datasheet HTML 4Page - Fujitsu Component Limited. MB3853 Datasheet HTML 5Page - Fujitsu Component Limited. MB3853 Datasheet HTML 6Page - Fujitsu Component Limited. MB3853 Datasheet HTML 7Page - Fujitsu Component Limited. MB3853 Datasheet HTML 8Page - Fujitsu Component Limited. MB3853 Datasheet HTML 9Page - Fujitsu Component Limited. MB3853 Datasheet HTML 10Page - Fujitsu Component Limited. MB3853 Datasheet HTML 11Page - Fujitsu Component Limited. MB3853 Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MB3853
8
s
s
s
s ELECTRICAL CHARACTERISTICS
(TC
= +25 °C, GND = 0 V, VCC1 = 5 V, VCC2 = 24 V)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
“L” level input current
IIL
VIL
= 0.4 V

100
µA
“H” level input current
IIH
VIH
= 2.4 V

100
µA
“L” level output current
VOL
IO
= 1 A
1.0
1.4
V
“H” level output current
VOH
IO
= −1 A
22.5
23.0
V
Diode forward voltage
VF
IO
= 1.8 A
2.2
V
Overcurrent detection current
ICS
1.8
2.4
3.5
A
Overcurrent detection voltage
VSD
30.5
33.0
35.5
V
“L” level monitoring output voltage
VOL
IO
= 1 mA
0.2
0.4
V
“H” level monitoring output current
IOH
VOH
= 24 V

0.01
mA
Supply current
ICC1
IN1
= IN2 = “H”
3.7
7.4
mA
IN1/IN2
= “H/L”
2.8
5.6
mA
IN1
= IN2 = “L”
1.9
3.8
mA
ICC2
IN1
= IN2 = “H”

1.0
mA
IN1/IN2
= “H/L”
13
20
mA
IN1
= IN2 = “L”
26
40
mA
ICC0ICC1
+ ICC2 INH = “L”

1.0
mA
Package thermal resistance
θJ-C
Infinite heat dissipation
4
°C/W
Power consumption
OUT1 or OUT2, per terminal
PD
IO
= 1 A
1.2
W
IO
= 0 mA (braking)
300
mW
In H-type drive configuration
IO
= 1 A
2.4
W


Similar Part No. - MB3853

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MB38 PANJIT-MB38 Datasheet
104Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
MB38 ZSELEC-MB38 Datasheet
104Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
MB38-AU PANJIT-MB38-AU Datasheet
288Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
MB38-AU_R1_000A1 PANJIT-MB38-AU_R1_000A1 Datasheet
288Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
MB38-AU_R2_000A1 PANJIT-MB38-AU_R2_000A1 Datasheet
288Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MB3853

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRMCK099 INFINEON-IRMCK099 Datasheet
1Mb / 31P
   iMOTION??motor control IC for single motor drive
Revision 1.0 2014-12-18
logo
International Rectifier
IRAMX16UP60B IRF-IRAMX16UP60B_15 Datasheet
458Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM136-1060B IRF-IRAM136-1060B Datasheet
301Kb / 18P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMS12UP60A IRF-IRAMS12UP60A Datasheet
301Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM109-015SD IRF-IRAM109-015SD Datasheet
316Kb / 15P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMX16UP60A IRF-IRAMX16UP60A_08 Datasheet
379Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM136-0760A IRF-IRAM136-0760A Datasheet
258Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMX16UP60A-2 IRF-IRAMX16UP60A-2 Datasheet
379Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications.
IRAMS10UP60B IRF-IRAMS10UP60B_05 Datasheet
485Kb / 17P
   INTEGRATED POWER HYBRID IC FOR APPLIANCE MOTOR DRIVE APPLICATIONS
IRAM136-1061A IRF-IRAM136-1061A Datasheet
562Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com