Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6UEEAAUPNTACWHT Datasheet(PDF) 2 Page - E-SWITCH

Part # LT6UEEAAUPNTACWHT
Description  PUSHBUTTON SWITCHES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

LT6UEEAAUPNTACWHT Datasheet(HTML) 2 Page - E-SWITCH

  LT6UEEAAUPNTACWHT Datasheet HTML 1Page - E-SWITCH LT6UEEAAUPNTACWHT Datasheet HTML 2Page - E-SWITCH LT6UEEAAUPNTACWHT Datasheet HTML 3Page - E-SWITCH LT6UEEAAUPNTACWHT Datasheet HTML 4Page - E-SWITCH LT6UEEAAUPNTACWHT Datasheet HTML 5Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SERIES TA/LT
119
Phone: 612-504-3525
Fax: 612-531-8235
www.e-switch.com info@e-switch.com
PUSHBUTTON SWITCHES
TERMINATION OPTIONS
MODULE SCHEMATICS
CIRCUIT OPTIONS
TOP
SIDE
BOTTOM
(TA) STANDARD OPERATING FORCE
(LT) LIGHT TOUCH OPERATING FORCE
2PDT
42.15
4PDT
54.15
6PDT
66.15
8PDT
78.15
10PDT
90.15
16PDT
126.15
POLE DIMENSIONS
TA2UEE A
2U = DPDT
4U = 4PDT
6U = 6PDT
8U = 8PDT
10U = 10PDT
16U = 16PDT
TRAVEL
4.8
T R AV E LTO LOCK
3.3
TOLERANCE
±0.2MM
2PDT
≤700 grams
4PDT
≤700 grams
6PDT
≤1000 grams
8PDT
≤1000 grams
10PDT
≤1200 grams
16PDT
≤1200 grams
PLATING
MATERIAL
TIMING
AG = Silver
P = Polycarbonate UL94HB
N = (BBM) Non-Shorting
AU = Gold
V = Valox UL94VO
S = (MBB) Shorting
2PDT
≤250 grams
4PDT
≤400 grams
6PDT
≤650 grams
Y
TA4UEE A
Y
PLATING, MATERIAL & TIMING OPTIONS
*Retentive (Snap In) pins available;
please contact E-Switch for specifications.
OPERATING FORCE OPTIONS
RETENTIVE PIN OPTION


Similar Part No. - LT6UEEAAUPNTACWHT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT6.0MB ETC2-LT6.0MB Datasheet
140Kb / 1P
   CERAMIC FOR FILTER TV/VTR
logo
Token Electronics Indus...
LT6.0MB TOKEN-LT6.0MB Datasheet
321Kb / 3P
   LT MB Ceramic Filters for TV/VCR Stage
logo
Transko Electronics, In...
LT6.0MB TRANSKO-LT6.0MB Datasheet
370Kb / 1P
   CERAMIC FILTER (MHz band, 3pins)
Rev. 1: Jul. 2014
logo
Token Electronics Indus...
LT6.0MBP TOKEN-LT6.0MBP Datasheet
321Kb / 3P
   LT MB Ceramic Filters for TV/VCR Stage
logo
List of Unclassifed Man...
LT6.0MCB ETC2-LT6.0MCB Datasheet
140Kb / 1P
   CERAMIC FOR FILTER TV/VTR
More results

Similar Description - LT6UEEAAUPNTACWHT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
   Pushbutton Switches
logo
Copal Electronics
MSP COPAL-MSP Datasheet
607Kb / 1P
   Pushbutton Switches
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
   PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
   PUSHBUTTON SWITCHES
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
   Pushbutton Switches
logo
C&K Components
F CK-COMPONENTS-F Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
   Pushbutton Switches
28 Nov 22
logo
E-SWITCH
5500 E-SWITCH-5500_1 Datasheet
323Kb / 3P
   PUSHBUTTON SWITCHES
700A E-SWITCH-700A Datasheet
570Kb / 3P
   PUSHBUTTON SWITCHES
logo
C&K Components
SF4UEE CK-COMPONENTS-SF4UEE Datasheet
440Kb / 10P
   Pushbutton Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com