Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1808PW Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM1808PW
Description  SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1808PW Datasheet(HTML) 5 Page - Burr-Brown (TI)

  PCM1808PW Datasheet HTML 1Page - Burr-Brown (TI) PCM1808PW Datasheet HTML 2Page - Burr-Brown (TI) PCM1808PW Datasheet HTML 3Page - Burr-Brown (TI) PCM1808PW Datasheet HTML 4Page - Burr-Brown (TI) PCM1808PW Datasheet HTML 5Page - Burr-Brown (TI) PCM1808PW Datasheet HTML 6Page - Burr-Brown (TI) PCM1808PW Datasheet HTML 7Page - Burr-Brown (TI) PCM1808PW Datasheet HTML 8Page - Burr-Brown (TI) PCM1808PW Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
www.ti.com
PIN ASSIGNMENTS
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VREF
AGND
VCC
VDD
DGND
SCKI
LRCK
VINR
VINL
FMT
MD1
MD0
DOUT
BCK
PW PACKAGE
(TOP VIEW)
P0032-02
PCM1808
SLES177A – APRIL 2006 – REVISED AUGUST 2006
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
PIN
AGND
2
Analog GND
BCK
8
I/O
Audio data bit clock input/output (1)
DGND
5
Digital GND
DOUT
9
O
Audio data digital output
FMT
12
I
Audio interface format select (2)
LRCK
7
I/O
Audio data latch enable input/output (1)
MD0
10
I
Audio interface mode select 0 (2)
MD1
11
I
Audio interface mode select 1 (2)
SCKI
6
I
System clock input; 256 fS, 384 fS or 512 fS(3)
VCC
3
Analog power supply, 5-V
VDD
4
Digital power supply, 3.3-V
VINL
13
I
Analog input, L-channel
VINR
14
I
Analog input, R-channel
VREF
1
Reference voltage decoupling (= 0.5 VCC)
(1)
Schmitt-trigger input with internal pulldown (50-k
Ω, typical)
(2)
Schmitt-trigger input with internal pulldown (50-k
Ω, typical), 5-V tolerant
(3)
Schmitt-trigger input, 5-V tolerant
5
Submit Documentation Feedback


Similar Part No. - PCM1808PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1808-Q1 TI1-PCM1808-Q1 Datasheet
611Kb / 27P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1808-Q1 TI-PCM1808-Q1_15 Datasheet
578Kb / 28P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1808QPWRQ1 TI1-PCM1808QPWRQ1 Datasheet
611Kb / 27P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1808 TI-PCM1808_15 Datasheet
955Kb / 30P
[Old version datasheet]   PCM1808 Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo ADC
More results

Similar Description - PCM1808PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1803A TI-PCM1803A Datasheet
228Kb / 22P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1802DBRG4 TI1-PCM1802DBRG4 Datasheet
411Kb / 28P
[Old version datasheet]   SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1802 TI-PCM1802 Datasheet
360Kb / 24P
[Old version datasheet]   SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1808-Q1 TI-PCM1808-Q1_15 Datasheet
578Kb / 28P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1803 TI-PCM1803 Datasheet
320Kb / 20P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Burr-Brown (TI)
PCM1807 BURR-BROWN-PCM1807 Datasheet
426Kb / 29P
   Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
logo
Texas Instruments
PCM1808-Q1 TI1-PCM1808-Q1 Datasheet
611Kb / 27P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1803A TI-PCM1803A_15 Datasheet
362Kb / 25P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1808 TI-PCM1808_15 Datasheet
955Kb / 30P
[Old version datasheet]   PCM1808 Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo ADC
logo
Cirrus Logic
CS5333 CIRRUS-CS5333 Datasheet
375Kb / 20P
   24-Bit, 96 kHz Stereo A/D Converter?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com