Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1808PWRG4 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM1808PWRG4
Description  SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1808PWRG4 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  PCM1808PWRG4 Datasheet HTML 1Page - Burr-Brown (TI) PCM1808PWRG4 Datasheet HTML 2Page - Burr-Brown (TI) PCM1808PWRG4 Datasheet HTML 3Page - Burr-Brown (TI) PCM1808PWRG4 Datasheet HTML 4Page - Burr-Brown (TI) PCM1808PWRG4 Datasheet HTML 5Page - Burr-Brown (TI) PCM1808PWRG4 Datasheet HTML 6Page - Burr-Brown (TI) PCM1808PWRG4 Datasheet HTML 7Page - Burr-Brown (TI) PCM1808PWRG4 Datasheet HTML 8Page - Burr-Brown (TI) PCM1808PWRG4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
APPLICATIONS
DESCRIPTION
PCM1808
SLES177A – APRIL 2006 – REVISED AUGUST 2006
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
DVD Recorder
24-Bit Delta-Sigma Stereo A/D Converter
Digital TV
Single-Ended Voltage Input: 3 Vp-p
AV Amplifier/Receiver
High Performance:
MD Player
– THD + N: –93 dB (Typical)
CD Recorder
– SNR: 99 dB (Typical)
Multitrack Receiver
– Dynamic Range: 99 dB (Typical)
Electric Musical Instrument
Oversampling Decimation Filter:
– Oversampling Frequency:
×64
– Pass-Band Ripple: ±0.05 dB
The
PCM1808
is
high-performance,
low-cost,
– Stop-Band Attenuation: –65 dB
single-chip, stereo analog-to-digital converter with
single-ended analog voltage input. The PCM1808
– On-Chip High-Pass Filter: 0.91 Hz (48 kHz)
uses
a
delta-sigma
modulator
with
64-times
Flexible PCM Audio Interface
oversampling and includes a digital decimation filter
– Master/Slave Mode Selectable
and high-pass filter that removes the dc component
of the input signal. For various applications, the
– Data Formats: 24-Bit I2S, 24-Bit
PCM1808 supports master and slave mode and two
Left-Justified
data formats in serial audio interface.
Power Down and Reset by Halting System
The PCM1808 supports the power-down and reset
Clock
function by means of halting the system clock.
Analog Antialias LPF Included
The PCM1808 is suitable for wide variety of
Sampling Rate: 8 kHz–96 kHz
cost-sensitive consumer applications where good
System Clock: 256 fS, 384 fS, 512 fS
performance and operation with a 5-V analog supply
Dual Power Supplies:
and 3.3-V digital supply is required. The PCM1808 is
fabricated using a highly advanced CMOS process
– 5-V for Analog
and is available in a small, 14-pin TSSOP package.
– 3.3-V for Digital
Package: 14-Pin TSSOP
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
System Two, Audio Precision are trademarks of Audio Precision, Inc.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM1808PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1808-Q1 TI1-PCM1808-Q1 Datasheet
611Kb / 27P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1808-Q1 TI-PCM1808-Q1_15 Datasheet
578Kb / 28P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1808QPWRQ1 TI1-PCM1808QPWRQ1 Datasheet
611Kb / 27P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1808 TI-PCM1808_15 Datasheet
955Kb / 30P
[Old version datasheet]   PCM1808 Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo ADC
More results

Similar Description - PCM1808PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1803A TI-PCM1803A Datasheet
228Kb / 22P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1802DBRG4 TI1-PCM1802DBRG4 Datasheet
411Kb / 28P
[Old version datasheet]   SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1802 TI-PCM1802 Datasheet
360Kb / 24P
[Old version datasheet]   SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1808-Q1 TI-PCM1808-Q1_15 Datasheet
578Kb / 28P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1803 TI-PCM1803 Datasheet
320Kb / 20P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Burr-Brown (TI)
PCM1807 BURR-BROWN-PCM1807 Datasheet
426Kb / 29P
   Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
logo
Texas Instruments
PCM1808-Q1 TI1-PCM1808-Q1 Datasheet
611Kb / 27P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1803A TI-PCM1803A_15 Datasheet
362Kb / 25P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1808 TI-PCM1808_15 Datasheet
955Kb / 30P
[Old version datasheet]   PCM1808 Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo ADC
logo
Cirrus Logic
CS5333 CIRRUS-CS5333 Datasheet
375Kb / 20P
   24-Bit, 96 kHz Stereo A/D Converter?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com