Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSC-4XRPM Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RSC-4XRPM
Description  Rapid Prototyping Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RSC-4XRPM Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RSC-4XRPM Datasheet HTML 1Page - List of Unclassifed Manufacturers RSC-4XRPM Datasheet HTML 2Page - List of Unclassifed Manufacturers RSC-4XRPM Datasheet HTML 3Page - List of Unclassifed Manufacturers RSC-4XRPM Datasheet HTML 4Page - List of Unclassifed Manufacturers RSC-4XRPM Datasheet HTML 5Page - List of Unclassifed Manufacturers RSC-4XRPM Datasheet HTML 6Page - List of Unclassifed Manufacturers RSC-4XRPM Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RSC-4x RPM
Data Sheet
4
P/N 80-0291-B
© 2006 Sensory Inc.
General Purpose I/O
Bidirectional: The RSC-4x RPM has 24 general purpose I/O pins. Each line can be programmed as an input with
a weak pull-up resistor, input with a strong pull-up resistor, input without pull-ups, or as an output. For more
details, refer to the RSC-4128 Datasheet (80-0206).
Microphone Ports
Input: The RSC-4x RPM is designed so that you can use the on-board 1.2K microphone source resistor or
external custom microphone source resistor. Use the on-board microphone resistor if the microphone sensitivity
provides -49dB system gain with 1.2K. Use the external microphone source resistor otherwise. For more
information on microphones, refer to Design Note - Selecting a Microphone (80-0259).
NOTE: Sleep Current is 100uA (typ.) with a microphone.
Speaker Output (PWM0, PWM1)
Output: PWM ports can be directly connected to the speaker.
DAC Output
Output: An optional DAC output for the speaker is provided. To use DAC output, you need to provide the
external audio amplifier.
RSC-4x RPM Schematic
Refer to: RSC-4x RPM Schematic (70-0068).
Developing RSC-4x RPM Applications
What you can develop with the RSC-4x RPM:
Speaker Independent Recognition
Speaker Dependent Recognition
Speaker Verification
Record and Playback
Speech with SXL compression
Sample Programs
Sample programs in the FluentChipTechnology Library are a great place to start. Please refer to the Module
Programmer Board Manual (80-0294) for the complete list of supported samples.
Creating SI Recognition Sets and Speech Files
For creating Speaker Independent recognition sets, use “Quick T2SI(Pat. Pending)”
For creating speech files, use “QuickSynthesis4”


Similar Part No. - RSC-4XRPM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RSC-4128 ETC-RSC-4128 Datasheet
690Kb / 49P
   Speech Recognition Processor
RSC-4128100LQFP ETC-RSC-4128100LQFP Datasheet
690Kb / 49P
   Speech Recognition Processor
RSC-4128100LQFP ETC1-RSC-4128100LQFP Datasheet
511Kb / 49P
   Speech Recognition Processor
RSC-412864LQFP ETC-RSC-412864LQFP Datasheet
690Kb / 49P
   Speech Recognition Processor
RSC-4128DIE ETC1-RSC-4128DIE Datasheet
511Kb / 49P
   Speech Recognition Processor
More results

Similar Description - RSC-4XRPM

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
VDIP1 FTDI-VDIP1 Datasheet
825Kb / 13P
   Vinculum VNC1L Prototyping Module
VDIP2 FTDI-VDIP2 Datasheet
531Kb / 12P
   Vinculum VNC1L Prototyping Module
logo
Ironwood Electronics.
CA-MLF52C-A-S-01 IRONWOOD-CA-MLF52C-A-S-01 Datasheet
73Kb / 1P
   BGA Prototyping Adaptor
logo
Aries Electronics, Inc.
19001 ARIES-19001 Datasheet
786Kb / 1P
   QFP Prototyping Adapters
logo
Cypress Semiconductor
CY8CKIT-059 CYPRESS-CY8CKIT-059 Datasheet
2Mb / 48P
   5LP Prototyping Kit Guide
logo
EM Microelectronic - MA...
EMEVB8900 EMMICRO-EMEVB8900 Datasheet
153Kb / 1P
   Evaluation & Prototyping Tool for EM8900
logo
Mitel Networks Corporat...
MB6010 MITEL-MB6010 Datasheet
8Kb / 2P
   Product Summary Prototyping Kits
logo
Aries Electronics, Inc.
19000 ARIES-19000 Datasheet
660Kb / 1P
   Small Outline Prototyping Adapters
logo
List of Unclassifed Man...
RSS50-150 ETC2-RSS50-150 Datasheet
361Kb / 1P
   HPS Rapid Restrike
logo
Grayhill, Inc
02-20 GRAYHILL-02-20 Datasheet
94Kb / 1P
   Rapid, Easy Connections
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com