Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9221J1AV2QD12 Datasheet(PDF) 2 Page - ITT Industries

Part # 9221J1AV2QD12
Description  Power Rocker and Lever Handle Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

9221J1AV2QD12 Datasheet(HTML) 2 Page - ITT Industries

  9221J1AV2QD12 Datasheet HTML 1Page - ITT Industries 9221J1AV2QD12 Datasheet HTML 2Page - ITT Industries 9221J1AV2QD12 Datasheet HTML 3Page - ITT Industries 9221J1AV2QD12 Datasheet HTML 4Page - ITT Industries 9221J1AV2QD12 Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
H–54
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
C&K 9000 Series
Power Rocker and Lever Handle Switches
SWITCH FUNCTION
PANEL MOUNTING
1.875
(47,62)
w/ J10
actuator
1.625
(41,28)
w/ J10
actuator
.140 DIA.(3,56ø)
w/ J10 actuator
DPDT
2-1,5-4
2-3,5-6
ON
ON
ON
ON
6 AMPS
10 AMPS
9201
9221
DP
SCHEMATIC
CONNECTED TERMINALS
POS. 1
POS. 2
SWITCH FUNCTION
POS. 1
POS. 2
RATING*
MODEL NO.
NO.
POLES
DPDT
Part number shown: 9201J1ZQE2
Terminal Nos.
Molded On Side Of Case
All 9000 Series models meet international dimensional and electrical requirements.
* See CONTACT MATERIAL, page H-58, for complete ratings.
9221 model must be ordered with Z4 terminations and D seal option.
ACTUATOR–PANEL MOUNT
Finish: Matte. Other colors, custom actuator
markings and legends available, consult
Customer Service Center.
NOTE: Hardware: two each—mounting screws, nuts,
lockwashers and standoffs for 1/8 inch
thick panel are supplied standard on all switches with
panel mounting brackets. Actuators available separate-
ly, see page H-56-57. Hardware available separately,
see Technical Data section of this catalog.
2
BLACK
1
WHITE
3
RED
ACTUATOR
COLOR
OPTION
CODE
J1
ROCKER
J2
LEVER
ACTUATOR COLOR
ACTUATOR
H


Similar Part No. - 9221J1AV2QD12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9221 ETC2-9221 Datasheet
97Kb / 2P
   30 AWG stranded (7x38) .012 tinned copper conductor, foam HDPE insulation
logo
Belden Inc.
9221 BELDEN-9221 Datasheet
154Kb / 2P
   Analog Video, #30 Str TC, 90% TC Braid, PVC Jacket
04-04-2023
9221-010100 BELDEN-9221-010100 Datasheet
154Kb / 2P
   Analog Video, #30 Str TC, 90% TC Braid, PVC Jacket
04-04-2023
9221-010500 BELDEN-9221-010500 Datasheet
154Kb / 2P
   Analog Video, #30 Str TC, 90% TC Braid, PVC Jacket
04-04-2023
9221-010U500 BELDEN-9221-010U500 Datasheet
154Kb / 2P
   Analog Video, #30 Str TC, 90% TC Braid, PVC Jacket
04-04-2023
More results

Similar Description - 9221J1AV2QD12

ManufacturerPart #DatasheetDescription
logo
C&K Components
9000 CK-COMPONENTS-9000_V01 Datasheet
790Kb / 5P
   Power Rocker and Lever Handle Switches
2018
9000ROCKER CK-COMPONENTS-9000ROCKER Datasheet
789Kb / 5P
   Power Rocker and Lever Handle Switches
logo
ITT Industries
7101J1ZQE2 ITT-7101J1ZQE2 Datasheet
1Mb / 20P
   Rocker and Lever Handle Switches
7101MDABE0 ITT-7101MDABE0 Datasheet
1Mb / 20P
   Rocker and Lever Handle Switches
logo
C&K Components
7000 CK-COMPONENTS-7000_V01 Datasheet
3Mb / 22P
   Miniature Rocker & Lever Handle Switches
2021
U15J51ZQE12 CK-COMPONENTS-U15J51ZQE12 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
U411J37ZGE22 CK-COMPONENTS-U411J37ZGE22 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
7201J1A3QE2 CK-COMPONENTS-7201J1A3QE2 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
logo
ITT Industries
E101J1ABE22 ITT-E101J1ABE22 Datasheet
812Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
logo
C&K Components
E CK-COMPONENTS-E Datasheet
2Mb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
15 Jan 21
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com