Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9221J2AV2QD12 Datasheet(PDF) 1 Page - ITT Industries

Part # 9221J2AV2QD12
Description  Power Rocker and Lever Handle Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

9221J2AV2QD12 Datasheet(HTML) 1 Page - ITT Industries

  9221J2AV2QD12 Datasheet HTML 1Page - ITT Industries 9221J2AV2QD12 Datasheet HTML 2Page - ITT Industries 9221J2AV2QD12 Datasheet HTML 3Page - ITT Industries 9221J2AV2QD12 Datasheet HTML 4Page - ITT Industries 9221J2AV2QD12 Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Models Available
C&K 9000 Series
Power Rocker and Lever Handle Switches
Features/Benefits
Thermoset UL 94V-0 housing
Rugged construction
Variety of actuator and
termination options
RoHS compliant
Typical Applications
Small equipment
Shut-off switch
Specifications
CONTACT RATING: 9201 Model: 6 AMPS @ 120 V AC or 28 V DC;
3 AMPS @ 250 V AC. 9221 Model: 10 AMPS @ 125 V AC or
28 V DC; 5 AMPS @ 250 V AC.
ELECTRICAL LIFE: 25,000 make-and-break cycles at full load.
CONTACT RESISTANCE: Below 10 m
Ω typ. initial @
2–4 V DC, 100 mA.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 2,500 Vrms min. @ sea level.
OPERATING TEMPERATURE: –30ºC to 85ºC.
SOLDERABILITY: Per MIL-STD-202F method 208D, or
EIA RS-186E method 9 (1 hour steam aging).
NOTE: Any models supplied with Q contact material are RoHS compliant.
For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Materials
CASE: Diallyl phthalate (DAP) (UL 94V-0).
ACTUATOR: Nylon, black standard.
FRAME-REAR MOUNT OPTIONS: Spring steel, black.
BUSHING: Brass, nickel plated.
HOUSING: Stainless steel.
SWITCH SUPPORT: Brass or steel, matte-tin plated.
MOUNTING BRACKET: Stainless steel.
END CONTACTS: 9201 Model: Coin silver, silver plated.
9221 Model: Silver cadmium oxide.
CENTER CONTACTS: Copper alloy, silver plated
ALL TERMINALS: 9201 Model: Copper alloy, silver plated.
9221 Model: Copper alloy, matte-tin plated.
TERMINAL SEAL: Epoxy.
HARDWARE: Nut, Screw & Lockwasher: Stainless steel. Standoff:
Nylon standard, aluminum available, consult Customer
Service Center.
*Cadmium used in electrical contacts is acceptable for RoHS.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown
and described on pages H-53 through H-57. For additional options not shown in catalog, consult Customer Service Center.
Switch Function
9201 DP On-On, 6 Amps
9221 DP On-On, 10 Amps
Actuator
J1
Rocker
J2
Lever
J3
Rocker
J37 Rocker with metal frame
Actuator Color
2
Black
1
White
3
Red
Frame Color
2
Black
NONE No frame color required
Contact Material
Q Silver
Terminations
Z
Solder lug (9201 only)
AV2 Vertical right angle, PC thru-hole (9201 only)
C
PC Thru-hole (9201 only)
Z4
Quick connect
Seal
E Epoxy
D No Seal
H–53
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
H


Similar Part No. - 9221J2AV2QD12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9221 ETC2-9221 Datasheet
97Kb / 2P
   30 AWG stranded (7x38) .012 tinned copper conductor, foam HDPE insulation
logo
Belden Inc.
9221 BELDEN-9221 Datasheet
154Kb / 2P
   Analog Video, #30 Str TC, 90% TC Braid, PVC Jacket
04-04-2023
9221-010100 BELDEN-9221-010100 Datasheet
154Kb / 2P
   Analog Video, #30 Str TC, 90% TC Braid, PVC Jacket
04-04-2023
9221-010500 BELDEN-9221-010500 Datasheet
154Kb / 2P
   Analog Video, #30 Str TC, 90% TC Braid, PVC Jacket
04-04-2023
9221-010U500 BELDEN-9221-010U500 Datasheet
154Kb / 2P
   Analog Video, #30 Str TC, 90% TC Braid, PVC Jacket
04-04-2023
More results

Similar Description - 9221J2AV2QD12

ManufacturerPart #DatasheetDescription
logo
C&K Components
9000 CK-COMPONENTS-9000_V01 Datasheet
790Kb / 5P
   Power Rocker and Lever Handle Switches
2018
9000ROCKER CK-COMPONENTS-9000ROCKER Datasheet
789Kb / 5P
   Power Rocker and Lever Handle Switches
logo
ITT Industries
7101J1ZQE2 ITT-7101J1ZQE2 Datasheet
1Mb / 20P
   Rocker and Lever Handle Switches
7101MDABE0 ITT-7101MDABE0 Datasheet
1Mb / 20P
   Rocker and Lever Handle Switches
logo
C&K Components
7000 CK-COMPONENTS-7000_V01 Datasheet
3Mb / 22P
   Miniature Rocker & Lever Handle Switches
2021
U15J51ZQE12 CK-COMPONENTS-U15J51ZQE12 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
U411J37ZGE22 CK-COMPONENTS-U411J37ZGE22 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
7201J1A3QE2 CK-COMPONENTS-7201J1A3QE2 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
logo
ITT Industries
E101J1ABE22 ITT-E101J1ABE22 Datasheet
812Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
logo
C&K Components
E CK-COMPONENTS-E Datasheet
2Mb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
15 Jan 21
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com