Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74LVC377APY Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT74LVC377APY
Description  3.3V CMOS 8-BIT REGISTER WITH CLOCK ENABLE AND 5 VOLT TOLERANT I/O
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74LVC377APY Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT74LVC377APY Datasheet HTML 1Page - Integrated Device Technology IDT74LVC377APY Datasheet HTML 2Page - Integrated Device Technology IDT74LVC377APY Datasheet HTML 3Page - Integrated Device Technology IDT74LVC377APY Datasheet HTML 4Page - Integrated Device Technology IDT74LVC377APY Datasheet HTML 5Page - Integrated Device Technology IDT74LVC377APY Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
2
IDT74LVC377A
3.3VCMOSOCTAL8-BITREGISTERWITHCLOCKENABLE
NOTE:
1. As applicable to the device type.
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
4.5
6
pF
COUT
Output Capacitance
VOUT = 0V
5.5
8
pF
CI/O
I/O Port Capacitance
VIN = 0V
6.5
8
pF
CAPACITANCE (TA= +25°C, F = 1.0MHz)
Symbol
Description
Max
Unit
VTERM
Terminal Voltage with Respect to GND
–0.5 to +6.5
V
TSTG
Storage Temperature
–65 to +150
°C
IOUT
DC Output Current
–50 to +50
mA
IIK
Continuous Clamp Current,
–50
mA
IOK
VI < 0 or VO < 0
ICC
Continuous Current through each
±100
mA
ISS
VCC or GND
ABSOLUTE MAXIMUM RATINGS(1)
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
PIN CONFIGURATION
SOIC/ SSOP/ QSOP/ TSSOP
TOP VIEW
Pin Names
Description
CE
Clock Enable Input (Active LOW)
C P
Clock Input
Ox
Data Outputs
Dx
Data Inputs
PIN DESCRIPTION
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
1
VCC
GND
CE
O0
D0
D1
O1
O2
D2
D3
CP
O3
O7
D7
D6
O6
O5
D5
D4
O4
FUNCTION TABLE (1)
Inputs
Internal
Outputs
CE
CP
Dx
Q Value
Ox
Function
H
X
N C
N C
Hold Value
L
L
L
L
LoadInputData
L
HH
H
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level
X = Don’t Care
↑ = LOW-to-HIGH Transition


Similar Part No. - IDT74LVC377APY

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74LVC373A IDT-IDT74LVC373A Datasheet
68Kb / 6P
   3.3V CMOS OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
IDT74LVC373APG IDT-IDT74LVC373APG Datasheet
68Kb / 6P
   3.3V CMOS OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
IDT74LVC373APY IDT-IDT74LVC373APY Datasheet
68Kb / 6P
   3.3V CMOS OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
IDT74LVC373AQ IDT-IDT74LVC373AQ Datasheet
68Kb / 6P
   3.3V CMOS OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
IDT74LVC373ASO IDT-IDT74LVC373ASO Datasheet
68Kb / 6P
   3.3V CMOS OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
More results

Similar Description - IDT74LVC377APY

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74LVC16823A IDT-IDT74LVC16823A Datasheet
77Kb / 6P
   3.3V CMOS 18-BIT REGISTER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC16827A IDT-IDT74LVC16827A Datasheet
104Kb / 6P
   3.3V CMOS 20-BIT BUFFER WITH 5 VOLT TOLERANT I/O
logo
Renesas Technology Corp
IDT74LVC16827A RENESAS-IDT74LVC16827A Datasheet
260Kb / 7P
   3.3V CMOS 20-BIT BUFFER WITH 5 VOLT TOLERANT I/O
AUGUST 2015
logo
Integrated Device Techn...
IDT74LVC16646A IDT-IDT74LVC16646A Datasheet
211Kb / 8P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
IDT74LVCH162245A IDT-IDT74LVCH162245A Datasheet
93Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 5 VOLT TOLERANT I/O AND BUS-HOLD
logo
Renesas Technology Corp
IDT74LVCH16646A RENESAS-IDT74LVCH16646A Datasheet
528Kb / 9P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
JANUARY 2016
logo
Integrated Device Techn...
IDT74LVCH16646A IDT-IDT74LVCH16646A Datasheet
118Kb / 8P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD
logo
Renesas Technology Corp
IDT74LVCH162245A RENESAS-IDT74LVCH162245A Datasheet
444Kb / 8P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 5 VOLT TOLERANT I/O AND BUS-HOLD
OCTOBER 2015
logo
Integrated Device Techn...
IDT74LVC11A IDT-IDT74LVC11A Datasheet
55Kb / 5P
   3.3V CMOS TRIPLE 3-INPUT AND GATE WITH 5 VOLT TOLERANT I/O
IDT74LVC827A IDT-IDT74LVC827A Datasheet
68Kb / 6P
   3.3V CMOS 10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com