Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40BT-6 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 40BT-6
Description  THERMOPILE TYPE INFRARED SENSOR
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

40BT-6 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 40BT-6 Datasheet HTML 2Page - List of Unclassifed Manufacturers 40BT-6 Datasheet HTML 3Page - List of Unclassifed Manufacturers 40BT-6 Datasheet HTML 4Page - List of Unclassifed Manufacturers 40BT-6 Datasheet HTML 5Page - List of Unclassifed Manufacturers 40BT-6 Datasheet HTML 6Page - List of Unclassifed Manufacturers 40BT-6 Datasheet HTML 7Page - List of Unclassifed Manufacturers 40BT-6 Datasheet HTML 8Page - List of Unclassifed Manufacturers 40BT-6 Datasheet HTML 9Page - List of Unclassifed Manufacturers 40BT-6 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
6
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
B:3350
B:3400
1k
10k
100k
Temperature(1/ Tx10
3)
THERMISTOR
"Thermistor" is the generic name given to
thermally sensitive resistors.
Negative temperature coefficient thermistor
is generally called as thermistor. Thermistor
is a semiconducting ceramic resistor
produced by sintering the materials at high
temperature and made mainly from metal
oxide.
Depending on the manufacturing method
and the structure, there are many shapes
and characteristics for various purposes
such as temperature measurement,
temperature compensation and etc.
The thermistor resistance values, unless
otherwise specified, are classified at a
standard temperature of 25 C.
B constant is calculated from the resistance
values at 25 C and 85 C.
The resistance of a temperature is solely a function
of its absolute temperature. Since electrical power
being dissipated within a temperature might heat
above its ambient temperature and thereby reduce
its resistance, it is necessary to test for resistance
with temperature. The resistance so measured is
called RT, which means the resistance at essentially
zero-power.
The mathematical expression which relates the
resistance and the absolute temperature of
a thermistor is as follows:
Ra Rb exp B
1
T1
1
T2
B
T2
Ra
T1
Where:
is the resistance at absolute temperature
is the resistance at absolute temperature
Rb
T2
B is a constant which depends on the
material of the thermistor
Unless otherwise specified,all values of B are
determined from measurements made at 25 C and
85 C.
The temperature coefficient of resistance
is expressed in the following equation:
100 (%/ C)
Resistance -Temperature Characteristics
Dissipation factor
Thermal time constant
Dissipation factor ( ) is power in milliwatts
required to raise thermistor temperature 1 C.
Measured with thermistor suspended by its leads in
a specified environment.
t:Raise temperature( C)
t
P
(mW/ C)
P :Power(mW)
Thermal time constant ( a) is the time required by a
thermistor to change 63% of the difference between
its initial and final temperature. Measured with
thermistor suspended by its leads in specified
environment.
95
87
63
a
2 a
3 a
5 a
Time (s)


Similar Part No. - 40BT-6

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
40B10 IVO-40B10 Datasheet
359Kb / 4P
   Solid shaft 11 mm with EURO flange
40B10Y1 IVO-40B10Y1 Datasheet
371Kb / 4P
   Solid shaft 첩11 mm with EURO flange
40B10Y18 IVO-40B10Y18 Datasheet
381Kb / 4P
   Blind hollow shaft 10 mm with EURO flange
40B10Y4 IVO-40B10Y4 Datasheet
371Kb / 4P
   Solid shaft 11 mm with EURO flange
40B10Y5 IVO-40B10Y5 Datasheet
346Kb / 4P
   Solid shaft 11 mm with EURO flange
More results

Similar Description - 40BT-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP337 ETC1-TP337 Datasheet
214Kb / 9P
   Thermopile Infrared Sensor
OTC-236 ETC2-OTC-236 Datasheet
212Kb / 7P
   THERMOPILE INFRARED SENSOR
TS-1AMB ETC-TS-1AMB Datasheet
144Kb / 6P
   THERMOPILE INFRARED SENSOR
TP297A ETC2-TP297A Datasheet
239Kb / 8P
   THERMOPILE INFRARED SENSOR
OTC-238 ETC2-OTC-238 Datasheet
155Kb / 6P
   THERMOPILE INFRARED SENSOR
OTC-239 ETC2-OTC-239 Datasheet
186Kb / 7P
   THERMOPILE INFRARED SENSOR
logo
Roithner LaserTechnik G...
TP339 ROITHNER-TP339 Datasheet
214Kb / 7P
   Thermopile Infrared Sensor
logo
Amphenol Corporation
ZTP-148SRC1 AMPHENOL-ZTP-148SRC1 Datasheet
311Kb / 4P
   Thermopile Infrared (IR) Sensor
logo
Texas Instruments
TMP006 TI1-TMP006 Datasheet
262Kb / 17P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
MAY2011
TMP006 TI1-TMP006_17 Datasheet
1Mb / 38P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com