Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8531T1AVBD22 Datasheet(PDF) 2 Page - ITT Industries

Part # 8531T1AVBD22
Description  Subminiature Pushbutton Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

8531T1AVBD22 Datasheet(HTML) 2 Page - ITT Industries

  8531T1AVBD22 Datasheet HTML 1Page - ITT Industries 8531T1AVBD22 Datasheet HTML 2Page - ITT Industries 8531T1AVBD22 Datasheet HTML 3Page - ITT Industries 8531T1AVBD22 Datasheet HTML 4Page - ITT Industries 8531T1AVBD22 Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
A–61
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
C&K 8500 Series
Subminiature Pushbutton Switches
SWITCH FUNCTION
N.C. with pretravel
N.C. woth overtravel
11.5 oz (456 g) TYP.
10.3 oz (282g) TYP.
with pretravel
.057 (1,45) TYP.
with overtravel
.028 (0,71) TYP.
.080 (2,03) TYP.
.032 (0,81) TYP.
MOM.
MOM.
ON
ON
1 AMP
1 AMP
8533
8534
SP
N.O.
6 oz (170g) TYP.
.050 (1,27) TYP.
MOM.
OFF
1 AMP
3 AMPS
8532
8552
SP
N.O. with overtravel
7.7 oz (220g) TYP.
with overtravel
.042 (1,07) TYP.
.095 (2,41) TYP.
MOM.
OFF
1 AMP
3 AMPS
8531
8551
SP
SCHEMATIC
ACTUATION
FORCE
TOTAL TRAVEL
SWITCH FUNCTION
POS. 1
POS. 2
RATING
MODEL
NO.
NO.
POLES
SPST
SPST
SPST
Part number shown: 8531MZQE2
Part number shown: 8532MZQE2
Part number shown: 8533MZQE2
MOM. = Momentary
All models
with all options when ordered with G or Q contact material.
A


Similar Part No. - 8531T1AVBD22

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8531 FILTRAN-8531 Datasheet
167Kb / 1P
   LAN 10/100 PC Card LAN Magnetics
logo
API Technologies Corp
8531 APITECH-8531 Datasheet
508Kb / 1P
   10/100 PC Card LAN Magnetics
logo
Integrated Device Techn...
8531-01 IDT-8531-01 Datasheet
269Kb / 18P
   Low Skew, 1-to-9, Different ial-to-3.3V LVPECL Fanout Buffer
logo
Renesas Technology Corp
8531-01 RENESAS-8531-01 Datasheet
411Kb / 19P
   Low Skew, 1-to-9, Differential-to- 3.3V LVPECL Fanout Buffer
January 19, 2016
logo
Integrated Device Techn...
85310AYI-01LF IDT-85310AYI-01LF Datasheet
281Kb / 18P
   Low Skew, 1-to-10 Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
More results

Similar Description - 8531T1AVBD22

ManufacturerPart #DatasheetDescription
logo
C&K Components
KM1202A05BE CK-COMPONENTS-KM1202A05BE Datasheet
200Kb / 4P
   Subminiature Pushbutton Switches
KM11 CK-COMPONENTS-KM11 Datasheet
239Kb / 4P
   Subminiature Pushbutton Switches
logo
Copal Electronics
AP_SERIES COPAL-AP_SERIES Datasheet
858Kb / 5P
   Subminiature Pushbutton Switches
logo
C&K Components
8500 CK-COMPONENTS-8500_V01 Datasheet
784Kb / 5P
   Subminiature Pushbutton Switches
KM CK-COMPONENTS-KM Datasheet
464Kb / 4P
   Subminiature Pushbutton Switches
8 Aug 22
logo
ITT Industries
KM1202A05B ITT-KM1202A05B Datasheet
234Kb / 4P
   Subminiature Pushbutton Switches
logo
C&K Components
8500 CK-COMPONENTS-8500 Datasheet
342Kb / 5P
   Subminiature Pushbutton Switches
logo
Copal Electronics
APE COPAL-APE Datasheet
407Kb / 4P
   Subminiature Pushbutton Switches
logo
Grayhill, Inc
38GWSP8M7RT GRAYHILL-38GWSP8M7RT Datasheet
379Kb / 4P
   Sealed Subminiature Pushbutton Switches
logo
GREATECS
HB15SKW01-5C-CB GREATECS-HB15SKW01-5C-CB Datasheet
150Kb / 2P
   Illuminated Subminiature Pushbutton Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com