Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCX70J Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BCX70J
Description  NPN general purpose transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCX70J Datasheet(HTML) 3 Page - NXP Semiconductors

  BCX70J Datasheet HTML 1Page - NXP Semiconductors BCX70J Datasheet HTML 2Page - NXP Semiconductors BCX70J Datasheet HTML 3Page - NXP Semiconductors BCX70J Datasheet HTML 4Page - NXP Semiconductors BCX70J Datasheet HTML 5Page - NXP Semiconductors BCX70J Datasheet HTML 6Page - NXP Semiconductors BCX70J Datasheet HTML 7Page - NXP Semiconductors BCX70J Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 Apr 15
3
Philips Semiconductors
Product specification
NPN general purpose transistors
BCX70 series
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
Note
1. Pulse test: tp ≤ 300 µs; δ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB =45V
−−
20
nA
IE = 0; VCB = 45 V; Tamb = 150 °C
−−
20
µA
IEBO
emitter cut-off current
IC = 0; VEB =4V
−−
20
nA
hFE
DC current gain
IC =10 µA; VCE =5V
BCX70G
−−−
BCX70H
40
−−
BCX70J
30
−−
BCX70K
100
−−
DC current gain
IC = 2 mA; VCE =5V
BCX70G
120
220
BCX70H
180
310
BCX70J
250
460
BCX70K
380
630
DC current gain
IC = 50 mA; VCE =1V
BCX70G
50
−−
BCX70H
70
−−
BCX70J
90
−−
BCX70K
100
−−
VCEsat
collector-emitter saturation
voltage
IC = 10 mA; IB = 0.25 mA
50
350
mV
IC = 50 mA; IB = 1.25 mA
100
550
mV
VBEsat
base-emitter saturation voltage
IC = 10 mA; IB = 0.25 mA
600
850
mV
IC = 50 mA; IB = 1.25 mA
700
1050
mV
VBE
base-emitter voltage
IC =10 µA; VCE =5V
520
mV
IC = 2 mA; VCE = 5 V
550
650
750
mV
IC = 50 mA; VCE =1V
780
mV
Cc
collector capacitance
IE =ie = 0; VCB = 10 V; f = 1 MHz
1.7
pF
Ce
emitter capacitance
IC =ic = 0; VEB = 0.5 V; f = 1 MHz
11
pF
fT
transition frequency
IC = 10 mA; VCE = 5 V; f = 100 MHz;
note 1
100
250
MHz
F
noise figure
IC = 200 µA; VCE =5V; RS =2kΩ;
f = 1 kHz; B = 200 Hz
26dB


Similar Part No. - BCX70J

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
BCX70J SAMSUNG-BCX70J Datasheet
35Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
BCX70J HTSEMI-BCX70J Datasheet
1Mb / 3P
   TRANSISTOR (NPN)
logo
SHIKUES Electronics
BCX70J SKTECHNOLGY-BCX70J Datasheet
541Kb / 2P
   NPN medium power transistor
logo
Siemens Semiconductor G...
BCX70J SIEMENS-BCX70J Datasheet
282Kb / 9P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
logo
Rohm
BCX70J ROHM-BCX70J Datasheet
992Kb / 3P
   NPN small signal transistor
More results

Similar Description - BCX70J

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
D882 AITSEMI-D882 Datasheet
554Kb / 5P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
   NPN general purpose transistors
2003 Jul 15
PMSTA05 PHILIPS-PMSTA05 Datasheet
56Kb / 8P
   NPN general purpose transistors
1999 Apr 29
JC546 PHILIPS-JC546 Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 27
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
   NPN general purpose transistors
2004 Nov 25
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
   NPN General Purpose Transistors
logo
NXP Semiconductors
2PC4617M NXP-2PC4617M Datasheet
222Kb / 6P
   NPN general purpose transistors
2003 Jul 15
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
   NPN general purpose transistors
1999 Apr 08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com