Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2KD-5 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 2KD-5
Description  THERMOPILE TYPE INFRARED SENSOR
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

2KD-5 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 2KD-5 Datasheet HTML 5Page - List of Unclassifed Manufacturers 2KD-5 Datasheet HTML 6Page - List of Unclassifed Manufacturers 2KD-5 Datasheet HTML 7Page - List of Unclassifed Manufacturers 2KD-5 Datasheet HTML 8Page - List of Unclassifed Manufacturers 2KD-5 Datasheet HTML 9Page - List of Unclassifed Manufacturers 2KD-5 Datasheet HTML 10Page - List of Unclassifed Manufacturers 2KD-5 Datasheet HTML 11Page - List of Unclassifed Manufacturers 2KD-5 Datasheet HTML 12Page - List of Unclassifed Manufacturers 2KD-5 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
9
AT-5 THERMISTOR
103 AT- 5-TP
Taping
Shape
High-precision AT thermistor
Rated zero-power
resistance at 25 C
Part number
Specifications
Part No
R25
B value
Dissipation factor
(mW/ C)
Thermal time
constant (s)
Operating temp.
range( C)
Rated power
at 25 C (mW)
103AT-5
10.0k
1%
3435K 1%
2.5
15
10
50 110
Dimensions
Taping
AT-5
Resistance -Temperature
24.46
18.68
14.43
11.23
8.834
6.998
5.594
4.501
3.651
2.979
2.449
2.024
1.684
1.408
1.184
1.000
0.8486
11473
7781
5366
3728
2629
1864
1340
969.0
709.5
523.3
390.3
292.5
221.5
168.6
129.5
100.0
77.81
55.66
42.17
32.34
24.96
19.48
15.29
12.11
9.655
7.763
6.277
5.114
4.188
3.454
2.862
2.387
2.000
1.684
154.6
116.5
88.91
68.19
52.87
41.21
32.44
25.66
20.48
16.43
13.29
10.80
8.840
7.267
6.013
5.000
4.179
329.5
247.7
188.5
144.1
111.3
86.43
67.77
53.41
42.47
33.90
27.28
22.05
17.96
14.69
12.09
10.00
8.313
642.0
465.8
342.5
253.6
190.0
143.2
109.1
83.75
64.88
50.53
39.71
31.36
24.96
20.00
16.12
1632
1186
872.8
646.3
484.3
364.6
277.5
212.3
164.0
127.5
99.99
78.77
62.56
50.00
40.20
50
45
40
35
30
25
20
15
10
5
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
105
110
0.7229
0.6189
0.5316
0.4587
0.3967
0.3446
0.3000
0.2622
0.2285
0.1999
0.1751
0.1536
1.424
1.211
1.033
0.8854
0.7620
0.6587
0.5713
0.4975
0.4343
0.3807
0.3346
0.2949
3.508
2.961
2.509
2.137
1.826
1.567
1.350
1.168
1.014
0.8835
0.7722
0.6771
0.5961
0.5265
0.4654
0.4128
6.940
5.827
4.911
4.160
3.536
3.020
2.588
2.228
1.924
1.668
1.451
1.266
1.108
0.9731
0.8572
0.7576
13.06
10.65
8.716
7.181
5.941
4.943
4.127
3.464
2.916
2.468
2.096
1.788
1.530
1.315
1.134
0.9807
102AT
202AT
502AT
103AT
203AT
503AT
104AT
104AT
Temperature
( C)
Temperature
( C)
102AT
202AT
502AT
103AT
203AT
503AT
Unit(k )
32.48
26.43
21.59
17.75
14.64
12.15
10.13
8.482
7.129
6.022
5.105
4.345
3.712
3.185
2.741
2.369
60.94
48.10
38.13
30.44
24.42
19.72
15.99
13.05
10.68
8.796
7.271
6.041
5.037
4.220
3.546
2.994
Type
Type
1253
890.5
3168
2257
Other resistance is also available, please ask.
AT-5 thermistor is available in taping.
3 1
6 1
30 1
Epoxy
103AT
0.5 Tin plated CP leads
1
2
3
3.5 1
6.35 1.3
12.7 1.0
12.7 0.3
5
0.8
0.2
0.5 0.05
4.0 0.3
2.4 1
2.0 max.
2.0 max.
1.5 max.
*1 R25 : Rated zero-power resistance value at 25 C.
*2 B value : determined by rated zero-power resistance at 25 C and 85 C.
*3 Time when thermistor temperature reaches 63.2% of the temperature difference. The value is measured in the air.
AT-5


Similar Description - 2KD-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP337 ETC1-TP337 Datasheet
214Kb / 9P
   Thermopile Infrared Sensor
OTC-236 ETC2-OTC-236 Datasheet
212Kb / 7P
   THERMOPILE INFRARED SENSOR
TS-1AMB ETC-TS-1AMB Datasheet
144Kb / 6P
   THERMOPILE INFRARED SENSOR
TP297A ETC2-TP297A Datasheet
239Kb / 8P
   THERMOPILE INFRARED SENSOR
OTC-238 ETC2-OTC-238 Datasheet
155Kb / 6P
   THERMOPILE INFRARED SENSOR
OTC-239 ETC2-OTC-239 Datasheet
186Kb / 7P
   THERMOPILE INFRARED SENSOR
logo
Roithner LaserTechnik G...
TP339 ROITHNER-TP339 Datasheet
214Kb / 7P
   Thermopile Infrared Sensor
logo
Amphenol Corporation
ZTP-148SRC1 AMPHENOL-ZTP-148SRC1 Datasheet
311Kb / 4P
   Thermopile Infrared (IR) Sensor
logo
Texas Instruments
TMP006 TI1-TMP006 Datasheet
262Kb / 17P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
MAY2011
TMP006 TI1-TMP006_17 Datasheet
1Mb / 38P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com