Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

051-024-0000 Datasheet(PDF) 2 Page - ITT Industries

Part # 051-024-0000
Description  RF Coaxial Connectors
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

051-024-0000 Datasheet(HTML) 2 Page - ITT Industries

  051-024-0000 Datasheet HTML 1Page - ITT Industries 051-024-0000 Datasheet HTML 2Page - ITT Industries 051-024-0000 Datasheet HTML 3Page - ITT Industries 051-024-0000 Datasheet HTML 4Page - ITT Industries 051-024-0000 Datasheet HTML 5Page - ITT Industries 051-024-0000 Datasheet HTML 6Page - ITT Industries 051-024-0000 Datasheet HTML 7Page - ITT Industries 051-024-0000 Datasheet HTML 8Page - ITT Industries 051-024-0000 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
59
1.6/5.6
RF Coaxial Connectors
1.6 / 5.6
Specifications
ELECTRICAL
Impedance
75
nominal
Frequency Range
0 - 1 GHz
Voltage Rating *
At Sea Level = 330 Vrms
Insulation Resistance
10 G
minimum
Contact Resistance
Inner contact = 4 m
maximum
Outer contact = 2 m
maximum
Reflection Coefficient *
With f = 0.1 GHz
= 0.02 maximum
With f = 0.1 – 0.5 GHz
= 0.04 maximum
With f = 0.5 – 1.0 GHz
= 0.10 maximum
MECHANICAL
Withdrawal force inner female contact
0.5 N (0.11 lbs.) minimum
Withdrawal force inner male contact
1.7 N (0.38 lbs.) minimum
Insertion force between jacks and plugs
Screw types: 12 N (2.7 lbs.) maximum. Push-pull type: 20 N (4.5 lbs.) maximum
Withdrawal force between jacks and plugs
Screw types: 22 N (4.9 lbs.) minimum. Push-pull type: 20 N (4.5 lbs.) maximum
Materials
Bodies and nuts: Brass. Inner male contact: Brass.
Inner female contact and outer male contact: Beryllium copper. Insulators: PTFE.
Crimp ferrules: Annealed copper alloy.
Finish/Plating
Contact surfaces: Gold over nickel. Female bodies: Gold over nickel. Male bodies: Nickel or silver. Nuts
and crimp ferrules: Nickel
ENVIRONMENTAL
Temperature Rating
−40° C to 85° C
GENERAL
Connector Durability
500 matings minimum
Standards
CECC 22240, DIN 47295, IEC 169-13
* Guideline value only– will depend on cable and connector type


Similar Part No. - 051-024-0000

ManufacturerPart #DatasheetDescription
logo
ITT Industries
051-124-929991A ITT-051-124-929991A Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
051-124-937991A ITT-051-124-937991A Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
051-124-943991A ITT-051-124-943991A Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
051-124-9489C9A ITT-051-124-9489C9A Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
051-124-950991A ITT-051-124-950991A Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
More results

Similar Description - 051-024-0000

ManufacturerPart #DatasheetDescription
logo
ITT Industries
QT-BNC ITT-QT-BNC Datasheet
62Kb / 1P
   RF Coaxial Connectors
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
SSMB ITT-SSMB Datasheet
452Kb / 39P
   RF Coaxial Connectors
logo
Japan Aviation Electron...
SMB JAE-SMB Datasheet
370Kb / 9P
   COAXIAL CONNECTORS
logo
Murata Manufacturing Co...
MM8130-2600RB8 MURATA-MM8130-2600RB8 Datasheet
37Kb / 1P
   Coaxial Connectors
logo
Pasternack Enterprises,...
PE2PB1005 PASTERNACK-PE2PB1005 Datasheet
839Kb / 7P
   RF Coaxial GSG Probe
PE2PB1006 PASTERNACK-PE2PB1006 Datasheet
832Kb / 7P
   RF Coaxial GS Probe
PE2PB1007 PASTERNACK-PE2PB1007 Datasheet
828Kb / 7P
   RF Coaxial GS Probe
logo
DDK Ltd.
PSD-SJ-FCCAV1-SO DDK-PSD-SJ-FCCAV1-SO Datasheet
617Kb / 3P
   Small Coaxial Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com