Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15KD-5 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 15KD-5
Description  THERMOPILE TYPE INFRARED SENSOR
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

15KD-5 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 15KD-5 Datasheet HTML 4Page - List of Unclassifed Manufacturers 15KD-5 Datasheet HTML 5Page - List of Unclassifed Manufacturers 15KD-5 Datasheet HTML 6Page - List of Unclassifed Manufacturers 15KD-5 Datasheet HTML 7Page - List of Unclassifed Manufacturers 15KD-5 Datasheet HTML 8Page - List of Unclassifed Manufacturers 15KD-5 Datasheet HTML 9Page - List of Unclassifed Manufacturers 15KD-5 Datasheet HTML 10Page - List of Unclassifed Manufacturers 15KD-5 Datasheet HTML 11Page - List of Unclassifed Manufacturers 15KD-5 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
8
1.0
Tiebar cut
2.54 0.25
Color code
Epoxy
0.5 Tin-Plated
42 Alloy
2.4 max.
2.4 max.
3.8 max.
15 max.
Marking
0.3sq
TPE lead wire
2.54 0.25
5 1
0.7
Tiebar cut
3.8 max.
Epoxy
Color code
0.5 Tin-Plated
42 Alloy
Soldered
600
20
0
AT-2
AT-11
AT-2SS
AT-2S
AT-3
AT THERMISTOR
The AT thermistor is a high-precision thermal
sensing device featuring extremely small
B-value tolerance and resistance.
When used as a temperature gauge, the AT
thermistor requires no adjustment between
the control circuit and the sensor.
This insures temperature precision of
0.3 C.
Temperature indicators and control instruments
are now available for use with the thermistor.
102 AT- 2
Shape
High-precision AT thermistor
Rated zero-power
Resistance at 25 C 102 : 1 k
Dimensions
Interchange precision
Part number
Specifications
2.5
2.0
1.5
1.0
0.5
0.5 C
0.7 C
1 C
102AT-2
202AT-2
502AT-2
103AT-2
203AT-2
503AT-2
104AT-2
103AT-3
102AT-11
202AT-11
502AT-11
103AT-11
1.0k
1%
2.0k
1%
5.0k
1%
10.0k
1%
20.0k
1%
50.0k
3%
100.0k
1%
10.0k
1%
1.0k
1%
2.0k
1%
5.0k
1%
10.0k
1%
3100K 1%
3182K 1%
3324K 1%
3435K 1%
4013K 1%
4060K 1%
4665K 1%
3435K 1%
3100K 1%
3182K 1%
3324K 1%
3435K 1%
2
2
2
2
2
2
2
2
3
3
3
3
15
15
15
15
15
15
15
15
75
75
75
75
10
10
10
10
10
10
10
10
15
15
15
15
50 90
50 90
50 110
50 110
50 110
50 110
50 110
50 110
50 90
50 90
50 105
50 105
Black
Red
Yellow
White
None
None
None
White
None
None
None
None
103AT-2S
103AT-2SS
103AT-4
Shape1
10.0k
1%
10.0k
1%
3435K 1%
3435K 1%
1
1
15
15
5
5
50 110
50 110
white
white
10.0k
1%
10.0k
1%
3435K 1%
3435K 1%
2
4
10
35
10
20
30 90
30 90
None
None
Part No
R25
*1
B value
*2
Dissipation factor
(mW/ C)
Thermal time
constant (s)*
3
Operating temp.
range( C)
Color code
Rated power
at 25 C (mW)
*1 R25 : Rated zero-power resistance value at 25 C.
*2 B value : determined by rated zero-power resistance at 25 C and 85 C.
*3 Time when thermistor temperature reaches 63.2% of the temperature difference. The value is measured in the air.
103AT-4
Shape2
Resistance tolerance
40
30 20 10
0
10 20 30 40 50 60 70 80 90 100
5
4
3
2
1
Ambient temperature
C
40
30 20 10
0
10 20 30 40 50 60 70 80 90 100
Ambient temperature
C
Unit mm
8max.
13max.
Epoxy
3
UL1685 AWG30
40 100
AT-4
Shape1
Shape2
30
5
100 225
Epoxy resin
HVFF 0.14sq
Color code
Epoxy
Epoxy
0.25t Tin plated 42 Alloy leads
3.0 4.0
17 1.5
8.5 1
Color code
0.25t Tin plated 42 Alloy leads
4.0 4.5
17 1.5
8.5 1
(0.6)
Other resistance is also available, please ask.
AT-11,AT-2
AT-4
HIGH PRECISION THERMISTOR


Similar Part No. - 15KD-5

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
15K0J OHMITE-15K0J Datasheet
239Kb / 2P
   Power Chip짰 Thick Film on Alumina Substrate
logo
Rosenberger Hochfrequen...
15K101-40MB1-NM ROSENBERGER-15K101-40MB1-NM Datasheet
235Kb / 4P
   RF TEST SWITCH
15K101-40ME4 ROSENBERGER-15K101-40ME4 Datasheet
238Kb / 4P
   RF TEST SWITCH
logo
CONEC Elektronische Bau...
15K1A1001 CONEC-15K1A1001 Datasheet
297Kb / 2P
   D-SUB FEMALE 90° 09pos. SOLDER PIN ANGLED with threaded insert, metal bracket and snap
08.02.12
15K1A1002 CONEC-15K1A1002 Datasheet
414Kb / 2P
   D-SUB Combination Female 2W2CS Solder cup with threaded lock and hexlocking screw
17.02.12
More results

Similar Description - 15KD-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP337 ETC1-TP337 Datasheet
214Kb / 9P
   Thermopile Infrared Sensor
OTC-236 ETC2-OTC-236 Datasheet
212Kb / 7P
   THERMOPILE INFRARED SENSOR
TS-1AMB ETC-TS-1AMB Datasheet
144Kb / 6P
   THERMOPILE INFRARED SENSOR
TP297A ETC2-TP297A Datasheet
239Kb / 8P
   THERMOPILE INFRARED SENSOR
OTC-238 ETC2-OTC-238 Datasheet
155Kb / 6P
   THERMOPILE INFRARED SENSOR
OTC-239 ETC2-OTC-239 Datasheet
186Kb / 7P
   THERMOPILE INFRARED SENSOR
logo
Roithner LaserTechnik G...
TP339 ROITHNER-TP339 Datasheet
214Kb / 7P
   Thermopile Infrared Sensor
logo
Amphenol Corporation
ZTP-148SRC1 AMPHENOL-ZTP-148SRC1 Datasheet
311Kb / 4P
   Thermopile Infrared (IR) Sensor
logo
Texas Instruments
TMP006 TI1-TMP006 Datasheet
262Kb / 17P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
MAY2011
TMP006 TI1-TMP006_17 Datasheet
1Mb / 38P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com