Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCX56 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BCX56
Description  NPN medium power transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCX56 Datasheet(HTML) 6 Page - NXP Semiconductors

  BCX56 Datasheet HTML 1Page - NXP Semiconductors BCX56 Datasheet HTML 2Page - NXP Semiconductors BCX56 Datasheet HTML 3Page - NXP Semiconductors BCX56 Datasheet HTML 4Page - NXP Semiconductors BCX56 Datasheet HTML 5Page - NXP Semiconductors BCX56 Datasheet HTML 6Page - NXP Semiconductors BCX56 Datasheet HTML 7Page - NXP Semiconductors BCX56 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
BC635_BCP54_BCX54_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 4 June 2007
6 of 15
NXP Semiconductors
BC635; BCP54; BCX54
45 V, 1 A NPN medium power transistors
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 1 cm2.
[3]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 6 cm2.
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
BC635
[1] -
-
150
K/W
BCP54
[1] -
-
195
K/W
[2] -
-
130
K/W
BCX54
[1] -
-
250
K/W
[2] -
-
145
K/W
[3] -
-
100
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
BC635
-
-
40
K/W
BCP54
-
-
17
K/W
BCX54
-
-
30
K/W
FR4 PCB, standard footprint
Fig 4.
Transient thermal impedance from junction to ambient as a function of pulse duration for SOT54;
typical values
006aaa088
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
102
10
103
Zth(j-a)
(K/W)
1
0
duty cycle =
1
0.75
0.5
0.33
0.2
0.1
0.05
0.02
0.01


Similar Part No. - BCX56

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCX56 SIEMENS-BCX56 Datasheet
146Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Jinan Jing Heng Electro...
BCX56 JINGHENG-BCX56 Datasheet
1Mb / 5P
   NPN Plastic-Encapsulate Transistors
logo
Shenzhen Jin Yu Semicon...
BCX56 HTSEMI-BCX56 Datasheet
495Kb / 2P
   TRANSISTOR (NPN)
logo
Nanjing International G...
BCX56 DGNJDZ-BCX56 Datasheet
588Kb / 3P
   Low Voltage
logo
Central Semiconductor C...
BCX56 CENTRAL-BCX56 Datasheet
103Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
More results

Similar Description - BCX56

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSR40 PHILIPS-BSR40 Datasheet
41Kb / 8P
   NPN medium power transistors
1999 Apr 28
BSX45 PHILIPS-BSX45 Datasheet
53Kb / 8P
   NPN medium power transistors
1997 Apr 23
BC140 PHILIPS-BC140 Datasheet
50Kb / 8P
   NPN medium power transistors
1997 May 12
BCP54 PHILIPS-BCP54 Datasheet
43Kb / 8P
   NPN medium power transistors
1999 Apr 08
logo
STMicroelectronics
STF724 STMICROELECTRONICS-STF724_06 Datasheet
216Kb / 11P
   NPN medium power transistors
logo
Guangdong Kexin Industr...
BCX54 KEXIN-BCX54 Datasheet
53Kb / 2P
   NPN Medium Power Transistors
logo
New Jersey Semi-Conduct...
BC140 NJSEMI-BC140 Datasheet
68Kb / 2P
   NPN medium power transistors
logo
FutureWafer Tech Co.,Lt...
BCX493TA FUTUREWAFER-BCX493TA Datasheet
1Mb / 7P
   NPN Medium Power Transistors
14-DEC-2021 V 2.0
logo
SHIKUES Electronics
2SD1005 SKTECHNOLGY-2SD1005 Datasheet
669Kb / 2P
   NPN Medium Power Transistors
logo
Guangdong Kexin Industr...
BSR40 KEXIN-BSR40 Datasheet
40Kb / 2P
   NPN Medium Power Transistors
logo
STMicroelectronics
STF724 STMICROELECTRONICS-STF724_08 Datasheet
172Kb / 11P
   NPN medium power transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com