Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS3100R20-27SWF80 Datasheet(PDF) 5 Page - ITT Industries

Part # MS3100R20-27SWF80
Description  MIL-C-5015 Connectors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MS3100R20-27SWF80 Datasheet(HTML) 5 Page - ITT Industries

  MS3100R20-27SWF80 Datasheet HTML 1Page - ITT Industries MS3100R20-27SWF80 Datasheet HTML 2Page - ITT Industries MS3100R20-27SWF80 Datasheet HTML 3Page - ITT Industries MS3100R20-27SWF80 Datasheet HTML 4Page - ITT Industries MS3100R20-27SWF80 Datasheet HTML 5Page - ITT Industries MS3100R20-27SWF80 Datasheet HTML 6Page - ITT Industries MS3100R20-27SWF80 Datasheet HTML 7Page - ITT Industries MS3100R20-27SWF80 Datasheet HTML 8Page - ITT Industries MS3100R20-27SWF80 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.ittcannon.com
171
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-5015 Connectors
MS-E/F/R/ER
Contact Arrangements (Face View Pin Insert)
LEGEND
Resilient only
Resilient & Plastic
Shell Size
No. of Contacts
Service Rating
8S-1
1 #16
A
10S-2
1 #16
A
10SL-4
2 #16
A
10SL-3
3 #16
A
10SLA4
5 #20
A
12S-4
1 #16
D
12-5
1 #12
D
12S-3
2 #16
A
12SA10
4 #16
Inst.
14-3
1 #8
A
14S-9
2 #16
A
16-13
2 #12
(A-Iron
B-Constantan)
A
16S-4
2 #16
D
16-11
2 #12
A
16-12
1 #4
A
14S-6
6 #16
Inst.
14S-5
5 #16
Inst.
14S-2
4 #16
Inst.
14S-7
3 #16
A
14S-1
3 #16
A
16S-5
3 #16
A
16S-6
3 #16
A
16-10
3 #12
A
16-9
2 #16 (B,D)
2 #12 (A,C)
A
16S-8
5 #16
A
16S-1
7 #16
A
18-7
1 #8
B
18-3
2 #12
D
18-12
6 #16
A
18-11
5 #12
A
18-15
4 #12
(A, C-Iron;
B, D-Constantan)
A
18-13
3 #12 (B,C,C)
1 #8(A)
A
18-10
4 #12
A
18-4
4 #16
D
18-22
3 #16
D
18-5
1 #16(A)
2 #12(B,C)
D
18-9
5 #16(B,C,E-G)
2 #12(A,D)
Inst.
18-8
7 #16(A-G)
1 #12(H)
A
18-1
10 #16
A(B,C,F,G)
Inst. (all others)
18-19
10 #16
A
20-2
1 #0
D
20-23
2 #8
A
20-3
3 #12
D
20-19
3 #8
A
20-15
7 #12
A
20-22
3 #16(B,D,F)
3 #8(A,C,E)
A
20-17
1 #16(F)
5 #12(A-E)
A
20-8
4 #16(B,C,E,F)
2 #8(A,D)
Inst.
20-14
3 #12(C,D,E)
2 #8(A,B)
A
20A37
ITT Cannon pos.
#8 of 20-4
D
20-24
2 #16 (A,C)
2 #8 (B,D)
A
20-4
4 #12
D
Shell Size
No. of Contacts
Service Rating
Shell Size
No. of Contacts
Service Rating
Shell Size
No. of Contacts
Service Rating
Shell Size
No. of Contacts
Service Rating
Shell Size
No. of Contacts
Service Rating
High Volume Layouts - readily
available from Cannon Distributors
¢
¢
¢
¢
¢
¢
¢
¢
¢
¢
¢
¢
¢
¢
¢
¢
A
A
A
A
A
A
B
A
B
A
A
B
B
B
B
B
B
B
B
A
A
A
A
A
A
A
C
C
C
C
C
B
B
B
B
B
B
B
B
B
B
B
A
A
C
C
C
C
C
C
C
C
C
C
C
B
B
A
A
A
A
A
A
A
A
A
A
A
C
C
C
D
D
D
D
D
D
D
D
D
D
D
E
E
E
F
G
E
F
B
B
B
B
B
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
C
C
C
C
C
G
A
A
A
A
A
A
A
A
A
A
A
A
A
B
B
C
A
A
D
D
D
D
D
D
D
D
D
D
D
D
E
E
E
E
E
E
E
E
E
F
F
F
F
G
G
G
G
H
H
H
J
J
I
K
F
F
F
F
D
E
E
F
B
D
B
C
B
B
B
C
C
D
E
B


Similar Part No. - MS3100R20-27SWF80

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MS3100R20-27SW ITT-MS3100R20-27SW Datasheet
645Kb / 15P
   MIL-C-5015 Connectors
More results

Similar Description - MS3100R20-27SWF80

ManufacturerPart #DatasheetDescription
logo
ITT Industries
5015 ITT-5015 Datasheet
645Kb / 15P
   MIL-C-5015 Connectors
025-0458-000 ITT-025-0458-000 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
Glenair, Inc.
M24758-9C11 GLENAIR-M24758-9C11 Datasheet
54Kb / 2P
   Adapter for MS3100 Series MIL-C-5015 Connectors
logo
ITT Industries
031-0560-121 ITT-031-0560-121 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
031-0560-161 ITT-031-0560-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
Dialight Corporation
031-0560-161 DIALIGHT-031-0560-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
031-0554-161 DIALIGHT-031-0554-161 Datasheet
583Kb / 6P
   MIL-C-5015 BULKHEAD RECEPTACLES
logo
Amphenol Corporation
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
logo
Dialight Corporation
031-0560-121 DIALIGHT-031-0560-121 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
ITT Industries
031-0554-161 ITT-031-0554-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com