Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8413IBRGZTG4 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS8413IBRGZTG4
Description  16-BIT, 2-MSPS, LVDS SERIAL INTERFACE, SAR ANALOG-TO-DIGITAL CONVERTER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8413IBRGZTG4 Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button ADS8413IBRGZTG4 Datasheet HTML 2Page - Burr-Brown (TI) ADS8413IBRGZTG4 Datasheet HTML 3Page - Burr-Brown (TI) ADS8413IBRGZTG4 Datasheet HTML 4Page - Burr-Brown (TI) ADS8413IBRGZTG4 Datasheet HTML 5Page - Burr-Brown (TI) ADS8413IBRGZTG4 Datasheet HTML 6Page - Burr-Brown (TI) ADS8413IBRGZTG4 Datasheet HTML 7Page - Burr-Brown (TI) ADS8413IBRGZTG4 Datasheet HTML 8Page - Burr-Brown (TI) ADS8413IBRGZTG4 Datasheet HTML 9Page - Burr-Brown (TI) ADS8413IBRGZTG4 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
www.ti.com
ADS8413
SLAS490 – OCTOBER 2005
TIMING REQUIREMENTS (continued)
T
A = –40°C to 85°C, +VA = 5 V, +VBD = 5 V or 3.3 V (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
REF
Figure 7,
Figure 8,
td16
Delay time, CLK_O to SDO and SYNC_O 3-state
4
ns
Figure 12,
Figure 15
tpd1
Propagation delay time, SYNC_I to SYNC_O in daisy chain mode
11 + 0.5*tCLK
ns
Figure 12
td17
Delay time, SYNC_O and SDO 3-state to BUS_BUSY low in cascade mode.
0
2
ns
Figure 8
+VBD = 3.3 V
8
Delay time, RD rising edge to BUS_BUSY high for device with
Figure 11,
td18
ns
LAT_Y/N = 1
Figure 14
+VBD = 5 V
7
+VBD = 3.3 V
40.5
Delay time, point A indicating clear for bus 3-state release to BUSY
td19
ns
Figure 6
falling edge
+VBD = 5 V
40
tr
Rise time, differential LVDS output signal
950
ps
Figure 53
tf
Fall time, differential LVDS output signal
950
ps
Figure 53
CLK frequency (serial data rate)
190
210
MHz
Figure 22,
td20
Delay time, from PD falling edge to SDO 3-state
10
ns
Figure 23
Figure 22,
td21
Delay time, from PD falling edge to device powerdown
10
µs
Figure 23
Figure 22,
td22
Delay time, from PD rising edge to device powerup
25
ms
Figure 23
ts1
Settling time, internal reference after first three conversions
4
ms
Figure 22
td23
Delay time, CONVST falling edge to start of restricted zone for start of data read cycle
335
ns
Figure 9
td24
Delay time, CONVST falling edge to end of restricted zone for start of data read cycle
406
ns
Figure 9
6


Similar Part No. - ADS8413IBRGZTG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8413 BURR-BROWN-ADS8413 Datasheet
1Mb / 30P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
More results

Similar Description - ADS8413IBRGZTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8410 TI1-ADS8410 Datasheet
1,005Kb / 40P
[Old version datasheet]   16-BIT, 2-MSPS, LVDS SERIAL INTERFACE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8860 TI1-ADS8860_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 1-MSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
ADS8861IDGS TI1-ADS8861IDGS Datasheet
1Mb / 48P
[Old version datasheet]   16-Bit 1-MSPS Serial Interface microPower Miniature True-Differential Input SAR Analog-to-Digital Converter
ADS8861 TI1-ADS8861_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8860IDRCT TI1-ADS8860IDRCT Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit 1-MSPS Serial Interface microPower Miniature Single-Ended Input SAR Analog-to-Digital Converter
ADS8319 TI-ADS8319 Datasheet
1Mb / 30P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8318 TI1-ADS8318_14 Datasheet
1Mb / 35P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI1-ADS8319_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8318 TI-ADS8318 Datasheet
1Mb / 28P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9655 AD-AD9655 Datasheet
1Mb / 37P
   Dual, 16-Bit, 125 MSPS Serial LVDS,1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com