Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUF20800AIDCPR Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # BUF20800AIDCPR
Description  18-Channel GAMMA VOLTAGE GENERATOR with Two Programmable VCOM Channels
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

BUF20800AIDCPR Datasheet(HTML) 1 Page - Burr-Brown (TI)

  BUF20800AIDCPR Datasheet HTML 1Page - Burr-Brown (TI) BUF20800AIDCPR Datasheet HTML 2Page - Burr-Brown (TI) BUF20800AIDCPR Datasheet HTML 3Page - Burr-Brown (TI) BUF20800AIDCPR Datasheet HTML 4Page - Burr-Brown (TI) BUF20800AIDCPR Datasheet HTML 5Page - Burr-Brown (TI) BUF20800AIDCPR Datasheet HTML 6Page - Burr-Brown (TI) BUF20800AIDCPR Datasheet HTML 7Page - Burr-Brown (TI) BUF20800AIDCPR Datasheet HTML 8Page - Burr-Brown (TI) BUF20800AIDCPR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
FEATURES
D 18-CHANNEL GAMMA CORRECTION
D 2-CHANNEL PROGRAMMABLE V
COM:
100mA IOUT
D 10-BIT RESOLUTION
D RAIL-TO-RAIL OUTPUT
D LOW SUPPLY CURRENT: 900µA/ch
D SUPPLY VOLTAGE: 7V to 18V
D DIGITAL SUPPLY: 2.0V to 5.5V
D INDUSTRY-STANDARD, TWO-WIRE
INTERFACE:
3.4MHz High-Speed Mode
D HIGH ESD RATING:
4kV HBM, 1kV CDM, 200V MM
D DEMO BOARD AND SOFTWARE AVAILABLE
REFH OUT
REFH
Digital
(2.0V to 5.5V)
Analog
(7V to 18V)
REFL
AO
LD
SCL
SDA
REFL OUT
OUT 18
OUT 17
Control IF
OUT 1
OUT 2
18 Output Channels plus
Two V
COM Channels
BUF20800
V
CO M OUT1
V
CO M OUT2
APPLICATIONS
D REPLACES RESISTOR-BASED GAMMA
SOLUTIONS
D TFT-LCD REFERENCE DRIVERS
D DYNAMIC GAMMA CONTROL
DESCRIPTION
The BUF20800 is a programmable voltage reference
generator designed for gamma correction in TFT-LCD
panels. It provides 18 programmable outputs for gamma
correction and two channels for VCOM adjustment, each
with 10-bit resolution.
This programmability replaces the traditional, time-
consuming process of changing resistor values to optimize
the various gamma voltages and allows designers to
determine the correct gamma voltages for a panel very
quickly. Required changes can also be easily implemented
without hardware changes.
The BUF20800 uses TI’s latest, small-geometry analog
CMOS process, which makes it a very competitive choice
for full production, not just evaluation.
Programming of each output occurs through an industry-
standard, two-wire serial interface. Unlike existing
programmable buffers, the BUF20800 offers a high-speed
mode that allows clock speeds up to 3.4MHz.
For lower channel count, please contact your local sales
or marketing representative.
The
BUF20800
is
available
in
an
HTSSOP-38
PowerPAD
 package. It is specified from −40°C to +85°C.
BUF20800 RELATED PRODUCTS
FEATURES
PRODUCT
18-Channel Programmable, Two VCOM + OTP Memory
BUF20820
12-Channel Programmable Buffer, 10-Bit
BUF12800
Programmable VCOM
BUF01900
11-, 6-, 4-Channel Gamma Correction Buffer, 18V Supply
BUFxx704
High-Speed VCOM, 1 and 2 Channels
SN10501
Complete LCD DC/DC Solution
TPS65100
BUF20800
SBOS329D − JUNE 2005 − REVISED OCTOBER 2006
18-Channel GAMMA VOLTAGE GENERATOR
with Two Programmable VCOM Channels
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2005−2006, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a registered trademark of Texas Instruments. All other trademarks are the property of their respective owners.


Similar Part No. - BUF20800AIDCPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BUF20800ATDCPRQ1 TI1-BUF20800ATDCPRQ1 Datasheet
1Mb / 32P
[Old version datasheet]   18-CHANNEL GAMMA VOLTAGE GENERATOR WITH TWO PROGRAMMABLE VCOM CHANNELS
More results

Similar Description - BUF20800AIDCPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BUF20800-Q1 TI1-BUF20800-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   18-CHANNEL GAMMA VOLTAGE GENERATOR WITH TWO PROGRAMMABLE VCOM CHANNELS
logo
Burr-Brown (TI)
BUF20820 BURR-BROWN-BUF20820 Datasheet
1Mb / 32P
   18-Channel GAMMA VOLTAGE GENERATOR with Two Programmable VCOM Channels
logo
Texas Instruments
BUF16821 TI-BUF16821_1 Datasheet
813Kb / 30P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
EPCOS
BUF16821 EPCOS-BUF16821 Datasheet
826Kb / 29P
   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
Texas Instruments
BUF22821 TI-BUF22821 Datasheet
751Kb / 25P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF16821 TI-BUF16821 Datasheet
826Kb / 29P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF08821 TI-BUF08821 Datasheet
778Kb / 27P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
Intersil Corporation
EL5625 INTERSIL-EL5625 Datasheet
470Kb / 11P
   Programmable 18-Channel Gamma with 1-Channel VCOM with Reference
logo
Renesas Technology Corp
EL5625 RENESAS-EL5625 Datasheet
614Kb / 12P
   Programmable 18-Channel Gamma with 1-Channel VCOM with Reference
logo
Texas Instruments
BUF08832 TI-BUF08832 Datasheet
800Kb / 30P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com