Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6W-22 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 6W-22
Description  THERMOPILE TYPE INFRARED SENSOR
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

6W-22 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  6W-22 Datasheet HTML 1Page - List of Unclassifed Manufacturers 6W-22 Datasheet HTML 2Page - List of Unclassifed Manufacturers 6W-22 Datasheet HTML 3Page - List of Unclassifed Manufacturers 6W-22 Datasheet HTML 4Page - List of Unclassifed Manufacturers 6W-22 Datasheet HTML 5Page - List of Unclassifed Manufacturers 6W-22 Datasheet HTML 6Page - List of Unclassifed Manufacturers 6W-22 Datasheet HTML 7Page - List of Unclassifed Manufacturers 6W-22 Datasheet HTML 8Page - List of Unclassifed Manufacturers 6W-22 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
3
THERMISTOR
POWER THERMISTOR
VRD (TRANSIENT VOLTAGE SUPPRESSOR)
CRD (CURRENT REGULATIVE DIODE)
ZENAMIC (METAL OXIDE VARISTOR)
GAS TUBE ARRESTER
6
21
26
30
32
40
HIGH PRECISION SERIES
SMD SERIES
HIGH HEAT-RESISTANCE SERIES
DISK SERIES
SENSORS
NON-CONTACT SENSOR
4
THERMOPILE
NC SENSOR
D-TYPE SERIES
MARK
SERIES
D2-TYPE SERIES
SMD SERIES
LEAD TYPE SERIES
LEAD TYPE SERIES
MELF TYPE SERIES
LEAD TYPE SERIES
M TYPE SERIES
SURGE ABSORBER UNIT SERIES
CERAMIC TUBE SERIES
GLASS TUBE SERIES
SA-01 SERIES


Similar Description - 6W-22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP337 ETC1-TP337 Datasheet
214Kb / 9P
   Thermopile Infrared Sensor
OTC-236 ETC2-OTC-236 Datasheet
212Kb / 7P
   THERMOPILE INFRARED SENSOR
TS-1AMB ETC-TS-1AMB Datasheet
144Kb / 6P
   THERMOPILE INFRARED SENSOR
TP297A ETC2-TP297A Datasheet
239Kb / 8P
   THERMOPILE INFRARED SENSOR
OTC-238 ETC2-OTC-238 Datasheet
155Kb / 6P
   THERMOPILE INFRARED SENSOR
OTC-239 ETC2-OTC-239 Datasheet
186Kb / 7P
   THERMOPILE INFRARED SENSOR
logo
Roithner LaserTechnik G...
TP339 ROITHNER-TP339 Datasheet
214Kb / 7P
   Thermopile Infrared Sensor
logo
Amphenol Corporation
ZTP-148SRC1 AMPHENOL-ZTP-148SRC1 Datasheet
311Kb / 4P
   Thermopile Infrared (IR) Sensor
logo
Texas Instruments
TMP006 TI1-TMP006 Datasheet
262Kb / 17P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
MAY2011
TMP006 TI1-TMP006_17 Datasheet
1Mb / 38P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com