Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

051-428-3188 Datasheet(PDF) 1 Page - ITT Industries

Part # 051-428-3188
Description  RF Coaxial Connectors
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

051-428-3188 Datasheet(HTML) 1 Page - ITT Industries

  051-428-3188 Datasheet HTML 1Page - ITT Industries 051-428-3188 Datasheet HTML 2Page - ITT Industries 051-428-3188 Datasheet HTML 3Page - ITT Industries 051-428-3188 Datasheet HTML 4Page - ITT Industries 051-428-3188 Datasheet HTML 5Page - ITT Industries 051-428-3188 Datasheet HTML 6Page - ITT Industries 051-428-3188 Datasheet HTML 7Page - ITT Industries 051-428-3188 Datasheet HTML 8Page - ITT Industries 051-428-3188 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
58
RF Coaxial Connectors
1.6 / 5.6
Introduction
The ITT Cannon range of 1.6/5.6 Connectors are
suitable for use in 75 ohm communication
systems. These connectors have become the
recognised
standard
in
telecommunication
systems in many parts of the world.
Designed to meet the requirements of DIN 47295,
CECC 22240 and IEC 169-13, these connectors
feature screw couplings to ensure mating integrity
and snap coupling for ease of connection and
disconnection (New Push-Pull coupling will be
introduced in 1996).
The range of parts shown in this publication
includes plug and jack connectors for a variety of
cables, together with PCB styles and U links. Other
cable types and connector styles may be available
on request.
Mating Interfaces
JACK
PLUG


Similar Part No. - 051-428-3188

ManufacturerPart #DatasheetDescription
logo
ITT Industries
051-124-929991A ITT-051-124-929991A Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
051-124-937991A ITT-051-124-937991A Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
051-124-943991A ITT-051-124-943991A Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
051-124-9489C9A ITT-051-124-9489C9A Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
051-124-950991A ITT-051-124-950991A Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
More results

Similar Description - 051-428-3188

ManufacturerPart #DatasheetDescription
logo
ITT Industries
QT-BNC ITT-QT-BNC Datasheet
62Kb / 1P
   RF Coaxial Connectors
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
SSMB ITT-SSMB Datasheet
452Kb / 39P
   RF Coaxial Connectors
logo
Japan Aviation Electron...
SMB JAE-SMB Datasheet
370Kb / 9P
   COAXIAL CONNECTORS
logo
Murata Manufacturing Co...
MM8130-2600RB8 MURATA-MM8130-2600RB8 Datasheet
37Kb / 1P
   Coaxial Connectors
logo
Pasternack Enterprises,...
PE2PB1005 PASTERNACK-PE2PB1005 Datasheet
839Kb / 7P
   RF Coaxial GSG Probe
PE2PB1006 PASTERNACK-PE2PB1006 Datasheet
832Kb / 7P
   RF Coaxial GS Probe
PE2PB1007 PASTERNACK-PE2PB1007 Datasheet
828Kb / 7P
   RF Coaxial GS Probe
logo
DDK Ltd.
PSD-SJ-FCCAV1-SO DDK-PSD-SJ-FCCAV1-SO Datasheet
617Kb / 3P
   Small Coaxial Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com