Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D55-F72-6000A9A Datasheet(PDF) 6 Page - ITT Industries

Part # D55-F72-6000A9A
Description  1.0/2.3 RF Connector Series
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

D55-F72-6000A9A Datasheet(HTML) 6 Page - ITT Industries

Back Button D55-F72-6000A9A Datasheet HTML 2Page - ITT Industries D55-F72-6000A9A Datasheet HTML 3Page - ITT Industries D55-F72-6000A9A Datasheet HTML 4Page - ITT Industries D55-F72-6000A9A Datasheet HTML 5Page - ITT Industries D55-F72-6000A9A Datasheet HTML 6Page - ITT Industries D55-F72-6000A9A Datasheet HTML 7Page - ITT Industries D55-F72-6000A9A Datasheet HTML 8Page - ITT Industries D55-F72-6000A9A Datasheet HTML 9Page - ITT Industries D55-F72-6000A9A Datasheet HTML 10Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
RF Coaxial Connectors
www.ittcannon.com
Dimensions are shown in mm (inch)
Dimensions subject to change
6
50 1.0/2.3
50 W Printed Circuit Board Jacks
Right Angle Jack 0,95 Square Legs
All Couplings
(Packed in Trays of 100)
Straight Bulkhead Jack
0,95 Square Legs - All Couplings
(Packed in Trays of 100)
Part Number
D51-B51-9001GBA
Part Number
D51-B53-9004EAA
HOLE PATTERN
5,08
(.200)
5,08
(.200)
1,10
(.043)
1,50
4 HOLES
(.059)
7,40
(.291)
3,20
(.125)
3,60
(.141)
3.70
(.145)
15,90
(.625)
11,00
(.433)
0,95
(.037)
5,08
(.200)
0,90
(.035)
0,95
(.037)
M 5,5 x 0.5
4,15
(.163)
1,10
(.043)
5,08
(.200)
5,08
(.200)
6,00
(.236)
1,50
4 HOLES
(.059)
0,90
(.035)
PANEL 2,00 - 2,50
(.078 - .098)
HOLE PATTERN
M 5,5 x 0.5
12,00
(.472)
16,00
(.629)
19,50
(.767)
9,00
(.354)
4,15
(.163)
6,00
(.236)
7,00
(.275)
PANEL CUT OUT
4 x 0,95
(.037)
W


Similar Part No. - D55-F72-6000A9A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D55 ETC2-D55 Datasheet
121Kb / 2P
   Fire Annunciator
D55 ETC2-D55 Datasheet
45Kb / 8P
   Control/Communicators
logo
Vishay Siliconix
D55307 VISHAY-D55307 Datasheet
62Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor Surface Mount Chip
Revision: 28-Jul-10
D55342 VISHAY-D55342 Datasheet
62Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor Surface Mount Chip
Revision: 28-Jul-10
D55342 VISHAY-D55342 Datasheet
87Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor, Surface Mount Chip
Revision: 13-Mar-13
More results

Similar Description - D55-F72-6000A9A

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-2016691 TEC-C-2016691 Datasheet
174Kb / 1P
   RF CA,1.0-2.3 BULKHEAD TO UMCC GEN1 WITH 1.37CABLE
logo
Pasternack Enterprises,...
PE3C0441 PASTERNACK-PE3C0441 Datasheet
330Kb / 3P
   1.0/2.3 Jack Bulkhead to 1.0/2.3 Jack Bulkhead Cable Using RG316 Coax
logo
Amphenol Corporation
282134-75 AMPHENOL-282134-75 Datasheet
71Kb / 1P
   1.0/2.3/PCB RECEPTACLE SURFACE MOUNT
logo
Pasternack Enterprises,...
PE44243 PASTERNACK-PE44243 Datasheet
252Kb / 2P
   1.0/2.3 Plug Connector Crimp/Solder Attachment For RG58
PE9690 PASTERNACK-PE9690 Datasheet
257Kb / 3P
   SMA Male to 1.0/2.3 Jack Adapter
PE3C0441-60 PASTERNACK-PE3C0441-60 Datasheet
454Kb / 3P
   1.0/2.3 Jack Bulkhead to 1.0/2.3 Jack Bulkhead Cable 60 Inch Length Using RG316 Coax, RoHS
PE3C0441-72 PASTERNACK-PE3C0441-72 Datasheet
454Kb / 3P
   1.0/2.3 Jack Bulkhead to 1.0/2.3 Jack Bulkhead Cable 72 Inch Length Using RG316 Coax, RoHS
logo
Molex Electronics Ltd.
0731740290 MOLEX11-0731740290 Datasheet
59Kb / 1P
   50 Ohms, DIN 1.0/2.3 Jack, Straight
logo
Amphenol Corporation
282121-75 AMPHENOL-282121-75 Datasheet
66Kb / 1P
   1.0/2.3 PCB BULKHEAD RECEPTACLE - 75 OHM
logo
Pasternack Enterprises,...
PE3C0441-12 PASTERNACK-PE3C0441-12 Datasheet
453Kb / 3P
   1.0/2.3 Jack Bulkhead to 1.0/2.3 Jack Bulkhead Cable 12 Inch Length Using RG316 Coax, RoHS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com