Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7481 Datasheet(PDF) 5 Page - Analog Devices

Part # ADT7481
Description  Dual Channel Temperature Sensor and Over Temperature Alarm
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7481 Datasheet(HTML) 5 Page - Analog Devices

  ADT7481 Datasheet HTML 1Page - Analog Devices ADT7481 Datasheet HTML 2Page - Analog Devices ADT7481 Datasheet HTML 3Page - Analog Devices ADT7481 Datasheet HTML 4Page - Analog Devices ADT7481 Datasheet HTML 5Page - Analog Devices ADT7481 Datasheet HTML 6Page - Analog Devices ADT7481 Datasheet HTML 7Page - Analog Devices ADT7481 Datasheet HTML 8Page - Analog Devices ADT7481 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ADT7481
Rev. 0 | Page 5 of 24
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Positive Supply Voltage (VDD) to GND
−0.3 V to +3.6 V
D+
−0.3 V to VDD + 0.3 V
D− to GND
−0.3 V to +0.6 V
SCLK, SDATA, ALERT, THERM
−0.3 V to +3.6 V
Input Current, SDATA, THERM
−1 mA to +50 mA
Input Current, D−
±1 mA
ESD Rating, All Pins (Human Body Model)
1500 V
Maximum Junction Temperature (TJMAX)
150°C
Storage Temperature Range
−65°C to +150°C
IR Reflow Peak Temperature
220°C
IR Reflow Peak Temperature for Pb-Free
260°C
Lead Temperature (Soldering 10 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
10-lead MSOP package:
θJA = 142°C/W.
θJC = 43.74°C/W.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - ADT7481

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7481 ONSEMI-ADT7481 Datasheet
264Kb / 20P
   Dual Channel Temperature Sensor and Overtemperature Alarm
June, 2010 ??Rev. 5
ADT7481 ONSEMI-ADT7481 Datasheet
198Kb / 20P
   Dual Channel Temperature Sensor and Overtemperature Alarm
September, 2014 ??Rev. 8
ADT7481ARMZ ONSEMI-ADT7481ARMZ Datasheet
264Kb / 20P
   Dual Channel Temperature Sensor and Overtemperature Alarm
June, 2010 ??Rev. 5
ADT7481ARMZ-001 ONSEMI-ADT7481ARMZ-001 Datasheet
264Kb / 20P
   Dual Channel Temperature Sensor and Overtemperature Alarm
June, 2010 ??Rev. 5
ADT7481ARMZ-1R7 ONSEMI-ADT7481ARMZ-1R7 Datasheet
264Kb / 20P
   Dual Channel Temperature Sensor and Overtemperature Alarm
June, 2010 ??Rev. 5
More results

Similar Description - ADT7481

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7483A ONSEMI-ADT7483A Datasheet
316Kb / 24P
   Dual Channel Temperature Sensor and Over Temperature Alarm
February 2008 ??Rev. 1
logo
Analog Devices
ADT7483A AD-ADT7483A Datasheet
499Kb / 24P
   Dual Channel Temperature Sensor and Over Temperature Alarm
REV. 0
logo
ON Semiconductor
ADT7483A ONSEMI-ADT7483A_12 Datasheet
285Kb / 20P
   Dual Channel Temperature Sensor and Over Temperature Alarm
July, 2012 - Rev. 2
logo
Analog Devices
ADT7482 AD-ADT7482 Datasheet
543Kb / 24P
   Dual Channel Temperature Sensor and Overtemperature Alarm
REV. 0
logo
ON Semiconductor
ADT7481 ONSEMI-ADT7481 Datasheet
264Kb / 20P
   Dual Channel Temperature Sensor and Overtemperature Alarm
June, 2010 ??Rev. 5
ADT7482 ONSEMI-ADT7482 Datasheet
262Kb / 20P
   Dual Channel Temperature Sensor and Overtemperature Alarm
December, 2009 ??Rev. 3
ADT7481 ONSEMI-ADT7481_14 Datasheet
198Kb / 20P
   Dual Channel Temperature Sensor and Overtemperature Alarm
September, 2014 ??Rev. 8
logo
AVX Corporation
ND03 AVX-ND03 Datasheet
224Kb / 10P
   Alarm and temperature measurement application
logo
Maxim Integrated Produc...
MAX1619 MAXIM-MAX1619 Datasheet
304Kb / 20P
   Remote/Local Temperature Sensor with Dual- Alarm Outputs and SMBus Serial Interface
19-1483; Rev 0; 4/99
logo
Linear Technology
LTC2995 LINER-LTC2995 Datasheet
229Kb / 20P
   Temperature Sensor and Dual Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com