Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OXU121HP Datasheet(PDF) 7 Page - Oxford Semiconductor

Part # OXU121HP
Description  USB On-The-Go Full-Speed Host and High-Speed Peripheral Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXU121HP Datasheet(HTML) 7 Page - Oxford Semiconductor

Back Button OXU121HP Datasheet HTML 3Page - Oxford Semiconductor OXU121HP Datasheet HTML 4Page - Oxford Semiconductor OXU121HP Datasheet HTML 5Page - Oxford Semiconductor OXU121HP Datasheet HTML 6Page - Oxford Semiconductor OXU121HP Datasheet HTML 7Page - Oxford Semiconductor OXU121HP Datasheet HTML 8Page - Oxford Semiconductor OXU121HP Datasheet HTML 9Page - Oxford Semiconductor OXU121HP Datasheet HTML 10Page - Oxford Semiconductor OXU121HP Datasheet HTML 11Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
DS-0040 Aug 06
External--Free Release
7
Oxford Semiconductor, Inc.
OXU121HP Data Sheet
Note: 
The capacitances listed above do not include pad capacitance and package capacitance. 
One can estimate pin capacitance by adding pad capacitance of about 0.5 pF; and the 
package capacitance, which is about 0.86 pF max for QFP and 0.42 pF max for BGA.
Note: 
The VDD3.3A pin that corresponds to the regulator supply is QFP pin 81 and BGA pin B9.
Table 5 DC Characteristics, Logic Signals
Symbol
Parameter
Condition
Min
Max
Unit
VOL
Low-level output voltage
0.4
V
VOH
High-level output voltage
VDDW = 3.3 V
2.4
V
VDDW = 1.8 V
0.75*VDDW
V
VIL
Low-level input voltage
VDDW = 3.3 V
0.8
V
VDDW = 1.8 V
0.3*VDDW
V
VIH
High-level input voltage
VDDW = 3.3 V
2.0
V
VDDW = 1.8 V
0.7*VDDW
V
CIN
Input capacitance
2.2 (typical)
pF
COUT
Output capacitance
2.2 (typical)
pF
CBI
Bi-directional capacitance
2.2 (typical)
pF
IIN
Input leakage current
No pull up or pull down
-10
10
µA
Table 6 DC Characteristics, ID Resistance
Symbol
Parameter
Condition
Min
Max
Unit
RB-PLUG-ID
Resistance to ground on mini-B plug
100 K
RA-PLUG-ID
Resistance to ground on mini-A plug
10
Table 7 DC Characteristics, Regulator
Symbol
Parameter
Condition
Min
Max
Unit
RVout
Output voltage
Driving current <= 100 mA
1.8 (typical)
V
RIdrive
Driving current
VDD3.3A = 3.3 V
Output voltage = 1.8 V
150
mA
Rtst
Start-up time when enabled
VDD3.3A = 3.3 V
RVout = 1.62 V (90%)
25 (typical)
µs


Similar Part No. - OXU121HP

ManufacturerPart #DatasheetDescription
logo
Oxford Semiconductor
OXU140CM OXFORD-OXU140CM Datasheet
515Kb / 20P
   USB On-The-Go Full Speed Host, High Speed Peripheral with Multi-Storage Interface
OXU140CM-LQBG OXFORD-OXU140CM-LQBG Datasheet
515Kb / 20P
   USB On-The-Go Full Speed Host, High Speed Peripheral with Multi-Storage Interface
OXU140CM-PBBG OXFORD-OXU140CM-PBBG Datasheet
515Kb / 20P
   USB On-The-Go Full Speed Host, High Speed Peripheral with Multi-Storage Interface
More results

Similar Description - OXU121HP

ManufacturerPart #DatasheetDescription
logo
Oxford Semiconductor
OXU140CM OXFORD-OXU140CM Datasheet
515Kb / 20P
   USB On-The-Go Full Speed Host, High Speed Peripheral with Multi-Storage Interface
logo
Cypress Semiconductor
CY7C67200 CYPRESS-CY7C67200 Datasheet
618Kb / 98P
   EZ-OTG Programmable USB On-The-Go Host/Peripheral Controller
CY7C67200 CYPRESS-CY7C67200_13 Datasheet
1Mb / 92P
   EZ-OTG??Programmable USB On-The-Go Host/Peripheral Controller
logo
ATMEL Corporation
AT43USB380 ATMEL-AT43USB380 Datasheet
64Kb / 8P
   On-The-Go Upgrade of the AT43USB370 USB 2.0 Full-Speed Host/Function Processor
logo
Texas Instruments
TUSB6020 TI-TUSB6020_08 Datasheet
485Kb / 20P
[Old version datasheet]   USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
TUSB6020 TI-TUSB6020 Datasheet
230Kb / 12P
[Old version datasheet]   USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
logo
STMicroelectronics
STULPI01A STMICROELECTRONICS-STULPI01A_08 Datasheet
606Kb / 44P
   High speed USB On-The-Go ULPI transceiver
STULPI01A STMICROELECTRONICS-STULPI01A_12 Datasheet
1Mb / 44P
   High-speed USB On-The-Go ULPI transceiver
logo
NXP Semiconductors
ISP1505C NXP-ISP1505C Datasheet
393Kb / 76P
   ULPI Hi-Speed USB host and peripheral transceiver
Rev. 03-26 August 2008
logo
Cypress Semiconductor
CY7C64713 CYPRESS-CY7C64713_08 Datasheet
1Mb / 54P
   EZ-USB FX1??USB Microcontroller Full-speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com