Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C51-428-3196 Datasheet(PDF) 6 Page - ITT Industries

Part # C51-428-3196
Description  RF Coaxial Connectors
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

C51-428-3196 Datasheet(HTML) 6 Page - ITT Industries

Back Button C51-428-3196 Datasheet HTML 2Page - ITT Industries C51-428-3196 Datasheet HTML 3Page - ITT Industries C51-428-3196 Datasheet HTML 4Page - ITT Industries C51-428-3196 Datasheet HTML 5Page - ITT Industries C51-428-3196 Datasheet HTML 6Page - ITT Industries C51-428-3196 Datasheet HTML 7Page - ITT Industries C51-428-3196 Datasheet HTML 8Page - ITT Industries C51-428-3196 Datasheet HTML 9Page - ITT Industries C51-428-3196 Datasheet HTML 10Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
63
1.6/5.6
RF Coaxial Connectors
1.6 / 5.6
Coaxial Links
OTHER SIZES AVAILABLE ON REQUEST
U Link
Screw Coupling
Part Number
F50-A81-9001A90
U Link with Test Port
Part Number
F50-A81-9011A90


Similar Part No. - C51-428-3196

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
C51 ATMEL-C51 Datasheet
49Kb / 4P
   CAN Interfacing
logo
Powerbox
C5100 POWERBOX-C5100 Datasheet
880Kb / 2P
   5000 WATTS (AC) DC/D CSINGLE OUTPUT
logo
Beckhoff Automation Gmb...
C5102 BECKHOFF-C5102 Datasheet
154Kb / 1P
   19-inch slide-in Industrial PC
logo
Rohm
C5103 ROHM-C5103 Datasheet
170Kb / 4P
   High speed switching transistor (60V, 5A)
logo
Siemens Semiconductor G...
C511 SIEMENS-C511 Datasheet
692Kb / 43P
   8-Bit CMOS Microcontroller
More results

Similar Description - C51-428-3196

ManufacturerPart #DatasheetDescription
logo
ITT Industries
QT-BNC ITT-QT-BNC Datasheet
62Kb / 1P
   RF Coaxial Connectors
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
SSMB ITT-SSMB Datasheet
452Kb / 39P
   RF Coaxial Connectors
logo
Japan Aviation Electron...
SMB JAE-SMB Datasheet
370Kb / 9P
   COAXIAL CONNECTORS
logo
Murata Manufacturing Co...
MM8130-2600RB8 MURATA-MM8130-2600RB8 Datasheet
37Kb / 1P
   Coaxial Connectors
logo
Pasternack Enterprises,...
PE2PB1005 PASTERNACK-PE2PB1005 Datasheet
839Kb / 7P
   RF Coaxial GSG Probe
PE2PB1006 PASTERNACK-PE2PB1006 Datasheet
832Kb / 7P
   RF Coaxial GS Probe
PE2PB1007 PASTERNACK-PE2PB1007 Datasheet
828Kb / 7P
   RF Coaxial GS Probe
logo
DDK Ltd.
PSD-SJ-FCCAV1-SO DDK-PSD-SJ-FCCAV1-SO Datasheet
617Kb / 3P
   Small Coaxial Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com