Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3102E20-27SXF80 Datasheet(PDF) 3 Page - ITT Industries

Part # CA3102E20-27SXF80
Description  MIL-C-5015 Connectors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CA3102E20-27SXF80 Datasheet(HTML) 3 Page - ITT Industries

  CA3102E20-27SXF80 Datasheet HTML 1Page - ITT Industries CA3102E20-27SXF80 Datasheet HTML 2Page - ITT Industries CA3102E20-27SXF80 Datasheet HTML 3Page - ITT Industries CA3102E20-27SXF80 Datasheet HTML 4Page - ITT Industries CA3102E20-27SXF80 Datasheet HTML 5Page - ITT Industries CA3102E20-27SXF80 Datasheet HTML 6Page - ITT Industries CA3102E20-27SXF80 Datasheet HTML 7Page - ITT Industries CA3102E20-27SXF80 Datasheet HTML 8Page - ITT Industries CA3102E20-27SXF80 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
www.ittcannon.com
169
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-5015 Connectors
MS-E/F/R/ER
MS Alternate Insert Positions
Normal Position
Shell
Size
A
A
A
A
A
A
A
D(G)
A(all others)
A
A
A
A
A(A-L),B(R)
D(M-P)
A(C,E,G,J,K,L)
B(H,M), D(A,B)
A
A
D
E(A)
D(all others)
A
Inst. (A,B,h,j)
A(all others)
A
D
D
D
A(B,C)
D(A)
A
A
A
A
A
A
D
D (m)
A(all others)
A
A
D
A
D
A
D
D
E
E
E
B
D
A(A-D)
D(E)
A
A(A-C,E,F)
E(D)
D(A)
A(all others)
A(C-E)
D(all others)
A
A
A
D(H)
A(all others)
D(J)
A(all others)
A
D
A
D(A,G,H)
A(all others)
A
A
A
A
A
D
D
E
Inst.
D)A,E,J)
A(all others)
D
D
D
-
A
A
A
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
70
-
145
-
215
-
290
-
-
-
-
-
-
-
-
90
70
-
120
110
-
180
145
-
240
-
-
270
215
-
-
-
-
-
290
35
90
-
35
35
110
180
-
110
110
250
270
-
250
250
325
-
-
325
325
80
35
70
90
-
-
110
145
180
170
-
250
215
270
265
280
325
290
-
-
70
35
35
80
-
70
80
-
-
80
80
-
-
70
145
110
110
110
-
-
110
120
170
-
110
120
120
145
215
250
250
250
-
-
250
240
265
-
250
240
240
215
290
325
325
280
-
290
280
-
-
280
280
-
-
290
-
70
45
80
80
80
80
80
90
35
90
-
145
110
110
110
110
-
110
180
110
180
-
215
250
250
250
250
-
250
270
250
270
-
290
-
280
280
280
280
280
-
325
-
D
D
A
A
A
Inst.
Inst.
Inst.
A
A
A
A
A
A
A
A
D
A
A
A
A(B,C,F,G)
Inst.(all others)
D
D
D
B
A
Inst.
A
A
A
A
A
A
D
D
D
D
A(C-F)
D(A,B,G,H)
Inst.
A
A
A
A
A
A
1 #16
1 #16
2 #16
3 #16
1 #12
1 #16
2 #16
1 #8
3 #16
4 #16
5 #16
6 #16
3 #16
2 #16
2 #16
2 #12
3 #12
1 #4
2 #12
2 #12
7 #16
2 #16
3 #16
3 #16
5 #16
10 #16
2 #12
4 #16
1 #16
2 #12
1 #8
7 #16
1 #12
5 #16
2 #12
4 #12
5 #12
6 #16
3 #12
1 #8
4 #12
10 #16
3 #16
1 #0
3 #12
4 #12
8 #16
4 #16
2 #8
3 #12
2 #8
7 #12
7 #16
2 #12
1 #16
5 #12
6 #16
3 #12
3 #8
8S-1
20-22
20-23
20-24
20-27
20-29
20-33
All views are looking into front of pin insert of rear of socket insert.
A
B
28-10
28-11
28-12
28-15
28-16
28-17
28-19
28-20
28-21
28-22
32-1
32-6
32-7
32-8
32-9
32-15
32-17
36-4
36-5
36-6
36-7
36-8
36-9
36-10
36-14
36-15
40-10
40-56
44-1
48-5
3 #12
2 #8
2 #4
18 #16
4 #12
26 #16
35 #16
20 #16
15 #16
6 #16
4 #12
4 #16
10 #16
37 #16
3 #16
3 #4
3 #12
2 #0
16 #16
2 #12
3 #8
2 #4
28 #16
7 #12
24 #16
6 #12
12 #16
2 #4
2 #0
6 #12
4 #4
3 #0
4 #0
4 #4
2 #0
40 #16
7 #12
46 #16
1 #12
14 #16
14 #12
2 #8
1 #4
48 #16
6 #16
5 #12
5 #8
35 #16
16 #16
9 #8
4 #4
85 #16
36 #16
6 #12
90 #16
1 #8
9 #12
80
80
90
80
80
80
80
80
80
70
80
80
80
80
80
35
45
70
-
35
80
80
80
80
90
60
65
72
65
65
110
110
180
110
110
110
110
110
110
145
110
110
125
125
110
110
110
145
120
110
110
110
125
125
180
125
125
144
125
125
250
250
270
250
250
250
250
250
250
215
250
250
235
235
250
250
250
215
240
250
250
250
235
235
270
245
225
216
225
225
280
280
-
280
280
280
280
280
280
290
280
280
280
280
280
280
-
290
-
325
280
280
280
280
-
305
310
288
310
310
3 #16
3 #8
2 #8
2 #16
2 #8
14 #16
17 #16
11 #16
80
35
35
35
80
-
110
110
110
110
-
-
250
250
250
250
-
-
280
325
325
325
280
-
145
110
110
110
-
145
110
110
110
110
-
110
110
110
110
110
110
-
-
-
215
250
250
250
-
215
250
250
250
250
-
250
250
250
250
250
250
250
250
-
-
110
110
110
110
-
110
110
110
110
-
110
-
250
250
250
250
-
250
250
250
250
-
250
110
110
110
110
250
250
250
250
290
325
325
280
-
290
325
325
280
325
280
280
280
280
280
325
-
-
280
280
280
280
280
280
325
280
325
280
280
-
280
280
280
325
325
280
70
35
35
80
-
70
35
35
80
35
80
80
80
80
80
35
-
35
80
80
80
80
80
80
35
80
35
80
80
45
80
80
80
35
35
80
3 #8
2 #12
2 #8
4 #16
2 #12
1 #16
2 #8
1 #0
3 #12
4 #16
2 #16
3 #16
2 #8
1 #16
4 #12
19 #16
1 #16
5 #12
8 #16
1 #12
8 #16
14 #16
9 #16
4 #8
8 #12
8 #16
1 #8
7 #12
7 #12
16 #16
8 #12
14 #16
2 #12
2 #4
7 #8
6 #12
3 #8
3 #12
2 #4
9 #16
2 #12
4 #8
7 #16
24 #16
6 #12
3 #8
12 #16
2 #12
2 #4
6 #16
6 #12
22-2
22-4
22-5
22-6
22-7
22-9
22-10
22-11
22-12
22-13
22-14
22-15
22-17
22-18
22-19
22-20
22-22
22-23
22-27
22-28
24-2
24-5
24-6
24-7
24-9
24-10
24-11
24-12
24-20
24-22
24-27
24-28
28-1
28-2
28-7
28-9
10S-2
10SL-4
10SL-3
12-5
12S-4
12S-3
14-3
14S-1
14S-2
14S-5
14S-6
14S-7
14S-9
16-9
16-10
16-12
16-11
16-13
16S-1
16S-4
16S-5
16S-6
16S-8
18-1
18-3
18-4
18-5
18-7
18-8
18-9
18-10
18-11
18-12
18-13
18-15
18-19
18-22
20-2
20-3
20-4
20-7
20-8
20-14
20-15
20-16
20-17
20-18
20-19
* Not MSA/B insert arrangements and polarization.
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
8S
20
28
32
36
40
44
48
22
24
28
10S
12
12S
14
14S
16
16S
18
20
Wire
Size
Service Rating
Alternate Positions-Degrees
W
X
Y
Z
Contact
Arrange-
ment
Shell
Size
Wire
Size
Service Rating
Alternate Positions-Degrees
W
X
Y
Z
Contact
Arrange-
ment
Shell
Size
Wire
Size
Service Rating
Alternate Positions-Degrees
W
X
Y
Z
Contact
Arrange-
ment
Position W
Position X
Position Y
Position Z


Similar Part No. - CA3102E20-27SXF80

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3102E INTERSIL-CA3102E Datasheet
115Kb / 11P
   Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
November 1999
CA3102E INTERSIL-CA3102E Datasheet
271Kb / 11P
   Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
logo
Renesas Technology Corp
CA3102E RENESAS-CA3102E Datasheet
568Kb / 11P
   Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
logo
ITT Industries
CA3102E10SL4PB ITT-CA3102E10SL4PB Datasheet
205Kb / 1P
   Box mounting receptacle
CA3102E14S-2PBA232 ITT-CA3102E14S-2PBA232 Datasheet
204Kb / 1P
   Box mounting receptacle Solder Cup / Pin / Layout: 14S-2
More results

Similar Description - CA3102E20-27SXF80

ManufacturerPart #DatasheetDescription
logo
ITT Industries
5015 ITT-5015 Datasheet
645Kb / 15P
   MIL-C-5015 Connectors
025-0458-000 ITT-025-0458-000 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
Glenair, Inc.
M24758-9C11 GLENAIR-M24758-9C11 Datasheet
54Kb / 2P
   Adapter for MS3100 Series MIL-C-5015 Connectors
logo
ITT Industries
031-0560-121 ITT-031-0560-121 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
031-0560-161 ITT-031-0560-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
Dialight Corporation
031-0560-161 DIALIGHT-031-0560-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
031-0554-161 DIALIGHT-031-0554-161 Datasheet
583Kb / 6P
   MIL-C-5015 BULKHEAD RECEPTACLES
logo
Amphenol Corporation
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
logo
Dialight Corporation
031-0560-121 DIALIGHT-031-0560-121 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
ITT Industries
031-0554-161 ITT-031-0554-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com