Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3052ARTFR Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM3052ARTFR
Description  24-BIT, 96-kHz STEREO AUDIO CODEC WITH MICROPHONE AMPLIFIER, BIAS, MUXTIPLEXER, AND PGA
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3052ARTFR Datasheet(HTML) 3 Page - Burr-Brown (TI)

  PCM3052ARTFR Datasheet HTML 1Page - Burr-Brown (TI) PCM3052ARTFR Datasheet HTML 2Page - Burr-Brown (TI) PCM3052ARTFR Datasheet HTML 3Page - Burr-Brown (TI) PCM3052ARTFR Datasheet HTML 4Page - Burr-Brown (TI) PCM3052ARTFR Datasheet HTML 5Page - Burr-Brown (TI) PCM3052ARTFR Datasheet HTML 6Page - Burr-Brown (TI) PCM3052ARTFR Datasheet HTML 7Page - Burr-Brown (TI) PCM3052ARTFR Datasheet HTML 8Page - Burr-Brown (TI) PCM3052ARTFR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PCM3052A
SLES160 – NOVEMBER 2005
All specifications at T
A = 25°C, VCC1 = VCC2 = VCC3 = 5 V, VDD = 3.3 V, fS = 48 kHz, SCKI = 256 fS, 24-bit data, unless
otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUT/OUTPUT – DATA FORMAT
Audio data interface format
I2S
Audio data bit length
24
Bits
Audio data format
MSB-first, 2s complement
Sampling frequency, ADC
16
48
96
kHz
fS
Sampling frequency, DAC
16
48
96
kHz
System clock frequency
256 fS
4
25
MHz
INPUT LOGIC
VIH(1)
2
VDD
Input logic level
VDC
VIL(1)
0.8
VIH(2)(3)
2
5.5
Input logic level
VDC
VIL(2) (3)
0.8
IIH(2)
VIN = VDD
±10
Input logic current
µA
IIL(2)
VIN = 0 V
±10
IIH(1)(3)
VIN = VDD
65
100
Input logic current
µA
IIL(1) (3)
VIN = 0 V
±10
OUTPUT LOGIC
VOH(4)
IOUT = –4 mA
2.8
VDC
VOL(4)(5)
IOUT = 4 mA
0.5
Output logic level
VOH(6)
IOUT = –0.3 mA
4.5
VDC
VOL(6)
IOUT = 0.3 mA
0.5
MICROPHONE AMPLIFIER
Input level
Single-ended
1
15
mVrms
Gain
Single-ended
40
dB
Input resistance
Single-ended
5
6
k
Frequency response
–3 dB
20
kHz
SNR
1-kHz, 100-mVrms output
59
dB
THD+N
1-kHz, 1-Vrms output
–77
dB
MICROPHONE BIAS GENERATOR
0.75 VCC1
0.75 VCC1
Output voltage
IOUT = –1 mA
0.75 VCC1
V
– 0.15
+ 0.15
Output source current
1
mA
Output impedance
48
Output noise voltage
100 Hz–20 kHz, with 10-
µF
1.8
µVrms
decoupling
REFERENCE OUTPUT
0.5 VCC1
0.5 VCC1
Output voltage
IOUT = ±10 mA
0.5 VCC1
V
– 0.15
+ 0.15
Output source/sink current
10
mA
Output impedance
6
Output noise voltage
100 Hz–20 kHz, with 10-
µF
1.8
µVrms
decoupling
(1)
Pins 10, 11: LRCK, BCK (Schmitt-trigger input with 50-k
Ω typical internal pulldown resistor)
(2)
Pins 12, 17, 18, 19, 21: DIN, SCKI, SDA, SCL, I2CEN (Schmitt-trigger input, 5-V tolerant)
(3)
Pins 9, 20 : PDWN, ADR (Schmitt-trigger input with 50-k
Ω typical internal pulldown resistor, 5-V tolerant).
(4)
Pins 13, 14: DOUT, DOUTS
(5)
Pin 18: SDA (Open-drain LOW output)
(6)
Pin 3: L/M
3


Similar Part No. - PCM3052ARTFR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM3000 BURR-BROWN-PCM3000 Datasheet
212Kb / 21P
   Stereo Audio CODEC 18-BITS, SERIAL INTERFACE TM
logo
Texas Instruments
PCM3000 TI1-PCM3000 Datasheet
626Kb / 40P
[Old version datasheet]   SINGLE-ENDED ANALOG INPUT/OUTPUT
logo
Burr-Brown (TI)
PCM3000E BURR-BROWN-PCM3000E Datasheet
212Kb / 21P
   Stereo Audio CODEC 18-BITS, SERIAL INTERFACE TM
logo
Texas Instruments
PCM3000E TI1-PCM3000E Datasheet
626Kb / 40P
[Old version datasheet]   SINGLE-ENDED ANALOG INPUT/OUTPUT
PCM3000E/2K TI1-PCM3000E/2K Datasheet
626Kb / 40P
[Old version datasheet]   SINGLE-ENDED ANALOG INPUT/OUTPUT
More results

Similar Description - PCM3052ARTFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
[Old version datasheet]   24-Bit 96 kHz Stereo Audio Codec
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
[Old version datasheet]   24-BIT 96 kHz STEREO AUDIO CODEC
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
   24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Texas Instruments
PCM3010DBRG4 TI1-PCM3010DBRG4 Datasheet
616Kb / 35P
[Old version datasheet]   24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
logo
Analog Devices
ADAU1361BCPZ AD-ADAU1361BCPZ Datasheet
863Kb / 80P
   Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
Rev. C
ADAU1961 AD-ADAU1961 Datasheet
985Kb / 76P
   Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. A
logo
Cirrus Logic
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
logo
Analog Devices
ADAU1461 AD-ADAU1461 Datasheet
1Mb / 88P
   SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. 0
ADAU1761 AD-ADAU1761 Datasheet
1Mb / 92P
   SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com