Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD330 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BD330
Description  PNP power transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BD330 Datasheet(HTML) 4 Page - NXP Semiconductors

  BD330 Datasheet HTML 1Page - NXP Semiconductors BD330 Datasheet HTML 2Page - NXP Semiconductors BD330 Datasheet HTML 3Page - NXP Semiconductors BD330 Datasheet HTML 4Page - NXP Semiconductors BD330 Datasheet HTML 5Page - NXP Semiconductors BD330 Datasheet HTML 6Page - NXP Semiconductors BD330 Datasheet HTML 7Page - NXP Semiconductors BD330 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1999 Apr 26
4
Philips Semiconductors
Product specification
PNP power transistor
BD330
PACKAGE OUTLINE
UNIT
bp
cD
E
e1
LQ
w
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.88
0.65
2.7
2.3
0.60
0.45
11.1
10.5
7.8
7.2
2.29
e
4.58
0.254
P
3.2
3.0
P1
3.9
3.6
DIMENSIONS (mm are the original dimensions)
Note
1. Terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities.
16.5
15.3
1.5
0.9
L1(1)
max
2.54
SOT32
TO-126
97-03-04
0
2.5
5 mm
scale
A
Plastic single-ended leaded (through hole) package; mountable to heatsink, 1 mounting hole; 3 leads
SOT32
D
P1
P
E
e1
A
L
Q
c
bp
12
3
L1
w M
e


Similar Part No. - BD330

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BD330 SIEMENS-BD330 Datasheet
85Kb / 3P
   NPN SILICON PLANAR TRANSISTOR
BD330 SIEMENS-BD330 Datasheet
87Kb / 3P
   PNP SILICON PLANAR TRANSISTOR
logo
Inchange Semiconductor ...
BD330 ISC-BD330 Datasheet
245Kb / 2P
   isc Silicon PNP Power Transistor
More results

Similar Description - BD330

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BD830 PHILIPS-BD830 Datasheet
44Kb / 8P
   PNP power transistor
1999 Apr 21
logo
Seme LAB
BDX16AA SEME-LAB-BDX16AA Datasheet
41Kb / 2P
   PNP POWER TRANSISTOR
logo
Solid States Devices, I...
TR0015H SSDI-TR0015H Datasheet
149Kb / 3P
   PNP Power Transistor
logo
Shenzhen Luguang Electr...
2SC3998 LUGUANG-2SC3998 Datasheet
511Kb / 3P
   PNP Power Transistor
Revision:20220728-P1
logo
Solid States Devices, I...
TR0015H SSDI-TR0015H_15 Datasheet
149Kb / 3P
   PNP Power Transistor
logo
STMicroelectronics
BD442 STMICROELECTRONICS-BD442 Datasheet
150Kb / 9P
   PNP power transistor
logo
TAITRON Components Inco...
2SB817E TAITRON-2SB817E Datasheet
217Kb / 3P
   Power Transistor (PNP)
logo
Shenzhen Jingdao Electr...
B647 JINGDAO-B647 Datasheet
49Kb / 3P
   PNP Power Transistor
logo
Solid States Devices, I...
TR0013A SSDI-TR0013A Datasheet
62Kb / 2P
   PNP POWER TRANSISTOR
logo
NXP Semiconductors
BD231 PHILIPS-BD231 Datasheet
44Kb / 8P
   PNP power transistor
1999 Apr 21
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com