Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7401YRWZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD7401YRWZ
Description  Isolated Sigma-Delta Modulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7401YRWZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7401YRWZ Datasheet HTML 4Page - Analog Devices AD7401YRWZ Datasheet HTML 5Page - Analog Devices AD7401YRWZ Datasheet HTML 6Page - Analog Devices AD7401YRWZ Datasheet HTML 7Page - Analog Devices AD7401YRWZ Datasheet HTML 8Page - Analog Devices AD7401YRWZ Datasheet HTML 9Page - Analog Devices AD7401YRWZ Datasheet HTML 10Page - Analog Devices AD7401YRWZ Datasheet HTML 11Page - Analog Devices AD7401YRWZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD7401
Rev. 0 | Page 8 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VDD1 1
VIN+ 2
VIN3
NC 4
GND2
16
NC
15
VDD2
14
MCLKIN
13
NC 5
NC
12
NC 6
MDAT
11
VDD1 7
NC
10
GND1 8
GND2
9
NC = NO CONNECT
AD7401
TOP VIEW
(Not to Scale)
Figure 5. 16-Lead SOIC_W Pin Configuration
Table 8. 16-Lead SOIC_W Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 7
VDD1
Supply Voltage, 4.5 V to 5.25 V. This is the supply voltage for the isolated side of the AD7401 and is relative to GND1.
2
VIN+
Positive Analog Input. Specified range of ±200 mV.
3
VIN
Negative Analog Input. Normally connected to GND1.
4 to 6, 10,
12, 15
NC
No Connect.
8
GND1
Ground1. This is the ground reference point for all circuitry on the isolated side.
9, 16
GND2
Ground2. This is the ground reference point for all circuitry on the nonisolated side.
11
MDAT
Serial Data Output. The single bit modulator output is supplied to this pin as a serial data stream.
The bits are clocked out on the rising edge of the MCLKIN input and valid on the following MCLKIN rising edge.
13
MCLKIN
Master Clock Logic Input. 16 MHz maximum. The bit stream from the modulator is valid on the rising edge of MCLKIN.
14
VDD2
Supply Voltage. 3 V to 5.5 V. This is the supply voltage for the nonisolated side and is relative to GND2.


Similar Part No. - AD7401YRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7401YRWZ AD-AD7401YRWZ Datasheet
460Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. A
AD7401YRWZ AD-AD7401YRWZ Datasheet
422Kb / 18P
   Isolated Sigma-Delta Modulator
Rev. F
AD7401YRWZ-REEL AD-AD7401YRWZ-REEL Datasheet
460Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. A
AD7401YRWZ-REEL AD-AD7401YRWZ-REEL Datasheet
422Kb / 18P
   Isolated Sigma-Delta Modulator
Rev. F
AD7401YRWZ-REEL7 AD-AD7401YRWZ-REEL7 Datasheet
460Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. A
More results

Similar Description - AD7401YRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
   Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. D
AD7400 AD-AD7400 Datasheet
951Kb / 10P
   Isolated Sigma-Delta Modulator
Rev. PrH
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. G
AD7401 AD-AD7401_V01 Datasheet
422Kb / 18P
   Isolated Sigma-Delta Modulator
Rev. F
AD7401A AD-AD7401A Datasheet
436Kb / 20P
   Isolated Sigma-Delta Modulator
REV. 0
AD7400 AD-AD7400_06 Datasheet
444Kb / 20P
   Isolated Sigma-Delta Modulator
REV. A
AD7401_0612 AD-AD7401_0612 Datasheet
460Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. A
AD7400A AD-AD7400A Datasheet
326Kb / 19P
   Isolated Sigma-Delta Modulator
Rev. PrA
AD7400A AD-AD7400A_V01 Datasheet
400Kb / 18P
   Isolated Sigma-Delta Modulator
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com